Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
 

To Download 2SC4081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification silicon epit axial planar t r ansistor 2SC4081 f 002 www . g m i croel ec.com r e v . a 1 fea t ures z excellent h fe linearity . z complements the 2a1576a applica t ions z npn silicon epit axial pla nar t r ansistor . sot - 323 ordering informa t ion t y pe no. marking packag e code 2SC4081 bq/br/bs sot - 323 maximum ra ting @ t a =25 unless oth e rwise specified s y mbol parameter value units v cbo collector-ba s e voltage 60 v v ceo collector-emitter voltage 50 v v ebo emitter-base voltage 6 v i c collector cur r ent -contin u ous 150 ma p c collector dissipation 200 mw t j, t stg junction and storage temperatur e -55 to +150 pb lead-free http://
production specification silicon epit axial planar t r ansistor 2SC4081 f 002 www . g m i croel ec.com r e v . a 2 electrical characteristics @ t a =25 unless otherwise specified parameter symbol test conditions min typ max unit collector-ba s e breakdow n voltage v (br)cbo i c =50 a,i e =0 60 v collector-em i tter breakdo wn voltage v (br)ceo i c =1ma,i b =0 50 v emitter-base breakdow n voltage v (br)ebo i e =50 a,i c =0 6 v collector cut-off current i cbo v cb =60v ,i e =0 0.1 a emitter cut-off current i ebo v eb =6v , i c =0 0.1 a dc c u rrent g a in h fe v ce =6v , i c =1ma 120 560 collector-em i tter saturation voltage v ce(sa t ) i ce =50ma,i b =5ma 0.4 v transition frequency f t v ce =12v, i c = 2ma,f=30mhz 180 mhz collector output capacitance c ob v cb =12v,i e =0,f=1mhz 3.5 pf classifica tion of h fe rank q r s range 120-270 180-390 270-560 marking bq br bs
production specification silicon epit axial planar t r ansistor 2SC4081 f 002 www . g m i croel ec.com r e v . a 3 typical characteristics @ ta=25 unless otherwise specified
production specification silicon epit axial planar t r ansistor 2SC4081 f 002 www . g m i croel ec.com r e v . a 4 p a ckag e outli n e plastic surfa c e mounted p a ckage sot - 323 soldering footprint u n it : mm p a ckag e info rma t io n sot - 323 dim min max a 1.8 2.2 b 1.15 1.35 c 1.0t ypical d 0.15 0.35 e 0.25 0.40 g 1.2 1.4 h 0.02 0.1 j 0.1t ypical k 2.2 2.4 all dimensions in mm device package shipping 2SC4081 sot-323 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of 2SC4081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X