Part Number Hot Search : 
SVD8N60F SRP5001S CS8430 MF646 BA221 1008CR18 300A1 1N2815
Product Description
Full Text Search
 

To Download 100200630002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abspulrichtung - reel off direction 330 verpackungseinheit: 220 stck verpackt im gurt nach din iec 60286-3 tape on reel packaging according to din iec 60286-3 packaging unit: 220 pcs 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm ansaughaube hood 0,5 8,95 11 12,15 0,6 13,8 0,65 15,95 2,75 a1 16 32 leiterplatten-layout / pcb-layout 9 0,7 0,8 0,85 0,9 0,85 0,03 11 0,8 0,65 4 x 2 = 8 2 1,5 3 2,6 3 x 3 = 0,75 4,45 4,6 5,85 15,3 1,5 0,8 3,675 a1 without hood ohne ansaughaube a5 8 4 x 2 = 2 l index contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a4 class k 07.02.2014 mspeed male con. smd, powerm. 10mm messerleiste smd, powerm. 10mm 100200630002 www.erni.com copyright by erni gmbh before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: 5:1 all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date 12,15


▲Up To Search▲   

 
Price & Availability of 100200630002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X