shielded power inductors C xal1010 document 804-1 document 804-1 revised 01/08/13 inductance 2 dcr (mohms) 3 srf typ 4 isat 5 irms (a) 6 part number 1 20% (h) typ max (mhz) (a) 20c rise 40c rise xal1010-221me_ 0.22 0.45 0.50 115 98.8 41.0 55.5 xal1010-451me_ 0.45 0.65 0.72 66 70.5 40.0 53.0 xal1010-681me_ 0.68 0.87 0.96 53 62.0 36.0 48.0 XAL1010-102ME_ 1.0 1.00 1.10 42 55.0 32.0 43.5 xal1010-152me_ 1.5 1.60 1.76 33 36.6 31.0 40.5 xal1010-222me_ 2.2 2.55 2.80 22 34.0 24.5 32.0 xal1010-332me_ 3.3 3.70 4.10 21 27.4 18.2 25.0 xal1010-472me_ 4.7 5.20 5.70 19 25.4 17.5 24.0 xal1010-562me_ 5.6 6.30 6.93 16 23.6 15.7 21.2 xal1010-682me_ 6.8 8.10 8.90 14 21.8 14.0 18.5 xal1010-822me_ 8.2 11.70 12.90 12 18.3 12.9 17.1 xal1010-103me_ 10 13.40 14.75 11 17.5 11.5 15.5 xal1010-153me_ 15 16.90 18.60 9 15.5 9.9 13.8 1. when ordering, please specify termination and packaging coded: xal1010-153med termination: e = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (300 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops 30% (typ) from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. core material composite core and winding loss see www.coilcraft.com/coreloss environmental rohs compliant, halogen free terminations rohs compliant tin-silver (96.5/3.5) over copper. other terminations available at additional cost. weight 5.7 C 6.3 g ambient temperature C40c to +125c with i rms current, +125c to +165c with derated current. storage temperature component: C40c to +165c. tape & reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 300/13 reel plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing, 10.21 mm pocket depth pcb washing only pure water or alcohol recommended ? high current C up to 98.8 a ? very low dcr C 0.33 mohms ? soft saturation makes them ideal for vrm/vrd applications. i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
shielded power inductors C xal1010 document 804-2 document 804-2 revised 01/08/13 typical l vs current 0 0 0.2 0.1 0.3 0.4 10 20 30 50 60 70 80 90 40 current (a) inductance (h) 0.22 h 100 01 02 03 05 06 07 08 09 0 40 0 0.2 0.1 0.4 0.5 0.3 0.6 current (a) inductance (h) 0.45 h 01 02 03 05 06 07 0 40 80 0 0.4 0.2 0.8 0.6 1.2 1.4 1.0 1.6 current (a) inductance (h) 1.0 h 01 02 03 05 0 40 60 0 0.4 0.8 1.2 1.6 2.0 current (a) inductance (h) 1.5 h 01 02 03 05 0 40 60 0 1.0 0.5 2.0 1.5 3.0 3.5 2.5 4.0 current (a) inductance (h) 2.2 h 3.3 h 0 1 2 3 4 5 current (a) inductance (h) 01 0 51 52 02 53 03 55 0 40 45 5 0 0 1 2 3 4 5 6 10 15 20 25 35 40 45 50 30 current (a) inductance (h) 4.7 h 01 02 03 05 06 07 0 40 80 0 0.4 0.2 0.8 0.6 1.0 1.2 current (a) inductance (h) 0.68 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
shielded power inductors C xal1010 document 804-3 document 804-3 revised 01/08/13 typical l vs current 0 0 8 6 4 2 10 12 24 61 01 21 41 61 82 0 8 current (a) inductance (h) 8.2 h 0 8 4 12 16 current (a) inductance (h) 10 h 02 46 81 4 12 16 18 20 10 0 2 4 6 8 10 current (a) inductance (h) 5.6 h 5 01 02 02 53 0 15 0 2 4 6 8 10 current (a) inductance (h) 6.8 h 5 01 02 02 53 0 15 0 4 8 12 16 20 current (a) inductance (h) 15 h 02 46 81 4 12 16 18 20 10 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
shielded power inductors C xal1010 document 804-4 document 804-4 revised 01/08/13 dimensions are in inches mm typical l vs frequency irms derating -40 -20 02 04 06 08 0 100 180 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c 0.1 1 10 100 0.1 1 100 10 inductance (h) frequenc y (mhz) 0.22 h 0.45 h 0.68 h 1.0 h 1.5 h 2.2 h 4.7 h 6.8 h 10 h 15 h xxx 0.445 0.02 0 11,3 0,5 0.394 0.020 10,0 0,5 0.394 10,0 0.0870.004 2,20 0,10 0.175 0.010 4,45 0,25 0.094 2,38 r ecommende d land p attern dash number a (see table) b (see table) max 0.344 8,74 typ 0.262 6,65 a dash b number (in / mm) (in / mm) -221 0.394 / 10 0.445 / 11.31 -451 0.394 / 10 0.445 / 11.31 -681 0.394 / 10 0.445 / 11.31 -102 0.394 / 10 0.445 / 11.31 -152 0.386 / 9.8 0.421 / 10.71 -222 0.370 / 9.4 0.398 / 10.11 -332 0.354 / 9.0 0.374 / 9.51 -472 0.354 / 9.0 0.374 / 9.51 -562 0.354 / 9.0 0.374 / 9.51 -682 0.346 / 8.8 0.362 / 9.21 -822 0.335 / 8.5 0.351 / 8.91 -103 0.335 / 8.5 0.351 / 8.91 -153 0.335 / 8.5 0.351 / 8.91 0.016 in 0,40 mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
|