Part Number Hot Search : 
M62003P ZMM5241 TM32F VCSP50L 2SJ46407 FR2KL FRS14 2SC460
Product Description
Full Text Search
 

To Download UVDRIVE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30.06.2011 UVDRIVE 1 / 2 UVDRIVE dc power supply for uvtop/uvlux leds UVDRIVE is a continuously adjustable constant current power supply s pecifically designed to operate the uvtop and uvlux uv leds. the adjacent current c an directly be monitored on the lcd display. UVDRIVE comes with 110/240 vac power supply and le d cable and fixture for ease of operation. specifications parameter value input power 15 vdc power supply 110/240 vac max. output current UVDRIVE-50 50 +/- 15ma max. output current UVDRIVE-80 80 +/- 15ma max. output current UVDRIVE-180 180 +/- 15ma operating temperature +10 ? +30 c storage temperature -20 ? +50 c dimensions 145x83x65 mm3 operation
30.06.2011 UVDRIVE 2 / 2 1. make sure the power switch is in the off position. 2. connect the led cable to the led connector 3. insert the led into the receptacle of led fixture (polarity is marked on the fixture) 4. insert the plug of the 15 vdc power supply into the 15vdc socket on the left side of the unit 5. turn the current regulator fully counterclockwise 6. switch the power switch to on 7. turn the current regulator clockwis e while monitoring the current disply 8. do not exceed current value as spec ified in the respective led?s datasheet general advice uv-radiation uvtop and uvlux devices are ultraviolet leds. during operation, the le d emit high intensity ultraviolet (uv) light, which is harmful to skin and eyes. uv light is hazardous to skin and may cause cancer . avoid exposure to uv light when the led is operational. precautions must be taken to avoid looking directly at the uv light without the use of uv protective glasses. do not look di rectly at the front of the led or at the leds lens when the led is operational. it is advised, to attach a warning labe l on products/systems that utilize uv leds: static electricity uvtop and uvlux leds are esd (electrostatic disc harge) sensitive. static electricity and surge voltages seriously damage uv leds an may resu lt in complete failure of the device. precautions must be taken against esd when handling or operating these devices.


▲Up To Search▲   

 
Price & Availability of UVDRIVE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X