Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download UV-TIAMO-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 uv - tiamo - m description the uv - tiamo dev ices are using modern hybride technology to cancel unwanted signal disturbances caused by moisture or electromagnetic radiation. the stable 0?5v output voltage can be directly connected to a spc controller or a voltage multimeter. no external amplifier is needed. the photodetectors work with a sic sensing chip. sic provides the unique property of extreme radiation hardness, near - perfect visible blindness, low dark current, high speed and lo w noise. these features make sic the best available material for visible blind semiconductor uv detectors. maximum ratings (t = 25c ) parameter symbol values unit min. max. operating temperature t opr - 2 5 + 85 c storage temperature t stg - 40 + 1 00 c soldering temperature (max. 3 s) t sol + 300 c general ch aracteristics (t = 25c ) parameter symbol values unit min. * typ. * max. * supply voltage v supply 2.5 5.0 v saturation voltage v sat v supply - 5% v dark offset voltage v offset 50 v current consumption i 150 a bandwidth ( - 3 db) 15 hz risetime (10 - 90 %) (other ris e times on demand) t rise 0,0 69 s temperature coefficient t c - 0. 3 %/k spectral c haracteristics (t = 25c ) parameter symbol values unit min. * typ. * max. * sensitivity at peak s max 280 mv/nw/cm 2 wavelength of max. spectral sens . max 29 0 nm sensit ivity range (s=0.1*s max ) - 227 36 0 nm visible blindness (s max / s >405nm ) vb 10 10 - v 3.0
www.roithner - laser.com 2 performance characteristic s normalized spectral responsivity [a.u.] viewing angle product portfolio we offer the following amplified uv photodetectors: option approx. min irradiance approx. max irradiance (v supply = 5v) uv - tiamo - bl 1.8 pw/cm 2 18 nw/cm 2 uv - tiamo 1.8 nw/cm 2 18 w/cm 2 uv - tiamo - s 1.8 w/cm 2 18 mw/cm 2 uv - tiamo - m 18 w/cm 2 180 mw/cm 2 uv photodiodes without amplifier and different spectral sensitivities are available. falls ben?tigt? falls ben?tigt?
www.roithner - laser.com 3 outline dimensions to 5 with concentrator lens cap all dimensions in mm c onnection diagram application note to make the photod iode running reliably, particularly in harsh environment, emc compatibility and protection against dust, water, and mechanical influences is required. below listed modules base on a sic photodiode and guarantee this protection and safety. uv - probe: sic based sensor modules in customizable industry grade housings (e.g. cosine response, water pressure proof, sapphire windows) and different electronic output configurations (voltage, current, usb, can, lan) to choose from . ? ask us for further details! ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice +2.5...5 vdc the detector is to be supplied with a voltage of v supply =2.5...5vdc between pin vs and pin gnd . the voltage output signal is measured between pin out and pin gnd. please note that the theoretic maximum signal output is always a little less (approx. 5%) than the supply voltage. caution! wrong wiring leads to immediate destruction of the device.


▲Up To Search▲   

 
Price & Availability of UV-TIAMO-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X