Part Number Hot Search : 
B5NC90Z CM6807CR FST16244 HC1G14 364084 128AXC P6KE1 TGA45
Product Description
Full Text Search
 

To Download U024003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb 2.0 hi-speed extension cable (a m/f) 3-ft. model number: u024-003 description this 3-ft usb gold extension cable is manufactured using usb2.0 cable. it is designed specifically for use with usb 2.0 a/b device cables. this cable is backwards compatible and can also be used with the older usb 1.1 cables. made with superior foil shielding for reliable error-free data communications. features gold plated connectors and gold plated copper contacts for superior conductivity. the cable is manufactured with molded connectors and integral strain relief for extra durability and long life. the significantly faster data transfer rates of usb 2.0 (up to 480 mbps) makes it perfect for multimedia applications. features supports faster data transfer rates (1.5 to 480 mbps) for low speed and high speed devices including multimedia applications premium double-shielded cables with tinned copper braid and aluminum mylar foil feature twisted 28/24 awg data lines gold plated connectors provide superior conductivity extend distances of the fast usb 2.0 with this extension cable specifications overview cable type usb output usb charging no input cable length (ft.) 3 cable length (m) 0.91 highlights extend distances of usb 2.0 cables with this extension cable supports faster data transfer rates (1.5 to 480 mbps) for low speed and high speed devices, especially multimedia applications premium double-shielded cables with tinned copper braid and aluminum mylar foil feature twisted 28/24 awg data lines gold plated connectors provide superior conductivity system requirements any device requiring a longer usb cable package includes 6-ft usb 2.0 gold extension cable (usb a m/f) 1 / 2
physical color black connections connector a usb a (male) connector b usb a (female) special features chromebook compatible yes certifications certifications rohs-compliant warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of U024003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X