Part Number Hot Search : 
TLP62 ER07AEJ LC73872M ADV71 HC908 LV8402GP FFCR55S0 TPQA05
Product Description
Full Text Search
 

To Download TS9001XCX5RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts9001 series 300ma cmos ldo with enable 1/6 version: c12 sot - 25 general description the ts9001 series is a positive voltage linear regu lator developed utilizing cmos technology featured low quiescent current (30ua typ.) ,low dropout voltage, and high output voltage accuracy, making them idea l for battery applications. the chip enable (ce) includes a cmos or ttl compatible input allows the output to be tur ned off to prolong battery life. the ts9001 series is included a precision voltage reference, error correction ci rcuit, a current limited output driver, over temperature shutdown, a nd a reference bypass pin to improve its already ex cellent low- noise performance. features dropout voltage typically 0.4v@ io=300ma (vo>2.5v) output current up to 300ma low power consumption output voltage 2% internal current limit and thermal shutdown thermal shutdown protection ordering information note: where x denotes voltage option, available are k =2.5v, s =3.3v . part no. package packing ts9001 x cx5 rf sot-25 3kpcs / 7 reel applications palmtops video recorders battery powered equipment pc peripherals high-efficiency linear power supplies digital signal camera block diagram typical application circuit en (pin 3) may be connected directly to v in (pin1) low noise operation: c byp =470uf, c out >2.2uf basic operation: c byp =not used, c out >1uf pin definition : 1. input 2. ground 3. enable 4. bypass 5. output c out 2.2uf c byp 470uf on off en v out v in
ts9001 series 300ma cmos ldo with enable 2/6 version: c12 absolute maximum rating parameter symbol limit unit input supply voltage vin +7 v enable input voltage vce gnd-0.3 ~ vin+0.3 v output current io pd / (vin C vout) power dissipation p d 380 mw thermal resistance ? ja 260 o c/w operating junction temperature range tj -40 ~ +150 o c storage temperature range t stg -65 ~ +150 o c lead soldering temperature (260 o c) 5 s notes: stress above the listed absolute rating may cause permanent damage to the device. electrical characteristics (ta = 25 o c, io=1ma, cout=2.2uf, vce 2v, unless otherwise noted) parameter conditions min typ max unit output voltage vin=vo + 1v 0.985|vo| 1.015|vo| v output voltage temperature coefficient -- 50 -- ppm/ o c maximum output current vin=vo+1v, 300 -- -- ma line regulation vo+1v vin 7v -- -- 0.3 %/v load regulation vin=vo+1v, 1ma i l 300ma vout 2.5v -- 0.2 1.0 %/v vin=vo+1v, 1ma i l 200ma vout<2.5v -- 0.2 1.0 dropout voltage io=300ma, vout=vo - 2% vout 2.5v -- 300 -- mv io=200ma, vout=vo - 2% vout<2.5v -- 800 1000 quiescent current vin 0.4v (shutdown) -- 2 3 ua ground pin current io=1ma to 300ma -- 30 50 ua output current limit vout=0v -- 450 -- ma power supply rejection ratio at f=1khz, io=100ma, -- 60 -- db power supply rejection ratio at f=1khz, io=100ma, cbypass=0.01uf -- 75 -- db output noise io=10ma, f=10hz to 100khz, 10pf from bypass to ground -- 30 -- uvrms enable input enable input logic-low voltage regulation shutdown -- -- 0.4 v enable input logic-high voltage regulation enable 2.0 -- -- v enable input current v il 0.4v -- 0.01 1 ua v il 2.0v -- 1 5
ts9001 series 300ma cmos ldo with enable 3/6 version: c12 detail description description the ts9001 series of cmos regulators contain a p-mo s pass transistor, voltage reference, error amplifi er, over current protection, thermal shutdown and short circ uit protection. the ts9001 series switches from voltage mode to cur rent mode when the load exceeds the rated output cu rrent. this prevents over stress. the ts9000 also incorpor ates current fold-back to reduce power dissipation when the output is short circuit. this feature becomes activ e when the output drops below 1.05v, and reduces th e current flow by 65%. full current is restored when the volt age exceeds 0.95v. the internal p-channel pass transistor receives dat a from the error amplifier, over current shutdown, short output protection and thermal protection circuits. during normal operation, the error amplifier compares the output voltage to a precision reference. over current and thermal shutdown circuits become active when the junction t emperature exceeds 150 o c, or the current exceeds 300ma. during thermal shu tdown, the output voltage remains low. normal operation is restored when the junction temperature drops below 120 o c. enable the chip enable pin normally floats high. when acti vely, pulled low, the pmos pass transistor shut off , and all internal circuits are powered down. in this state, the quiescent current is less than 5ua. this pin be haves much like an electronic switch. external capacitor the ts9001 series is stable with an output capacito r to ground of 2.2uf or greater. it can keep stable even with higher or poor esr capacitors. a second capacitor is recommended between the input and ground to stabilize vin. the input capacitor s hould be larger than 0.1uf to have a beneficial effect. a third capacitor can be connected between the bypa ss pin and ground. this capacitor can be a low cost polyester film variety between the value of 1~10nf. a larger capacitor improves the ac ripple rejection, but als o makes the output come up slowly. this soft turn-on is desir able in some applications to limit turn-on surges. all capacitors should be placed in close proximity to the pins. a quiet ground termination is desira ble.
ts9001 series 300ma cmos ldo with enable 4/6 version: c12 application examples standard circuit typical application circuit 1 typical application circuit 2
ts9001 series 300ma cmos ldo with enable 5/6 version: c12 sot-25 mechanical drawing sot-25 dimension dim millimeters inches min max min max. a+a1 0.09 1.25 0.0354 0.0492 b 0.30 0.50 0.0118 0.0197 c 0.09 0.25 0.0035 0.0098 d 2.70 3.10 0.1063 0.1220 e 1.40 1.80 0.0551 0.0709 e 1.90 bsc 0.0748 bsc h 2.40 3.00 0.09449 0.1181 l 0.35 bsc 0.0138 bsc ? 1 0o 10o 0o 10o s1 0.95 bsc 0.0374 bsc
ts9001 series 300ma cmos ldo with enable 6/6 version: c12 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TS9001XCX5RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X