Part Number Hot Search : 
MV529X D1013 HBD2C5N KSD5070 6846AL 65C10 MFC8021A C2412A
Product Description
Full Text Search
 

To Download TQHXXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducer tqh5a .. tqh50a - 106 - www.topstek.com tqh v080201 7/1/2008 tqh5a~50a features  highly reliable closed loop hall effect device  compact and light weight  fast response time  excellent linearity of the output voltage over a wide input range  excellent frequency response (> 100 khz)  low power consumption at quiescent state (10 ma nominal)  capable of measuring both dc and ac, both pulsed and mixed  high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv)  extended operating temperature range  flame-retardant plastic case and silicone encapsulant, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  ups systems  industrial robots  nc tooling machines  elevator controllers  process control devices  ac and dc servo systems  motor speed controller  electrical vehicle controllers  inverter-controlled welding machines  general and special purpose inverters  power supply for laser processing machines  controller for traction equipment eg. electric trains  other automatic control systems specifications parameter symbol unit tqh5a tqh7.5a tqh10a tqh15a tqh25a tqh37.5a tqh50a nominal input current i fn a dc 5 7.5 10 15 25 37.5 50 linear range i fs a dc 15 22.5 30 45 75 113 140 conversion ratio k n - 6:1300 4:1300 3:1300 2: 1300 1:1300 1:1300 1:1600 consumption current@ i f =i fn i cc ma 35 35 35 35 31 41 43 sec. resistance@25c r cmax 53 53 53 53 53 53 80 sec. resistance@80c r cmax 55 55 55 55 55 55 83 maximum load resistance r mmax 118 118 118 118 153 84 57 minimum load resistance r mmin 45 45 45 45 45 45 20 nominal output current v hn ma 23.08 23.08 23.08 2 3.08 19.23 28.85 31.25 supply voltage range v cc /v ee v 15v 5% offset current i os ma within 0.2 ma @ i p =0, t a =25c hysteresis error i oh ma within 0.2 ma @ i f =i fn 0 linearity % within 0.5% of i fn response time (90%v hn ) t r  sec 3  sec max. @ d i f / dt = i pn /  sec frequency bandwidth (-3db) f bw hz dc to 100khz thermal drift of output - %/c within 0.02 %/c @ i fn thermal drift of zero current offset - ma/c within 0.4ma 0c~80c dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -40c to 80c storage temperature t s c -40c to 85c mass w g <14 g
topstek current transducer tqh5a .. tqh50a - 107 - www.topstek.com tqh v080201 7/1/2008  max  max  max 3 [ ? ;    s secondary pins 4x(0.5x0.25) primary [ g     i -       -15v i out 0v i + pin assignment +15v bottom view     74+$  pd[   appearance, dimensions and pin identification all dimensions in mm 0.1, holes C0, +0.2 except otherwise noted. nominal primary current 3--4a 5--7a 7.5-- 12a 12.5?25a 30?37.5a 40--50a d (mm) 0.6 0.8 1.0 1.3 1.4 1.6


▲Up To Search▲   

 
Price & Availability of TQHXXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X