Part Number Hot Search : 
4N26SD GBJ1506 3VK7M BU1850 4N26SD 07010 HIP701 A1521
Product Description
Full Text Search
 

To Download TM11RD-5TANA-A-88-LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rj45 modular jack connectors with pulse transformers tm11rd - 5tana series 2006.8 1 tx+ 2 tx- 3 rx+ 4 5 6 rx- 7 8 td+ 1 insulated transformer circuit choke coil tx- 2 ct 3 rd+ 7 ct 6 rd- 8 4 grand 5 rj45 pcb incorrect plug insertion prevention key outline of mating plug features 1. pulse transformers support fastethernet equipped with built-in insulation transformers and common mode choke coils, withstanding voltage of 1.5 kv and supporting 100base-tx and 10base-t. 2. incorrect plug insertion prevention key a built-in key offers protection against insertion of 6- conductor type modular plug. 3. built-in optical indicators optical indicators are integral part of the connectors, saving space on the board. there is no emission of any electrical noise. 4. emi protection metal shield covers the outer surfaces of the connectors assuring complete protection against electromagnetic interference. 5. fcc standards meets requirements of fcc title 47, part 68, subpart f. 6. environmental considerations plating compounds are lead-free. applications notebook pc's, telecommunication hubs, routers, bridges and atm transmission equipment, ethernet switches and networking equipment, office equipment, test and measurement equipment. light pipe pulse transformer circuit diagram rj11 (6 position) plug insertion prevention built-in optical indicators * light colors are determined by the color of led's used. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
2 tm11 r d - 5 t a na - a - 8 8 - lp materials component material finish/color remarks insulator contacts shield incorrect insertion prevention key pulse transformer optical pipe pbt copper alloy copper alloy stainless ---------- polycarbonate black tin plated ---------- clear ul94v-0 ul94v--0 1 to 65mhz 100v dc basic terminal between 123-45-768 500v ac / one minute primary (rj45 side) to secondary (pcb side) 1500v ac / one minute terminal to shield 1500v ac / one minute 1 to 65mhz 1 to 10 mhz 10 to 30 mhz 30 to 60 mhz 60 to 80 mhz 0.1v , 100khz , 8madc 1 to 30 mhz 30 to 60 mhz 60 to 100 mhz 1 to 50 mhz 50 to 150 mhz -2db min. 100m ohms min. no flashover or insulation breakdown. -1db min. -20 db max. -16 db max. -12 db max. -10 db max. 350h min. -40 db max. -35 db max. -30 db max. -30 db max. -20 db max. 1.insertion resistance 2.insulation resistance 3.withstanding voltage 4.insertion resistance 5.return loss 6.inductance 7.cross talk (reference) 8. common mode rejection ratio (reference) connector pulse transformer ratings voltage rating 125v ac operating temperature range: -25 ? to +80 ? (note) product specifications item specification conditions note: includes temperature rise caused by current flow. contact area : gold plated termination area: tin plated ordering information 1 2 3 6 7 10 4 8 9 5 series name : tm11 connector type r: jack direction of locking lever d: down (mating plug) jack suffix number : 5 transformer t: with transformer transformer type a: transformer circuit type incorrect insertion prevention key na-a: with built-in key jack opening code 8: 8 contacts number of inserted contacts 8: 8 contacts optical pipe lp: with optical pipe inserted blank: without optical pipe 1 2 3 4 5 6 7 8 10 9 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
3 modular jack connectors (with built-in optical pipe) 1 1 3 22 73 6 86 4 4 5 7 58 1ct:1ct 1ct:1ct 0.001f 75? 75? 75? 75? chs ground cable side board side rx+ rx- tx+ tx- td+ ct td- rd+ ct rd- 1 3 5 7 2 4 6 8 8.89 1.27 6.2 2.54 3.05 ? 3.25 ? 1.63 8- ? 0.9 15.75 7.4 10.75max 5.55min printed board edge no conductive traces 11.43 20.75min 11.6 led center position 12.7 cl no. rohs part number cl222-2936-3 yes TM11RD-5TANA-A-88-LP precautions hirose electric did not check the compatibility with the phy chip. when replacing other manufacturers jack it is recommended to verify the compatibility with the actual equipment. this connector is mounted on the board using wave or manual soldering. do not use reflow soldering. recommended board thickness: 1.6mm to assure correct operation of the indicator light pipes led's must be installed directly on the pcb, within recommended dimens ions and with light emitting center in upward direction. mount the led so that the center of the light emitting center aligns with the center point as dimensioned on the recommended pc b mounting pattern above. verify the actual led's mounting pattern with it's manufacturer, then add it to the pcb mounting pattern, assuring the correct placement of the center point. ipa cleaning at room temperature is recommended for the cleaning of this product. when an aqueous cleaning agent is to be used, there is a concern that the light pipe (made of polycarbonate resin) may change c olor; therefore, please make a selection based on a table showing the effects on the resin.these tables are issued by the various manufacturers of clea ning agents. 1 2 3 4 5 6 7 5 4 3.2max 2.7max 1.5max led light emitting center b recommended pcb mounting pattern b pulse transformer circuit diagram 3.56 3.18 10.8 21.3 0.3 contact no.1 contact no.8 17.5 15.75 16 13.6 contact no.8 contact no.1 0.48 1.6 24.2 suggested dimensions of leds the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
4 modular jack connectors (without built-in optical pipe) 1 1 3 22 73 6 86 4 4 5 7 58 1ct:1ct 1ct:1ct 0.001f 75? 75? 75? 75? chs ground cable side board side rx+ rx- tx+ tx- td+ ct td- rd+ ct rd- 1 3 5 7 2 4 6 8 8.89 1.27 6.2 2.54 3.05 ? 3.25 ? 1.63 8- ? 0.9 15.75 7.4 10.75max 5.55min printed board edge no conductive traces 11.43 20.75min precautions hirose electric did not check the compatibility with the phy chip. when replacing other manufacturers jacks it is recommended to verify the compatibility with the actual equipment. this connector is mounted on the board using wave or manual soldering.do not use reflow soldering. recommended board thickness: 1.6mm ipa cleaning at room temperature is recommended for the cleaning of this product. when an aqueous cleaning agent is to be used, there is a concern that the light pipe (made of polycarbonate resin) may change color; therefore, please make a selection based on a table showing the effects on the resin.these tables are issued by the various manufacturers of cleaning agents. 1 2 3 4 b recommended pcb mounting pattern b pulse transformer circuit diagram 3.56 3.18 10.8 21.3 0.3 contact no.1 contact no.8 17.5 15.75 16 13.6 contact no.8 contact no.1 0.48 1.6 cl no. rohs part number cl222-2932-2 yes tm11rd-5tana-a-88 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
5 technical data measurement results of electrical characteristics insertion loss network analyzer pulse transformer section 0 0 -0.2 -0.4 -0.6 -0.8 -1 -1.2 -1.4 -1.6 -1.8 -2 10 20 30 40 50 60 70 80 insertion loss mhz db reflection loss network analyzer pulse transformer section 0 0 -10 -20 -30 -40 -50 -60 -70 -80 10 20 30 40 50 60 70 80 reflection mhz db crosstalk (reference) network analyzer pulse transformer section 0 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 10 20 30 40 50 60 70 80 90 100 cross talk mhz db common mode rejection ratio (reference value) network analyzer pulse transformer section 0 0 -10 -20 -30 -40 -50 -60 -70 -80 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 cmrr mhz db the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.


▲Up To Search▲   

 
Price & Availability of TM11RD-5TANA-A-88-LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X