Part Number Hot Search : 
BZX84C XFGIB100 HVD138 04M84RSB Z118035 MNTWG Z118035 DUG38A
Product Description
Full Text Search
 

To Download SP14N001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for messrs: date: mar. 19 th ,2013 customer?s acceptance specifications SP14N001 contents no. item sheet no. page 1 cover 7b64ps 2701- SP14N001-9 1-1/1 2 record of revision 7b64ps 2702- SP14N001-9 2-1/1 3 general specification 7b64ps 2703- SP14N001-9 3-1/1 4 absolute maximum ratings 7b64ps 2704- SP14N001-9 4-1/1 5 electrical characteristics 7b64ps 2705- SP14N001-9 5-1/1 6 optical characteristics 7b64ps 2706- SP14N001-9 6-1/2~2/2 7 block diagram 7b64ps 2707- SP14N001-9 7-1/1 8 interface timing 7b64ps 2708- SP14N001-9 8-1/2~2/2 9 outline dimensions 7b64ps 2709- SP14N001-9 9-1/3~3/3 10 appearance standard 7b64ps 2710- SP14N001-9 10-1/3~3/3 11 precaution in design 7b64ps 2711- SP14N001-9 11-1/2~2/2 12 designation of lot mark 7b64ps 2712- SP14N001-9 12-1/1 13 precaution for use 7b64ps 2713- SP14N001-9 13-1/1 accepted by: proposed by: kaohsiung opto-electronics inc. sheet no. 7b64ps 2701-SP14N001-9 page 1-1/1
record of revision date sheet no. summary sep.05.2001 7b64ps 2709- SP14N001-2 page 9-3/3 changed : cn1 : pin functions connector : molex/52103-2617 molex/52207-2690 nov.27.2001 7b64ps 2709- SP14N001-3 page 9-1/3 changed : cn1 pin direction no.1 26 ; 26 1 apr.08,2004 7b63ps 2709- SP14N001-4 page 9-1/3 changed : revised : cfl cable length (50) (56) may.28,?07 7b64ps 2709- SP14N001-5 page 9-3/3 9.3 internal pin connection changed : cfl i / f : mitsumi m63m83 ? 04 ? jae il-g-4s-s3c2-sa 7b64ps 2712- SP14N001-5 page 12-1/1 12. designation of lot mark added sep.11,?09 7b64ps 2712- SP14N001-6 page 12-1/1 12. designation of lot mark added mar.25,?10 7b64ps 2703- SP14N001-7 page 3-1/1 3. general specifications changed : (11) lcd controller t6963c / toshiba t6963c equivalent 7b64ps 2712- SP14N001-7 page 12-1/1 12. designation of lot mark added may 01,?12 all pages company name changed: kaohsiung hitachi electronics co.,ltd. ? kaohsiung opto-electronics inc. mar.19,?13 7b64ps 2712- SP14N001-9 page 12-1/1 12. designation of lot mark added rev no. item lot no. - cfl i/f connector : mitsumi m63m83 - 04 - a cfl i/f connector : jae il-g-4s-s3c2-sa 7102t rev no. item lot no. b m count ic change - rev no. item note c controller ic change pcn0768 kaohsiung opto-electronics inc. sheet no. 7b64ps 2702- SP14N001-9 page 2-1/1 rev no. item note d ceramic resonator change pcn0858
3. general specifications (1) part name SP14N001 (2) outer dimensions 159.4 (w)mm 101.0 (h)mm 11.0 (d)mm(max.) (3) effective display area 123 mm min. 68 mm min. (4) dot size 0.48 (w)min. 0.48 (h)min. (5) dot pitch 0.50 (w)mm 0.50 (h)mm (6) dot number (resolution) 240 (w) 128 (h) (7) duty ratio 1/128 (8) lcd type transmissive type f-stn with anti-glare type upper polarizer (9) viewing direction 6 o?clock (10) backlight type cold cathode fluorescent lamp. (11) lcd controller t6963c equivalent (12) dc/dc circuit built-in kaohsiung opto-electronics inc. sheet no. 7b64ps 2703- SP14N001-9 page 3-1/1
4. absolute maximum ratings 4.1 electrical absolute maximum ratings. vss=0v : standard item symbol min. max. unit remarks power supply for logic vdd-vss 0 7.0 v input voltage vi -0.3 vdd+0.3 v input current ii 0 1 a static electricity vesd0 - 100 v note 1,2,3 vesd1 - 10 kv note 1,2,4 note 1 : make certain you are grounded when handling lcm. note 2 : energy storage capacitance 200pf , discharge resistance 250 ta=25 , 60%rh. note 3 : contact discharge to i/f connector pins. note 4 : contact discharge to front metal bezel. 4.2 environmental absolute maximum ratings. item operating storage remarks min. max. min. max. ambient temperature -10 60 -20 70 note 2,3,8 humidity note 1 note 1 without condensation vibration - 2.45m/s 2 0.25g - 11.76m/s 2 1.2g note 5 note 4 1h max. shock - 29.4m/s 2 3g - 490.0m/s 2 50g note 5 xyz directions corrosive gas not acceptable not acceptable note 1 : ta Q 40 : 85%rh max. ta 40 : absolute humidity must be lower. than the humidity of 85%rh at 40 note 2 : ta at -20 ------ 48h, at 60 168h. note 3 : background color changes slightly depending on ambient temperature. this phenomenon is reversible. note 4 : 5hz~100hz (except resonant frequency) note 5 : this module should be operated normally after finishing the test. note 6 : when lcm will be operated at 0 , the life time of cfl will be reduced. need to make sure of value of the characteristics of inverter. also the response time at 0 will be slower. note 7 : there are possibility that color non-uniformity happened while operating at over 40 . kaohsiung opto-electronics inc. sheet no. 7b64ps 2704- SP14N001-9 page 4-1/1
5. electrical characteristics 5.1 electrical characteristics item symbol condition min. typ. max. unit power supply voltage for logic vdd-vss 4.75 5.0 5.25 v input voltage note 1 vi h level 0.8vdd vdd v l level 0 0.2vdd v power supply current for logic note 1 idd vdd-v0=(15.8v) 40 ma recommended lc driving voltage note 2 vdd-v0 out ta=-10 , ? = 0 16.9 v ta=25 , ? = 0 15.8 v ta=60 , ? = 0 15.2 v note 1 : vdd-v0=15.8v , ta=25 note 2 : recommended lc driving voltage may fluctuate about 1.0v by each module. test pattern is all ?q?. 5.2 electrical characteristics of backlight item symbol min. typ. max. unit remarks lamp voltage vl - 300 - vrms ta=25 frequency fl - 70 85 khz ta=25 lamp current il 4 5 6 marms ta=25 starting discharge voltage vs note 2 1000 - - vrms ta=25 please certainly inform koe before designing lamp drive circuit according to the above specifications. note 1 : please make sure that your inverter is designed to meet the above specifications. note 2 : starting discharge voltage is increased when lcm is operating at lower temperature. please check the characteristics of your inverter before appling to your set. note 3 : average life time of cfl will be decreased when lcm is operating at lower temperature. note 4 : under lower driving frequency of an inverter, a certain backlight system (cfl & cfl reflection sheet) may generate a sound noise. note 5 : when il is used over 5.5ma, it may cause uneven contrast near cfl location, due to heat dispersion from cfl. kaohsiung opto-electronics inc. sheet no. 7b64ps 2705- SP14N001-9 page 5-1/1
6. optical characteristics 6.1 optical characteristics ta=25 (backlight on) item symbol conditional min. typ. max. unit remarks viewing area ? 2- ? 1 k R 2.0 - 40 - deg. note1,2 contrast ratio k ? =0 , ? =0 - 20 - - note3 response time (rise) tr ? =0 , ? =0 - 120 - ms note4 response time (fall) tf ? =0 , ? =0 - 150 - ms note4 note 1 : definition of ? and ? note 3 : definition of contrast ?k? note 2 : definition of viewing angle ? 1 and ? 2. note 4 : definition of optical response o p eratin g volta g e b1 b2 (b1) (di="h") (b2) (di="l") brightness ? x ? ? =180 ) ? 1 x? y?( ? =0 ) backlight lcd sensor bm7 ? =0 ? k 2.0 contrast ratio k vs viewing angle ? ? 10 ? ? 2 ? 1 ? non-selective state 100% 90% 10% tr tf rise time fall time selective state brightness non-selective state (measure condition by koe) brightness on selected dot (b1) brightness on non-selected dot (b2) k= kaohsiung opto-electronics inc. sheet no. 7b64ps 2706- SP14N001-9 page 6-1/2
6.2 optical characteristics of backlight item min. typ. max. unit remarks brightness 120 150 - cd/m 2 il=5ma note 1,2 rise time - 5 - minute il=5ma brightness 80% brightness uniformity - - 30 % undermentioned note 1,3 cfl : initial, ta=25 ? c, vdd-v0=(15.8)v display data should be all ?on?. note 1 : measurement after 10 minutes of cfl operating. note 2 : brightness control : 100% note 3 : measurement at the following 9 places on the display. definition of the brightness tolerance. y=180 y=120 y=60 x=32 x=64 x=96 max. or min. brightness - average brightness a vera g e bri g htness 100%% ( ) kaohsiung opto-electronics inc. sheet no. 7b64ps 2706- SP14N001-9 page 6-2/2
7. block diagram cont- roller 13 8 d1 cl2 cl1 flm ic1 ic2 ram power circuit timing m? v lcd ic3 ic4 ic5 cfl lcd x1 x80 x81 x128 x1 x128 y1 y240 y1 y80 y81 y160 y161 y 240 v cfl + v cfl - r vr2 r vr 1 vss vdd v 0 (out) db0 rd wr c/d ret ce 8 osc dc/ dc p/n f/s kaohsiung opto-electronics inc. sheet no. 7b64ps 2707- SP14N001-9 page 7-1/1
8. interface timing 8.1 interface timing item symbol min. typ. max. unit c/d setup time tcds 100 - - ns c/d hold time tchd 10 - - ns ce , rd , wr pulse width tce , trd , twr 80 - - ns data setup time tds 80 - - ns data hold time tdh 40 - - ns access time tacc - - 150 ns output hold time toh 10 - 50 ns vih vil c/d vih vil tcds tcdh vil vil vih vih vil vil tds vih vih vil vil tdh vih vil vih vil tacc toh tce , trd , twr ce rd , wr d0 ~ d7 (write) d0 ~ d7 (read) kaohsiung opto-electronics inc. sheet no. 7b64ps 2706- SP14N001-9 page 8-1/2
8.2 timing of power supply and interface signal 8.3 power supply for lcm vdd vss r vr1 r vr2 lcm +5v vr(8k ~ 35k ) 5v valid data 4.75 v 0 ~ 50 ms 0 ~ 50 ms vdd signal signal vdd 4.75 v kaohsiung opto-electronics inc. sheet no. 7b64ps 2708- SP14N001-9 page 8-2/2

9.2 display pattern 0.5 0.48 0.5 0.48 scale: nts unit : mm measurement tolerance : 0.1 119.98 ( 240 dots ) 63.98 (128 dots) kaohsiung opto-electronics inc. sheet no. 7b64ps 2709- SP14N001-9 page 9-2/3
9.3 internal pin connection cn1 : pitch 1.0mm 26pins connector suitable connector (molex : 52207-2690) pin no. symbol function 1 vss(0v) ground 2 vdd(+5v) power supply for logic 3 v0(out) no connection needed. lc driving voltage output for measuring 4 c/d wr=?l? c/d=?h? command write c/d=?l? data write rd=?l? c/d=?h? status read c/d=?l? data rwad 5 wr data write (data write at ?l?) 6 rd data read (read data at ?l?) 7 db0 data bus 8 db1 9 db2 10 db3 11 db4 12 db5 13 db6 14 db7 15 ce chip enable (ce must be ?l?) 16 ret reset 17 nc no connection 18 doff vdd/display , gnd/display off 19 f/s character font select : f/s=?h? 6*8font f/s=?l? 8*8font 20 p/n display mode reverse. 21 r vr1 for adjusting lc driving voltage 22 r vr2 23 nc no connection 24 nc no connection 25 nc no connection 26 nc no connection cn2 : jae il-g-4s-s3c2-sa pin no. symbol function 1 vcfl - cfl ground 2 nc no connection 3 nc no connection 4 vcfl + power supply for cfl kaohsiung opto-electronics inc. sheet no. 7b64ps 2709- SP14N001-9 page 9-3/3
10. appearance standard 10.1 appearance inspection conditions (in the effective viewing area) visual inspection should be under the following condition. (1) in the dark room. (2) with cfl panel lighted with prescribed inverter circuit. (3) with eye to lcd distance is 25cm. (4) viewing angle within 45 from the perpendicular to the center lcd. 10.2 definition of each zone a zone : within the viewing area specified at page 9-1/3 of this document. b zone : area between the outline of lcm and the effective area specified at page 9-1/3 of this document. lcd bezel eye eye 45 45 edge of lcm effective area a zone b zone kaohsiung opto-electronics inc. sheet no. 7b64ps 2710- SP14N001-9 page 10-1/3
10.3 appearence specification *) if a problem occurs in respect to any of these items , responsibles of both parties (customer and koe) will discuss in more detail. no. item criteria a b l c d scratches serious one is not allowed ? - dent serious one is not allowed ? - wrinkles in polarizer serious one is not allowed ? - bubbles average diameter d(mm) maximum number acceptable ? - d Q 0.2 ignore 0.2 d Q 0.3 12 0.3 d Q 0.5 3 0.5 d none stains, foreign materials, dark spot filamentous - - length l(mm) width w(mm) maximum number acceptable l Q 2.0 w Q 0.03 ignore l Q 3.0 0.03 w Q 0.05 6 - 0.05 w judged by "round" shape round ? - average0 1diameter d(mm) maximum number acceptable minimum space d 0.2 ignore - 0.2 Q d 0.33 8 10mm 0.33 Q d none - total filamentous + round = 10 those wiped out easily are acceptable ? ? pinhole average diameter d(mm) maximum number acceptable ? d Q 0.15 ignore 0.15 d Q 0.3 10 d Q 0.015 ignore contrast irregularity (spot) average diameter d(mm) maximum number acceptable minimum space d Q 0.25 ignore - 0.25 d Q 0.35 10 20mm 0.35 d Q 0.5 4 20mm 0.5 d none - kaohsiung opto-electronics inc. sheet no. 7b64ps 2710- SP14N001-9 page 10-2/3
no. item criteria a b l c d contrast irregularity (line) (filamentous) width w(mm) length l(mm) maximum number acceptable minimum space ? - w Q 0.25 l Q 1.2 2 20mm w Q 0.2 l Q 1.5 3 20mm w Q 0.15 l Q 2.0 3 20mm w Q 0.1 l Q 3.0 4 20mm total 6 no. item criteria c f l b / l dark spots, white spots foreign materials (spot) average diameter d(mm) maximum number acceptable d Q 0.4 ignore d 0.4 none foreign materials (line) width w(mm) length l(mm) maximum number acceptable w Q 0.2 l 2.5 Q 1 w Q 0.2 l 2.5 none w 0.2 - none scratches width w(mm) length l(mm) maximum number acceptable w Q 0.1 - ignore 0.1 w Q 0.2 l Q 11.0 Q 1 0.1 w Q 0.2 l R 11.0 none w 0.2 - none note 1 : definition of average diameter d note 2 : definition of le ngth l and width w note 3 : definition of pinhole l w a b d = a+b 2 b a c a a b b a b c : salience kaohsiung opto-electronics inc. sheet no. 7b64ps 2710- SP14N001-9 page 10-3/3
11. precaution in design 11.1 lc driving voltage (vee) and viewing angle range. setting vee out of the recommended condition will be a cause for a change of viewing angle range. 11.2 caution against static charge as this module is provided with c-mos lsis the care to take such a precaution as grounding the operator?s body is required when handling it. 11.3 power on sequence input signals should not be applied to lcd module before power supply voltage is applied and reaches to specified voltage (5v 0.5%). if above sequence is not kept, c-mos lsis of lcd modules may be damaged due to latch up problem. 11.4 packaging (1) no. leaving product is preferable in the place of high humidity for a long period of time. for their storage in the place where temperature is 35 or higher, special care to prevent them from high humidity is required. a combination of high temperature and high humidity may cause them polarization degradation as well as bubble generation and polarizer peel-off. please keep the temperature and humidity within the specified range for use and storage. (2) since upper/bottom polarizers tend to be easily damaged, they should be handled full with care so as not to get them touched, pushed or rubbed. (3) as the adhesives used for adhering upper/bottom polerizers are made of organic substances which will be deteriorated by a chemical reaction with such chemicals as acetone, toluene, ethanol and isopropyl alcohol. the following solvents are recommended for use: normal hexane please contact us when it is necessary for you to use chemicals. (4) lightly wipe to clean the dirty surface with absorbent cotton waste or other soft material like chamois , soaked in the chemicals recommended without scrubbing it hardly. to prevent the display surface from damage and keep the appearance in good state, it is sufficient, in general, to wipe it with absorbent cotton. (5) immediately wipe off saliva or water drop attached on the display area because its long period adherance may cause deformation or faded color on the spot. (6) fogy dew deposited on the surface and contact terminals due to coldness will be caused for polarizer damage, stain and dirt on product. when necessary to take out the products form some place at low temperature for test, etc. it is required for them to be warmed up in a container once at the temperature higher than that of room. kaohsiung opto-electronics inc. sheet no. 7b64ps 2711- SP14N001-9 page 11-1/2
(7) touching the display area and contact terminals with bare hands and contaminating them are prohibited, because the stain on the display area and poor insulation between terminals are often caused by being touched by bare hands. (there are some cosmetics detrimental to polarizers.) (8) in general the quality of glass is fragile so that it tends to be cracked or chipped in handling, specially on its periphery. be careful not to give it sharp shock caused by dropping down, etc. 11.5 caution for opaeration (1) it is an indispensable condition to drive lcds within the specified voltage limit since the higher voltage than the limit causes the shorter lcd life. an electrochemical reaction due to direct current causes lcds undesirable deterioration, so that the use of direct current driver should be avoided. (2) response time will be extremely delayed at lower temperature than the operating temperature range and on the other hand at higher temperature lcds show dark bull color in them. however those phenomena do not mean malfunction or out of order with lcds which will come back in the specified operating temperature range. (3) if the display area is pushed hard during operation, some font will be abnormally displayed but it resumes normal condition after turning off once. (4) a slight dew depositing on terminals is a cause for electrochemical reaction resulting in terminal open circuit. usage under the relative condition of 40 50%rh or less is required. 11.6 storage in case of storing for a long period of time (for instance, for years) for the purpose of replacement use , the following ways area recommended. (1) storage in a polyethylene bag with the opening sealed so as not to enter fresh air outside in it , and with no desiccant. (2) placing in a dark place where neither exposure to direct sunlight nor light is , keeping temperature in the range from 0 to 35 . (3) storage with no touch on polarizer surface by anything else. (it is not recommended to store them as they have been contained in the inner container at the time of delivery from us.) 11.7 safety (1) it is recommendable to crash damage or unnecessary lcds into pieces and wash off liquid crystal by either of solvents such as acetone and ethanol , which should be burned up later. (2) when any liquid leaked out of a damage glass call comes in contact with your hands , please wash it off well with soap and water. kaohsiung opto-electronics inc. sheet no. 7b64ps 2711- SP14N001-9 page 11-2/2
12. designation of lot mark 12.1 lot mark lot mark is consisted of 4 digits number. note 1 : some products have alphabet at the end or the first. 12.2 revision 12.3 location of lot mark on the back side of lcm week (day in calendar figure in lot mark 01~07 1 08~14 2 15~21 3 22~28 4 29~31 5 month figure in lot mark month figure in lot mark jan. 01 jul. 07 feb. 02 aug. 08 mar. 03 sep. 09 apr. 04 oct. 10 may 05 nov. 11 jun. 06 dec. 12 year figure in lot mark 2013 3 2014 4 2015 5 2016 6 2017 7 2 4 0 4 week t month yea r made in taiwan 4 0 4 2 t rev no. item note - cfl i/f connector : mitsumi m63m83 - 04 - a cfl i/f connector : jae il-g-4s-s3c2-sa pcn0620 b m count ic change pcn0752 c controller ic change pcn0768 d ceramic resonator change pcn0858 kaohsiung opto-electronics inc. sheet no. 7b64ps 2712- SP14N001-9 page 12-1/1
13. precaution for use 13.1 a limit sample should be provided by the both parties on an occasion when the both parties agreed its necessity. judgement by a limit sample shall take effect after the limit sample has been established and confirmed by the both parties. 13.2 on the following occasions, the handling of the problem should be decided through discussion and agreement between responsible persons of the both parties. (1) when a question is arisen in the specifications. (2) when a new problem is arisen which is not specified in this specifications. (3) when an inspection specifications change or operating condition change in customer is reported to koe, and some problem is arisen in this specification due to the change. (4) when a new problem is arisen at the customer?s operating set for sample evaluation in the customer site. the precaution that should be observed when handling lcm have been explained above. if any points are unclear or if you have any request , please contact koe. kaohsiung opto-electronics inc. sheet no. 7b64ps 2713- SP14N001-9 page 13-1/1


▲Up To Search▲   

 
Price & Availability of SP14N001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X