Part Number Hot Search : 
ZPY18 SKIIP3 GDZ30 2SK1726 MCF52259 GRM21BC 20206 HMC33306
Product Description
Full Text Search
 

To Download SER2915H-332KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors - ser2900 document 644-1 inductance 2 dcr 3 srf i sat (a) 5 i rms (a) 6 10% (mohms) typ 4 10% 20% 30% 20c 40c part number 1 (h) nom max (mhz) drop drop drop rise rise ser2915l-152kl 1.5 1.50 1.65 60 100 >100 >100 20 30 ser2915h-222kl 2.2 1.86 2.05 40 100 >100 >100 20 30 ser2915l-222kl 2.2 1.50 1.65 50 82.0 84.0 84.8 20 30 ser2918h-332kl 3.3 2.60 2.86 40 91.0 92.5 93.6 20 28 SER2915H-332KL 3.3 1.86 2.05 30 62.0 66.9 68.4 20 30 ser2915l-332kl 3.3 1.50 1.65 40 48.0 54.0 57.0 20 30 ser2918h-472kl 4.7 2.60 2.86 30 59.0 61.2 62.4 20 28 ser2915h-472kl 4.7 1.86 2.05 25 42.0 48.0 50.1 20 30 ser2915l-472kl 4.7 1.50 1.65 30 33.0 36.9 39.0 20 30 ser2918h-682kl 6.8 2.60 2.86 25 42.0 45.0 45.9 20 28 ser2915h-682kl 6.8 1.86 2.05 20 30.0 34.5 36.2 20 30 ser2915l-682kl 6.8 1.50 1.65 25 22.0 26.0 27.8 20 30 ser2918h-103kl 10 2.60 2.86 20 28.0 31.2 32.1 20 28 ser2915h-103kl 10 1.86 2.05 15 18.0 21.5 23.4 20 30 ser2915l-103kl 10 1.50 1.65 20 13.0 16.2 17.6 20 30 ser2918h-153kl 15 2.60 2.86 16 18.0 21.2 21.9 20 28 ser2915h-153kl 15 1.86 2.05 12 11.5 14.0 15.2 20 30 ser2915l-153kl 15 1.50 1.65 15 7.5 9.8 11.0 20 30 ser2918h-223kl 22 2.60 2.86 15 12.0 14.0 15.0 20 28 ser2915h-223kl 22 1.86 2.05 10 7.0 8.6 9.6 20 30 ser2915l-223kl 22 1.50 1.65 10 4.5 6.0 6.8 20 30 ser2918h-333kl 33 2.60 2.86 10 7.0 8.7 9.6 20 28 ser2915h-333kl 33 1.86 2.05 8 4.0 5.1 5.9 20 30 ser2915l-333kl 33 1.50 1.65 7 2.0 2.6 3.3 20 30 core material ferrite terminations leads: rohs compliant tin-silver over copper base pad: rohs compliant gold over nickel over phos bronze other terminations available at additional cost. weight ser2915l C 28.5 g; ser2915h C 29.7 g; ser2918h C 35.7 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tray packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 25 pieces per tray pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? same electrical specifcations as coilcrafts ser2800 ? extremely low dcr; current handling to >100 amps ? third mounting pad for greater stability and board adhesion 1. when ordering, specify termination code: ser2915-333k l termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). 2. inductance measured at 500 khz, 0.1 vrms, 0 adc on an agilent/hp 4284a lcr meter or equivalent. 3. dcr measured on a keithley 580 micro- ohmmeter or equivalent. 4. srf measured using an agilent/hp 4395a network analyzer and an agilent/hp 16092a test fxture. 5. peak dc current at which the inductance drops the specifed amount from its value without current. when i sat rating is less than i rms, i sat is the more critical specifcation. 6. current that causes the specifed tempera - ture rise from 25c ambient. when i rms is greater than i sat, i sat is the more critical specifcation, and i rms is shown in gray type . see temperature rise vs current curve on next page. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. document 644-1 revised 08/28/14
document 644-2 revised 08/28/14 document 644-2 recommended land p attern 0.006/0,152 1.10 27,9 max 0.78 19,8 0.150 3,8 min 0.270 6,9 1.100 27,94 0.150 3,8 0.261 0.020 6,63 0,51 max height (see tab le) max 0.095 2,41 0.095 2,41 12 3 0.210 5,33 0.250 6,35 0.220 5,59 0.200 5,08 0.208 5,28 0.455 11,56 c l c l maxim um height ser2915l 0.605 / 15,36 ser2915h 0.605 / 15,36 ser2918h / 0.700 17,78 ser29xxx-xxx xxxx y p ad is f or mounting stability only . do not connect to ground or other circuits . temperature rise vs current 80 70 60 50 40 30 20 0 10 t emperature r ise (f ro m 2 5c) current (a rms) 10 03 04 0 20 50 60 current derating -40 -20 02 04 06 08 0 100 140 120 a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rm s 25 c dimensions are in inches mm shielded power inductors - ser2900 series
document 644-3 revised 08/28/14 document 644-3 l vs current 10 100 0.1 1 100 10 current (a) inductance (h) ser2915l 10 h 6.8 h 15 h 22 h 3.3 h 1.5 h 2.2 h 4.7 h 33 h 1 10 100 0.1 1 100 10 current (a) inductance (h) 1 15 h 22 h 33 h 10 h 6.8 h 3.3 h 2.2 h 4.7 h ser2915h 10 100 0.1 1 100 10 current (a) inductance (h) 1 10 h 15 h 22 h 4.7 h 33 h 6.8 h 3.3 h ser2918h l vs frequency 10 100 0.1 1 100 10 frequency (mhz) inductance (h) 10 h 15 h 22 h 4.7 h 33 h 6.8 h ser2918h 3.3 h 1 10 100 0.1 1 100 10 frequency (mhz) inductance (h) 1 10 h 15 h 22 h 4.7 h 33 h 6.8 h 3.3 h 2.2 h ser2915h 10 100 0.1 1 100 10 frequency (mhz) inductance (h) 10 h 15 h 22 h 4.7 h 33 h 6.8 h ser2915l 3.3 h 2.2 h 1.5 h 1 shielded power inductors - ser2900 series
document 644-4 revised 08/28/14 document 644-4 esr vs frequency 2000 1500 1250 1750 1000 500 250 0 750 0. 1 100 10 1 equiv alent series resistance (ohms) frequenc y (mhz ) ser2915l 22 h 33 h 10 h 15 h 6.8 h 4.7 h 3.3 h 2.2 h 1.5 h 2000 1500 1250 1750 1000 500 250 0 750 0. 1 100 10 1 equiv alent series resistance (ohms) frequenc y (mhz ) ser2915h 6.8 h 4.7 h 33 h 3.3 h 22 h 2.2 h 15 h 10 h 0. 1 100 10 1 equiv alent series resistance (ohms) frequenc y ( mhz) 2000 1500 1250 1750 1000 500 250 0 750 ser2918h 22 h 15 h 33 h 10 h 6.8 h 4.7 h 3.3 h shielded power inductors - ser2900 series


▲Up To Search▲   

 
Price & Availability of SER2915H-332KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X