Part Number Hot Search : 
11800 AH286 MAX39 TFR315C 22V10 MAX16920 MAX17061 1N3939
Product Description
Full Text Search
 

To Download RF6514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 9 optimum technology matching ? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt 1 2 3 4 5 6 7 8 9 10 17 11 12 13 14 15 16 28 27 gnd ant gnd c_tx gnd tx gnd gnd 26 18 19 20 21 23 24 25 rx gnd vreg gnd nc vcc gnd gnd gnd gnd c_rx gnd gnd gnd gnd 22 gnd gnd gnd gnd nc RF6514 3.3v to 4.0v, 47 0mhz to 510mhz transmit/receive module this module is intended for 470mhz to 510mhz amr solutions. it provides sepa- rate ports for rx and tx paths. the pa section provides a nominal output power of 30dbm. the device is provided in a 5.5mm x 5.0mm, 28-pin package. features ? tx output power: 30dbm ? separate 50 ? tx/rx transceiver interface ? rx insertion loss: 1db applications ? wireless automated metering ? wireless alarm systems ? portable battery powered equipment ? smart energy ? 490mhz ism band application ? single chip rf front end module ds120611 ? ? package: lga, 28-pin, 5.5mm x 5.0mm RF65143.3v to 4.0v, 470mhz to 510mhz trans- mit/receive module RF6514 ism band transmit/receive module RF6514pck-410 fully assembled evaluation board and 5 loose sample pieces RF6514sr standard 100 piece reel RF6514tr7 standard 2500 piece reel
2 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit battery voltage 5 v rf port impedance 50 ? operating temperature -30 to 70 c storage temperature -40 to 85 c esd, hbm (rf pins) 500 v esd, hbm (all pins) 500 v esd, cdn (rf pins) 500 v esd, cdm (all pins) 500 v msl msl 3 maximum input power to pa +20 dbm parameter specification unit condition min. typ. max. frequency 470 510 mhz rf port impedance 50 ? total leakage current 4 5 ? av cc = 3.6v, v reg = 0v esd, hbm 500 v rf pins 500 v all other pins esd, cdm 500 v rf pins 500 v all other pins pa section v cc = 3.6v, v reg = 3.4v, c_tx = 3.4v, c_rx = 0v; temperature = 25c; unless otherwise specified. cw p out saturation 30 31 32 dbm large signal gain 14 15.5 17 db thermal resistance 28.57 c/w v cc = 4.0v, v reg = 3.8v, 30dbm p out , t ref = 126c 2fo to 10fo -55 -60 dbc input return loss 10 db battery voltage 3.3 3.6 4.0 v v cc battery current 700 800 850 ma power down current 0.3 2 ? av cc = 3.6v, v reg = 0v v reg 3.1 3.4 3.8 v v cc = 0.2v v reg current 3 4 ma rx section v cc = 3.6v, v reg = 0v, c_tx = 0v, c_rx = 3.4v; temperature = 25c; unless otherwise specified. noise figure 0.7 1 db input ip3 18 12 dbm input return loss 10 db output return loss 10 db caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rfmd green: rohs compliant per eu directive 2002/95/ec, halogen free per iec 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a fl ame retardant, and <2% antimony in solder.
3 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . parameter specification unit condition min. typ. max. antenna switch section isolation 20 db any used port to any unused port logic voltage, high 3.1 3.4 3.8 v all logic i/o?s, v cc = 0.2v logic voltage, low 0.0 0.2 0.4 v all logic i/o?s logic current, high 5 10 ? aall logic i/o?s logic current, low 0.4 ? aall logic i/o?s operating mode module logic truth table typ. battery current at p out = 30dbm c_tx c_rx tx-ant 1 0 850ma rx-ant 0 1 0.3 ? a
4 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pin names and descriptions pin name description 5ant antenna connect port. 9c_tx transmit selection control line. 11 c_rx receive selection control line. 16 rx receive port. 18 tx transmit port. 23 vcc power amplifier supply voltage. 24 vreg power amplifier bias control. v cc = 0.2v = on, 0v = off. 7, 10 nc 1, 2, 3, 4, 6, 8, 12, 13, 14, 15, 17, 19, 20, 21, 22, 25, 26, 27, 28 gnd ground.
5 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing all units in ? m.
6 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pcb patterns a = 0.320 x 0.400 mm b = 0.400 x 0.320 mm c= 3.900 x 3.400 mm a a a a a a aa a a a a b b b b b b b b b b c b b b b b b a a a a aa a a a a a a b b b b b b b b b b c b b b b b b a a a a a a a a a a aa b b b b b b b b b b c b b b b b b a = 0.470 x 0.550 mm b = 0.550 x 0.470 mm c= 4.050 x 3.550 mm a = 0.288 x 0.360 mm b = 0.360 x 0.288 mm c = 1.665 x 1.440 mm c c c
7 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . application schematic 1 2 3 4 9 12 11 10 17 16 15 18 23 24 25 26 j2 tx vreg j1 ant l1 16nh c3 180 pf vcc c4 1.0 uf p1 1 2 3 4 hdr_1x4 vcc p2 1 2 3 4 hdr_1x4 c_rx c_tx vreg 5 6 7 8 13 14 19 20 21 22 27 28 c_tx c_rx j2 rx n/c n/c n/c n/c
8 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance 3 2 7 12 17 22 27 32 0 5 10 15 20 25 30 gain(db) p out (dbm) pagain(db)versusp out (dbm) v cc =3.6v,v reg =3.4v,c_tx=3.4v,andc_rx=0.2v freq=490mhz,temp=30c,25c,and70c 30c 25c 70c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 5 0 5 10 15 20 25 30 35 i cc (ma) p out (dbm) i cc (ma)versusp out (dbm) v cc =3.6v,v reg =3.4v,c_tx=3.4v,andc_rx=0.2v freq=490mhz,temp=30c,25c,and70c 30c 25c 70c 3 2 7 12 17 22 27 32 0 5 10 15 20 25 30 gain(db) p out (dbm) pagain(db)versusp out (dbm) v cc =3.6v,v reg =3.4v,c_tx=3.4,andc_rx=0.2v freq=470mhz,490mhz,and510mhz,temp=25c 470mh 490mh 510mh 0 5 10 15 20 25 30 35 25 20 15 10 5 0 5 10 15 20 p out (dbm) p in (dbm) p out (dbm)versusp in (dbm) v cc =3.6v,v reg =3.4v,c_tx=3.4v,andc_rx=0.2v freq=470mhz,490mhz,and510mhz,temp=25c 470mh 490mh 510mh 0 5 10 15 20 25 30 35 25 20 15 10 5 0 5 10 15 20 p out (dbm) p in (dbm) p out (dbm)versusp in (dbm) v cc =3.6v,v reg =3.4v,c_tx=3.4v,andc_rx=0.2v freq=490mhz,temp=30c,25c,and70c 30c 25c 70c 0.5 0.45 0.4 0.35 0.3 0.25 0.2 0.15 460 470 480 490 500 510 520 gain(db) frequency(mhz) rxinsertionloss(db)versusfrequency(mhz) v cc =3.6v,v reg =0.2v,c_tx=0.2v,andc_rx=3.4v 30c 25c 70c
9 of 9 RF6514 ds120611 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance 50 40 30 20 10 0 10 5 195 395 595 795 995 gain(db) frequency(mhz) receivesplots v cc =3.6v,v reg =0.2v,c_tx=0.2v,andc_rx=3.4v s11 s12 s21 s22 90 70 50 30 10 10 30 5 195395595795995 gain(db) frequency(mhz) transmitsplots v cc =3.6v,v reg =3.4v,c_tx=3.4v,andc_rx=0.2v s11 s12 s21 s22


▲Up To Search▲   

 
Price & Availability of RF6514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X