Part Number Hot Search : 
5925B KC74125B 1B121102 WB201 AD9523 DTSPU EC49017 B1060
Product Description
Full Text Search
 

To Download PMMAD1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 1 05089 pmmad series ult ra low c apa cit a nce m ulti-line s tee r ing d io d e arra y de s c r i p tion the pmmad series are a low distorton steering diodes. these devices are intended for use in high frequency analog or digital data i/o ports for protecton against electrostatc discharge (esd) and electrical fast transients (eft). the pmmad series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and divertng overvoltage transients for the protecton of sensitve network interface circuits. this series provides low capacitance, which insures signal integrity up to 900mhz, while complete isolaton between adjacent diodes keeps cross-talk to a minimum. the pmmad series is available in a so-14 package and meets the iec 61000-4-2, iec 61000-4-4 and iec 61000-4-5 requirements. fe a tu r e s ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge): 24a, 8/20s - level 2(line- gnd) & level 3(line-line) ? 500 milliwat contnuous power dissipaton ? low inserton loss & cross-talk ? esd protecton > 25 kilovolts ? protects 8 i/o lines ? working voltage > 50 volts ? low leakage current < 0.1a ? ultra low capacitance: 5pf per diode ? rohs compliant ? reach compliant mech a nic a l ch ara cte r i s tic s ? molded jedec so-14 package ? approximate weight: 0.15 grams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 16mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 app lic a tion s ? high frequency data lines ? rs-232 & rs-422 interface networks ? ethernet 10/100 base t ? computer i/o ports ci r cuit d i a g ram s o -14 pa ck a ge i/o port + gnd or (-)
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 2 05089 pmmad series p in i d enti f ic a tion a n d con f igu ra tion 3 5 7 8 9 11 12 2 14 pmmad1106 8 diode common anode array nc pins 1, 4, 6, 10 & 13 8 lines of protecton PMMAD1103 16 diode array nc pins 4, 6, 10 & 13 8 lines of protecton 3 5 7 8 9 11 12 2 1 14 pmmad1109 7 isolated diode array (independent) 7 lines of protecton 7 8 6 9 5 10 4 11 3 12 2 13 1 14
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 3 05089 pmmad series ty p ic a l d evice ch ara cte r i s tic s max i m u m ra ting s @ 25c unless o therwise specifed param ete r s y mb ol v a lue unit s contnuous power dissipaton p pk 500 milliwats contnuous forward current (single diode) i p 400 ma repettve peak forward current @ tp = 5s, f = 50khz i frm 700 ma operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c elect r ic a l ch ara cte r i s tic s p e r line @ 25c unless o therwise specifed par t nu mb e r r e p etitive p e a k r eve rs e volt a ge @ 10 a v rrm volt s max i m u m f o r w ard p e a k p ul s e cu rr ent @ 8/20 s i fm amps max i m u m f o r w ard volt a ge @ 100 m a v f volt s max i m u m r eve rs e le a k a ge cu rr ent v rr m @ 40v i r a max i m u m c apa cit a nce (per diode) @4 v , 1m h z c j p f PMMAD1103 50 40 1.2 0.1 5 pmmad1106 50 40 1.2 0.1 5 pmmad1109 50 40 1.2 0.1 5 test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f igu r e 1 p ul s e w a ve f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse c urrent - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 4 05089 pmmad series sp ice m o d el f igu r e 1 sp ice m o d el t ab le 1 - sp ice param ete rs param ete r unit lc rd bv v 200 ibv a 0.01 c jo pf 3 i s a 1e-13 vj v 0.6 m - 0.33 n - 1 r s ohms 0.31 tt s 1e-9 eg ev 1.11 lcrd - low capacitance rectfer diode lg - lead inductance lcrd lcrd lg 0.6nh lcrd lg 0.6nh pmmad1106 pmmad1109 PMMAD1103 i/o v cc+ i/o
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 5 05089 pmmad series s o -14 pa ck a ge in f o rma tion outline d i m en s ion s d i m m illi m ete rs inche s m in max m in max a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 note s 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. pad l a yout d i m en s ion s d i m m illi m ete rs inche s m in max m in max a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 note s 1. controlling dimension: inches. -a- -b- p d g 14 8 7 1 -t- c k j r x 45 0 - 10 f 14 pl 0.010 (0.25mm) m s b + s a t 7 pl 0.010 (0.25mm) m m b + a b c d e
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 6 05089 pmmad series t ap e a n d r eel o rd e r ing in f o rma tion bas e par t nu mb e r (xx = v oltage) le adfr ee s u ff i x t ap e s u ff i x q ty /r eel r eel s i z e tu b e q ty pmmadxxxx -lf -t7 1,000 7 55 pmmadxxxx -lf -t13 2,500 13 55 this device is only available in a lead-free confguraton. sp eci f ic a tion s reel di a . tap e w i d th a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 16mm 6.50 0.10 9.5 0.10 2.10 0.10 1.50 0.10 1.75 0.10 3.50 0.05 16.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 n ote s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 16mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 16mm tape. 5. bulk product shipped in tubes of 55 pieces per tube. 6. marking on part - part number, date code, logo and pin one defned by dot on top of package. package outline per document number 06006.r3 10/09 user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2
only one name means protektion? www.protekdevices.com 05089.r12 9/12 page 7 05089 pmmad series co mpa ny in f o rma tion copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. co mpa ny pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. cont a ct us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com pro t ek devices (asia pacifc) pte. l td. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 w eb www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PMMAD1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X