Part Number Hot Search : 
HCT57 607ETD HC273M 20D471K 74VCX1 HER802T DL5223 D2058Y
Product Description
Full Text Search
 

To Download PM104SH-330-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7.4 (.291) typ. typ. 10.0 0.3 (.394 .012) 3.4 (.134) typ. 3.2 (.126) typ. 3.4 (.134) 3.8 0.3 (.150 .012) 10.0 0.3 (.394 .012) features formerly model available in e6 series unit height of 3.8 mm current up to 7.2 a rohs compliant* applications input/output of dc/dc converters power supplies for:  portable communication equipment  camcorders  lcd tvs  car radios pm104sh series - shielded smd power inductors *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. general speci cations test voltage .......................................1 v re ow soldering .. 230 ?, 50 sec. max. operating temperature ................................-40 ? to +125 ? (temperature rise included) storage temperature .. -40 ? to +125 ? resistance to soldering heat ............................... 260 ? for 10 sec. materials core ....................ferrite dr and ri core wire ............................enameled copper base .....................................lcp e4008 terminal ....................................ag/ni/sn rated current ...................ind. drop 35 % typ. at isat temperature rise .....................40 ? max. at rated irms packaging .................. 1000 pcs. per reel *rohs compliant dimensions: mm (inches) product dimensions electrical speci cations recommended layout inductance 100 khz test srf i rms i sat q frequency min. rdc max. typ. bourns part no. (?) tol. % ref. (mhz) (mhz) (m ) (a) (a) pm104sh-1r5-rc 1.5 ?30 14 7.96 65.0 5.2 7.20 7.00 pm104sh-2r5-rc 2.5 ?30 12 7.96 50.0 12.5 6.10 6.00 pm104sh-3r8-rc 3.8 ?30 14 7.96 35.0 15.0 5.50 5.50 pm104sh-5r2-rc 5.2 ?30 12 7.96 30.0 22.0 4.60 4.80 pm104sh-7r0-rc 7.0 ?30 13 7.96 36.0 35.0 3.90 4.00 pm104sh-100-rc 10.0 ?30 24 7.96 20.0 25.0 3.80 3.60 pm104sh-150-rc 15.0 ?30 24 2.52 16.0 37.0 2.80 2.70 pm104sh-220-rc 22.0 ?30 20 2.52 12.0 55.8 2.20 2.30 PM104SH-330-RC 33.0 ?30 22 2.52 10.0 86.0 1.80 1.80 pm104sh-470-rc 47.0 ?30 22 2.52 8.0 121.0 1.65 1.60 pm104sh-680-rc 68.0 ?30 24 2.52 7.0 166.0 1.10 1.30 pm104sh-101-rc 100.0 ?30 24 0.796 6.0 220.0 1.30 1.10 pm104sh-151-rc 150.0 ?30 20 0.796 5.0 358.0 0.90 0.80 pm104sh-221-rc 220.0 ?30 22 0.796 4.0 565.0 0.65 0.65 pm104sh-331-rc 330.0 ?30 20 0.796 3.0 773.0 0.55 0.52 inductor connection electrical schematic 100 lcr meter 7.2 (.283) 1.8 (.071) 1.8 (.071) 3.6 (.142) ref. ref. ref. ref.
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. pm104sh series - shielded smd power inductors packaging speci cations rev. 05/11 qty: 1000 pcs. per reel dimensions: mm (inches) user direction of feed 160 (6.299) no component no component components 400 (15.748) start 4 (.157) 16 (.63) end 26 (1.02) 30.4 (1.20) 2.0 ?0.5 (.079 ?.020) 50.0 (1.969) 330 (12.99) dia. 13.0 ?0.5 (.512 ?.020) dia. 13.0 ?0.5 (.512 ?.020) dia. 21.0 ?0.8 (.827 ?.031) embossed carrier embossed cavity 24.0 (.945) cover tape


▲Up To Search▲   

 
Price & Availability of PM104SH-330-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X