Part Number Hot Search : 
C4063A 28F64 RL752PT 74LS34 ARF1519 PE9740 IZ4812SA 2SD1111
Product Description
Full Text Search
 

To Download NRBX151M160V16X315F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change rated voltage range 160 ~ 450vdc capacitance range 6.8 ~ 220 f operating temperature range -25c ~ +105c capacitance tolerance 20% (m) maximum leakage current @ 20c after 1 min. 0.04cv +100 a after 5 min. 0.02cv +25 a max. tan w.v. (vdc) 160 200 250 350 400 450 @120hz/20c 0.15 0.15 0.15 0.20 0.20 0.20 low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 3 3 6 6 6 load life test at rated volt- age @ 105c duration d = 10mm: 10,000 hours, d = 12.5>: 12,000 hours capacitance within 20% of initial measured value tan less than 200% of speci ed value lc less than speci ed value miniature aluminum electrolytic capacitors nrbx series capacitance ( f) code working voltage (vdc) 160 200 250 350 400 450 6.8 6r8 - - - 10x16 10x16 10x20 10 100 10x16 10x16 10x20 10x20 10x20 12.5x20 22 220 10x20 10x20 12.5x20 12.5x20 12.5x25 16x25 16x20 18x20 33 330 10x20 12.5x20 12.5x20 16x20 16x25 16x31.5 18x20 18x25 47 470 12.5x20 12.5x20 12.5x25 16x25 16x31.5 18x31.5 16x20 18x20 18x25 68 680 12.5x25 12.5x25 16x25 16x31.5 18x31.5 - 16x20 16x20 18x20 18x25 100 101 16x25 16x25 16x31.5 - - - 18x20 18x20 18x25 - - - 150 151 16x31.5 16x31.5 18x31.5 --- 18x25 18x25 - - - 220 221 16x31.5 18x31.5 ---- 18x25 ---- high temperature, extended load life, radial leads, polarized features ? improved endurance at high temperature (up to 12,000hrs @ 105c) ? ideal for high voltage lighting ballast case dia. (d ) 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.8 0.8 lead spacing (f) 5.0 5.0 7.5 7.5 dim. 0.5 dim. 2.0 lead spacing and diameter (mm) characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com standard product and case size table d xl (mm) *see part number system for details pnbs fdi l rohs compliant includes all homogeneous materials *see taping speci cations for details nrbx 100 m 200v 10x16 tb f . rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change ripple current frequecy correction factor frequency (hz) 120 1k 10k 100k multiplier 0.50 0.80 0.90 1.00 part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/100khz max. esr ( ) +20c/120hz load life hours @+105c nrbx100m160v10x16f 10 160 0.15 250 24.88 10,000 nrbx220m160v10x20f 22 0.15 500 11.31 10,000 nrbx330m160v10x20f 33 0.15 500 7.54 10,000 nrbx470m160v12.5x20f 47 0.15 660 5.29 12,000 nrbx680m160v12.5x25f 68 0.15 760 3.66 12,000 nrbx680m160v16x20f 0.15 nrbx101m160v16x25f 100 0.15 1120 2.49 12,000 nrbx101m160v18x20f 0.15 nrbx151m160v16x31.5f 150 0.15 1360 1.66 12,000 nrbx151m160v18x25f 0.15 nrbx221m160v16x31.5f 220 0.15 1400 1.13 12,000 nrbx221m160v18x25f 0.15 nrbx100m200v10x16f 10 200 0.15 250 24.88 10,000 nrbx220m200v10x20f 22 0.15 500 11.31 10,000 nrbx330m200v12.5x20f 33 0.15 600 7.54 12,000 nrbx470m200v12.5x20f 47 0.15 660 5.29 12,000 nrbx680m200v12.5x25f 68 0.15 760 3.66 12,000 nrbx680m200v16x20f 0.15 nrbx101m200v16x25f 100 0.15 1120 2.49 12,000 nrbx101m200v18x20f 0.15 nrbx151m200v16x31.5f 150 0.15 1360 1.66 12,000 nrbx151m200v18x25f 0.15 nrbx221m200v18x31.5f 220 0.15 1700 1.13 12,000 nrbx100m250v10x20f 10 250 0.15 280 24.88 10,000 nrbx220m250v12.5x20f 22 0.15 600 11.31 12,000 nrbx330m250v12.5x20f 33 0.15 600 7.54 12,000 nrbx470m250v12.5x25f 47 0.15 720 5.29 12,000 nrbx470m250v16x20f 0.15 nrbx680m250v16x25f 68 0.15 920 3.66 12,000 nrbx680m250v18x20f 0.15 nrbx101m250v16x31.5f 100 0.15 1200 2.49 12,000 nrbx101m250v18x25f 0.15 nrbx151m250v18x31.5f 150 0.15 1500 1.66 12,000 nrbx6r8m350v10x16f 6.8 350 0.20 220 48.79 10,000 nrbx100m350v10x20f 10 0.20 280 33.17 10,000 nrbx220m350v12.5x20f 22 0.20 350 15.08 12,000 nrbx330m350v16x20f 33 0.20 500 10.05 12,000 nrbx470m350v16x25f 47 0.20 660 7.06 12,000 nrbx680m350v16x31.5f 68 0.20 850 4.88 12,000 nrbx680m350v18x25f 0.20 nrbx6r8m400v10x16f 6.8 400 0.20 220 48.79 10,000 nrbx100m400v10x20f 10 0.20 280 33.17 10,000 nrbx220m400v12.5x25f 22 0.20 430 15.08 12,000 nrbx220m400v16x20f 0.20 nrbx330m400v16x25f 33 0.20 640 10.05 12,000 nrbx330m400v18x20f 0.20 nrbx470m400v16x31.5f 47 0.20 840 7.06 12,000 nrbx470m400v18x25f 0.20 nrbx680m400v18x31.5f 68 0.20 1000 4.88 12,000 nrbx6r8m450v10x20f 6.8 450 0.20 150 48.79 10,000 nrbx100m450v12.5x20f 10 0.20 320 33.17 12,000 nrbx220m450v16x25f 22 0.20 560 15.08 12,000 nrbx220m450v18x20f 0.20 nrbx330m450v16x31.5f 33 0.20 700 10.05 12,000 nrbx330m450v18x25f 0.20 nrbx470m450v18x31.5f 47 0.20 880 7.06 12,000 miniature aluminum electrolytic capacitors nrbx series standard values, specifications and case sizes (mm)


▲Up To Search▲   

 
Price & Availability of NRBX151M160V16X315F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X