Part Number Hot Search : 
NLAS5213 M50179P MM3006 12EZS D6516 FG4603 M3016 SNC68805
Product Description
Full Text Search
 

To Download MUR110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur105 thru MUR1100 1 amp super fast recovery rectifier 50 to 1000 volts features super fast switching speed for high efficiency marking:typenumber operating temperature: -50 c to +15 0 c storage temperature: -50 c to +15 0 c mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur105 50v 35v 50v MUR110 100v 70v 100v mur115 150v 105v 150v mur120 200v 140v 200v mur140 400v 280v 400v mur160 600v 420v 600v mur180 800v 560v 800v MUR1100 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 a t a = 55 c peak forward surge current i fsm 35a 8.3ms, half sine maximum instantaneous forward voltage mur105 - 115 mur120 - 160 mur180 - 1100 v f .975v 1.35v 1.75v i fm = 1.0a; t a = 25 c max imum dc reverse current at rated dc blocking voltage i r 5 m a 50 m a t a = 25 c t a = 150 c maximum reverse recovery time mur10 5 - 120 mur14 0 - 160 mur18 0 - 1100 t rr 45ns 60ns 75ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacita nce c j 20pf measured at 1.0mhz, v r =4.0v do - 41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.0 00 --- 25.40 --- a b c d d cathode mark         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc tm micro commercial components maximum ratings revision: a 2011/01/01 www.mccsemi.com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 25 175 50 75 100 125 0 .25 .5 .75 single phase, half w ave 60hz resistive or inductive load amps c 150 1.0 1.25 1.5 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .5 .7 .9 1.1 1.3 1.5 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c mur105 - 115 mur120 - 160 mur105 thru MUR1100 mur18 0 - 1100 mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 2 of 4
t rr +0.5a 0 - 0.25 - 1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 50 w 10 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non - inductive figu re 6 reverse recovery time characteristic and test circuit diagram 1 100 4 0 10 20 30 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t a =25 c 40 60 100 140 t a =100 c t a =150 c mur105 thru MUR110 mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 3 of 4
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: a 2011/01/01 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MUR110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X