Part Number Hot Search : 
20500 C157C1 X8566L TP5100G BY203 L4148 P6KE6 R2001
Product Description
Full Text Search
 

To Download MBR05100AJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 1/8 MBR05100AJ3 cystek product specification 5amp. schottky barrier rectifiers MBR05100AJ3 features ? 175 operating junction temperature ? low v f and low i r type ? metal silicon junction, major carrier conduction ? guardring for over voltage protection ? low power loss, high efficiency ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarit y protection application ? pb-free lead plating an d halogen-free package mechanical data ? case: to-252 molded plastic ? mounting position: any ? weight: 0.34 grams approximately ? terminals: pure tin plated, lead-fre e, solderable per mil-std-750 method 2026 ? epoxy: ul 94v-0 rate flame retardant ? polarity : indicated by diode symbol equivalent circuit outline to-252ab to-252aa MBR05100AJ3 i f(av) 5a v rrm 100v tj 175 c v f(typ.) 0.65v a k a a k a
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 2/8 MBR05100AJ3 cystek product specification maximum ratings and electrical characteristics ( rating at 25 c ambient temperature unless otherwise sp ecified. single phase, half wave, 60hz, resistive or inductive loa d. for capacitive load, derate current by 20%.) parameter symbol min. typ. max. units maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v i f =5a, t c =25 0.85 i f =5a, t c =125 0.65 0.70 i f =10 a, t c =25 0.92 maximum instantaneous forward voltage at (note 1) i f =10a, t c =125 v f 0.80 v maximum average forward rectified current @ t c =133 i f(av) 5 a peak repetitive forward current (square wave, 20khz, t c =133 ) i frm 10 a non-repetitive peak forward surge current @ 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 110 a peak repetitive reverse surge current (note 1 ), t j <175 i rrm 2.5 a v r =100 v, t c =25 5 a maximum instantaneous reverse current at v r =100 v, t c =125 i r 5 ma voltage rate of change, (rated v r ) dv/dt 10,000 v/ s typical junction capacitance @ f=1mhz and applied 5v reverse voltage c j 105 pf esd susceptibility (note 2) 8000 v storage temperature range t stg -65 +175 operating junction temperature range t j -65 +175 notes : 1. 2.0 s pulse width, f=1.0khz 2. human body model, 1.5k in series with 100pf thermal data parameter symbol value unit maximum thermal resistance, junction-to-case r th,j-c 2.5 c/w maximum thermal resistance, junction-to-ambient r th,j-a 125 c/w ordering information device package shipping MBR05100AJ3 to-252 (pb-free lead plating an d halogen-free package) 2500 pcs / tape & reel
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 3/8 MBR05100AJ3 cystek product specification typical characteristics forward current derating curve 0 1 2 3 4 5 6 0 25 50 75 100 125 150 175 200 case temperature---t c () average forward current---i f(av) (a) resistive or inductive load per leg forward current vs forward voltage 10 100 1000 10000 100000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward voltage---v f (v) instantaneous forward current---i f (ma) pulse width=300s, 1% duty cycle tj=25 tj=150 per leg reverse leakage current vs reverse voltage 0.001 0.01 0.1 1 10 100 0 20406080100120 reverse voltage---v r (v) reverse leakage current---i r (a) tj=75 tj=25 tj=125 per leg junction capacitance vs reverse voltage 10 100 1000 0.1 1 10 100 reverse voltage---v r (v) junction capacitance---c j (pf) tj=25, f=1.0mhz per leg
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 4/8 MBR05100AJ3 cystek product specification recommended soldering footprint
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 5/8 MBR05100AJ3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 6/8 MBR05100AJ3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max.
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 7/8 MBR05100AJ3 cystek product specification to-252ab dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.213 0.224 5.400 5.700 a1 0.000 0.005 0.000 0.127 e *0.091 *2.300 b 0.053 0.065 1.350 1.650 e1 0.177 0.185 4.500 4.700 b 0.020 0.028 0.500 0.700 l 0.374 0.390 9.500 9.900 b1 0.028 0.035 0.700 0.900 l1 0. 100 0.114 2.550 2.900 c 0.017 0.023 0.430 0.580 l2 0.055 0.070 1.400 1.780 c1 0.017 0.023 0.430 0.580 l3 0.014 0.026 0.350 0.650 d 0.250 0.262 6.350 6.650 v 0. 150 ref 3.800 ref d1 0.205 0.213 5.200 5.400 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 marking: style: pin 1.anode 2.cathode 3.anode 3-lead to-252ab plastic surface mount package cystek package code: j3 cys 05100a
cystech electronics corp. spec. no. : c463j3 issued date : 2010.06.30 revised date : 2012.07.30 page no. : 8/8 MBR05100AJ3 cystek product specification to-252aa dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.030 ref 0.750 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: style: pin 1.anode 2.cathode 3.anode 3-lead to-252aa plastic surface mount package cystek package code: j3 cys 05100a


▲Up To Search▲   

 
Price & Availability of MBR05100AJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X