Part Number Hot Search : 
00800 DM74121 ADV7189B HFS4N65 XF5006T7 60M303 FMS6346 UA200
Product Description
Full Text Search
 

To Download LVC-5000-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LVC-5000-A2 features multiple lan ports to support transport surveillance this mobile nvr with 4 gbe lan ports is suitable for ip video surveillance and real-time recording applications. designed for mil-std-810g with extreme vibration resistance lvc-5000-a series is in compliance with mil-std-810g vibration and shock standards and includes ssd storage and a suspension kit to further improve robustness. fanless design with corrugated aluminum the corrugated aluminum casing lets heat dissipate through the top of the device, allowing for a fanless design. convenient dc output the lvc-5000-a series offers 12vdc output (max 1a) for external devices, operational in concert with the ignition power management feature . vehicle ignition power management detects vehicle ignition on/off status and allows fexible control of the delay time via software utility. fanless mobile dvr with intel celeron 1047ue & 16ch analogue video for transport surveilance solution com video inpurt hdmi dvi-d vga 12v dc out digital i/o audio input 9~36vdc power in 4x gbe 4x usb 2.5 removable drive bay power sw (bypass ignition)
analogue video grabber the analogue solution is a high-quality, high-performance video capture device with on-board hardware h.264 compression engine can record live video from cameras into high-quality h.264 baseline profle fles, which is specially designed for surveillance applications and supports up to 16 channels of video inputs and 1 channel of audio input. key lock for drive bay the system is with key lock for removable drive bay. settings and installation via the front panel mcu setting and cf card and sim card installation is easy to access simply by opening the front panel. digital i/o the digital i/o design includes 12v level di/o, audio, mcu tx/rx and also includes 2x di (digital input from mcu) which can connect sensors to detect the environment. once defned events occur, the lvc-5000 series can be turned on automatically. dimensions: 273.8 x 72 x 188 mm (10.78 x 2.84 x 7.4 ) connect@lannerinc.com | www.lannerinc.com
preliminary specifcations dimensions (wxhxd) 273.8 x 72 x 188 mm (10.78 x 2.84 x 7.4 ) processor intel? celeron? 1047e chipset intel hm65 system memory technology ddr3 so-dimm x1 ( factory default: 4gb module pre-installed ) max. capacity up to 8gb storage sata/cf removable 2.5 ssd/hdd drive bay x1, cf socket x1 ethernet controller intel 82583v x4 graphic controller intel integrated hd graphic engine audio controller realtek alc886 hd codec io lan gbe rj45 x 4 display dvi-d, maximum resolution up to 1920x1200@75hz vga, maximum resolution up to 2048x1536@60hz hdmi, maximum resolution up to 1920x1200@75hz dual display supports independent, clone and extended mode. audio mic-in and line-out with 2 watt by terminal block mio connector serial i/o 1x rs-232/422/485 both with ri/5v/12v gps ublox neo-7n gps receiver module g-sensor adxl 345 digital i/o 4x di and 4x do with 5v/12v level by jumper setting 2x di (from mcu) 3.3v level 2x do control relay with contact current @ 2a usb 2.0 type a x4 power input 3-pin terminal block (+, -, ignition) power output 12 v / 1a dc expansion mini-pcie x2 (both with sim card slot) video grabber stretch s7100 h.264 hardware en/decoder without sdk supports for 16x analogue video input, 1x audio input poe n/a others external: 5x sma antenna hole, remote power switch internal: lanner proprietary di/o power input +9~36vdc input range, with ignition delay on/off control poe power module internal integrated os support linux: redhat enterprise 5/ fedora 14. linux kernel 2.6.18 or later windows: xp embedded ; win7 pro fes/embedded; win8 certifcations ce, fcc class a, e13, rohs compliance vibration: mil-std-810g, method 514.6 shock:mil-std-810g, method 516.6 operating tem - perature range extended with selected industrial components: -20~55c/-4~131f standard with commercial components: -5~45c / 23~113f
ordering information LVC-5000-A2 intel? celeron 1047ue in-vehicle mobile dvr computer, with 16ch video input, 4gb ddr3 memory included, 2.5 removable drive bay, mini-pcie x2 with two sim card reader, intel gbe x4, usb x4, com x2, dio, audio, power input +9~36vdc with ignition, suspension kit included. connect@lannerinc.com | www.lannerinc.com


▲Up To Search▲   

 
Price & Availability of LVC-5000-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X