Part Number Hot Search : 
11100 KBP01 40T301 L100E BUZ12A ENA1564 L100E NJW1503A
Product Description
Full Text Search
 

To Download LVC-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connect@lannerinc.com LVC-2000 fanless vehicle pc with intel ? atom ? e3845 processor features fanless design and aluminum enclosure the fanless design reduces mechanical failures and the aluminum enclosure provides rugged protection from external damages. onboard quad-core bay trail soc the new intel? atom? 22 nm microarchitecture soc cpu (codenamed bay trail) offers double the performance and five times the energy efficiency of the atom? previous generations. vehicle power ignition management detects the ignition on/off and configures delay time with flexible setting via our software utility. the mio connector the mio features multiple digital i/os, including 2 x di (digital input from mcu) for connection with sensors to detect the surrounding. once an event-occurrence is defined, LVC-2000 will be turned on automatically by the connected sensor. overview LVC-2000 is a fanless in-vehicle computer with mil-std-810g certified shock and vibration resistance. built with onboard intel ? atom? processor e3845 (codenamed bay trail), the in-vehicle computer is a value time-to-market solution with enhanced performance and low power consumption. LVC-2000 also features multiple i/o connectivity including optional can bus, lan port, gps/g-sensor, com ports, multiple digital i/os, and mini pci express sockets, making it perfect for vehicle monitoring, in- car infotainment and fleet management. lan 9~36v dc input w/ ignition vga mio hdmi usb com2 antenna can com1
 www.lannerinc.com wide operating temperature workability LVC-2000 is capable of working under wide temperature from -20 to 60c when equipped with industrial storage devices like ssds. designed for mil-std-810g with extreme vibration resistance LVC-2000 is in compliance with mil-std- 810g vibration and shock standards. dimensions: 198 x 52 x 165 mm 198 165 52
connect@lannerinc.com  preliminary specifications dimensions (wxhxd) 198 x 52 x 165 mm processor intel atom e3845 1.91 ghz processor chipset n/a system memory technology ddr3l so-dimm x1 max. capacity up to 4gb storage sata/msata sata 2.0 x1 for internal 2.5 hdd x1, msata x1 ethernet controller intel i210-it x1 graphic controller intel integrated gma3650 graphic engine audio controller realtek alc886 hd codec io lan gbe rj45 x1 display db15 x1 for vga, hdmi x1 can bus optional 1x can bus supports j1939 & j1708 serial i/o db9 male x2 support rs-232/485 with ri/5v/12v gps/g-sensor ublox neo-7n / adxl 345 digital i/o 4x di 12v level 4x do 12v level 2x di (from mcu) 3.3v level, 1x relay (2a, 12v/24v) 12vdc power output usb 3.0 type a x1, reserved 2 x usb 2.0 pin headerpin header power input 3-pin terminal block (+, -, ignition) expansion 1x full-size mini-pcie socket, 1x half-size mini-pcie socket others external: 3x sma antenna hole internal: 1x sim card reader power input dc input: 9~36v for +12v-level and +24v-level car battery ignition control: supports ignition on/off and delay power-on/off system, time frame by software setting ac adapter ordering option hardware monitor fintek f81865 integrated watchdog timer 1~255 level os support windows 7/7 embedded; windows 8 embedded, linux kernel 2.6.x or later certifcations ce, fcc class a, e13, rohs compliance temperature: mil-std-810g, method 500.5, 501.5, 502.5, 503.5 vibration: mil-std-810g, method 514.6, 516.6 shock:mil-std-810g, method 516.6 operating tem - perature range extended with selected industrial components -20~60c/-4~140f standard with commercial components -5~45c / 23~113f
 ordering information www.lannerinc.com LVC-2000 intel? atom? quad core e3845 in-vehicle computer, ddr3l x1, mini-pcie x2 plus one sim card reader, intel gbe x1, usb x1, optional can bus, com x2, 12v ttl dio, +9~36vdc power input with ignition v1.0.1


▲Up To Search▲   

 
Price & Availability of LVC-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X