Part Number Hot Search : 
LD3500 BYG80J 227M00 MC134M 1N522 1N4735 CER6080 18ABD
Product Description
Full Text Search
 

To Download L-C192KFCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  para light electronics co., ltd. 4f, no.1, lane 93, chien yi road, chung ho city, taipei, taiwan. tel: 886-2-2225-3733 fax: 886-2-2225-4800 e-mail: para@para.com.tw http://www.para.com.tw data sheet part no.: L-C192KFCT rev: b / 3 customer?s approval : _______________ dcc : ____________ drawing no. : ds-75-03-0003 date : 2009-11-23 page 1 of 14 para-for-065
surface mount device led part no. : L-C192KFCT rev:b / 3 z package outline dimensions notes: 1. all dimensions are in millimeters. 2. tolerance is ? 0.1mm (.004") unless otherwise noted. z features ? top view, wide view angle, single color chip led. ? package in 8mm tape on 7" diameter reels. ? compatible with automatic pick & place equipment. ? compatible with infrared and wave soldering reflow solder processes. ? eia std package. ? i.c. compatible. ? pb free product. ? meet rohs green product. drawing no. : ds-75-03-0003 date : 2009-11-23 page 2 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z chip materials ? dice material : alingap ? light color : super amber ? lens color : water clear z absolute maximum ratings(ta=25 ?? ) symbol parameter rating unit p d power dissipation 75 mw i pf peak forward current (1/10 duty cycle, 0.1ms pulse width) 80 ma i f continuous forward current 30 ma - de-rating linear from 25 j 0.25 ma/ j v r reverse voltage 5 v esd electrostatic discharge threshold(hbm) note a 2000 v topr operating temperature range -40 ~ +85 j tstg storage temperature range -40 ~ +85 j note a : hbm : human body model. seller gives no othe r assurances regarding the ability of to withstand esd. z electro-optical characteristics(ta=25 ?? ) parameter symbol min. typ. max. unit test condition luminous intensity iv 60 100 mcd if=20ma viewing angle 2 | 1/2 130 deg note 2 peak emission wavelength |? p 611 nm measurement @peak dominant wavelength |? d 605 nm if=20ma spectral line half-width ||? 17 nm forward voltage vf 2.0 2.4 v if =20ma reverse current ir 10 | a vr = 5v drawing no. : ds-75-03-0003 date : 2009-11-23 page 3 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z bin code list luminous intensity(iv), unit:mcd@20ma bin code min max p 45 71 q 71 112 r 112 180 tolerance of each bin are ? 1 0 % notes: 1. luminous intensity is measured with a lig ht sensor and filter combination that proximities the cie eye-response curve. 2. | 1/2 is the off-axis angle at which the lu minous intensity is half the axial luminous intensity. 3. the dominant wavelength |? d is derived from the cie chromaticity diagram and represents the single wavelength whic h defines the color of the device. 4. caution in esd : static electricity and surge damages the led. it is recommended use a wrist band or anti-electrostatic glove when handling the led. all devices, equipment and machinery must be properly grounded. 5. major standard testing equipment by ?ins trument system? model : cas140b compact array spectrometer and ?keith ley? source meter model : 2400. drawing no. : ds-75-03-0003 date : 2009-11-23 page 4 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z typical electro-optical characteristics curves (25 j ambient temperature unless otherwise noted) relative luminous intensity(%) 0.7 0.1 0.5 0.3 0.4 0.2 0.6 90 80 fig.5 luminous intensity vs.ambient temperature ambient temperature ta( ?? ) 20 1.0 0.8 0.9 - 4 0 -60 1 -20 -0 70 60 50 40 30 0 10 20 4 0 60 100 80 fig.6 forward current derating curve ambient temperature ta( ?? ) 0 1 20 40 80 60 100 fig.3 luminous intensity vs.forward current luminous lntensity(mcd) fig.2 forward current vs.forward voltage 10 100 1000 forward current if(ma) 10 20 30 40 50 fig. 4 relative luminous intensity vs.forward current relative luminous lntensity normalized of 20ma fig.7 relative intensity vs.angle drawing no. : ds-75-03-0003 date : 2009-11-23 page 5 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z label explanation cus. part no: to be denominated. customer: to be denominated. part no: refer to p14 iv --- luminous intensity code vf --- forward voltage code wd --- dominant wavelength code lot no: e l s 6 8 0001 a---e: for series number b---l: local f: foreign c---s:smd d---year e---month f---spec. packing quantity of bag : 3000pcs max for 150 ? 170 ? 110 ? 115 series 4000pcs max for 191 series 5000pcs max for 192 series date code o 2006 06 08 g h i g--- ye ar h--- month i --- day drawing no. : ds-75-03-0003 date : 2009-11-23 page 6 of 14 para-for-068 a b c d e f
surface mount device led part no. : L-C192KFCT rev:b / 3 z typical electro-optical characteristics curves fig.1 relative intensity vs. wavelength z reel dimensions notes: 1. taping quantity : 5000pcs max 2. the tolerances unless mentioned is ? 0.1mm, angle ? 0.5 ?? , unit : mm. drawing no. : ds-75-03-0003 date : 2009-11-23 page 7 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z package dimensions of tape and reel polarity p rogressive direction cathode notes:all dimensions are in millimeters. moisture resistant packaging label aluminum moistue-proof bag desiccant label h:\smd\smd\smd \ ? ? .jpg h:\smd\smd\smd?\??.jpg h : \ s m d \ s m d \ s m d \ ? ? . j p g h : \ s m d \ s m d \ s m d \ ? ? . j p g 2 5 5 435 145 2 4 0 2 1 0 label box carton reel notes : one reel in a bag, one bag in a i nner box, ten inner boxes in a carton. unit : mm. drawing no. : ds-75-03-0003 date : 2009-11-23 page 8 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z cleaning ? if cleaning is required , use the following solutions for less than 1 minute and less than 40 ?? . ? appropriate chemicals: ethyl al cohol and isopro pyl alcohol. ? effect of ultrasonic cleaning on the led resi n body differs depending on such factors as the oscillator output, size of pcb and led mounting method. the use of ultrasonic cleaning should be enforced at proper out put after confirming there is no problem. z suggest soldering pad dimensions direction of pwb camber and go to reflow furnace drawing no. : ds-75-03-0003 date : 2009-11-23 page 9 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 ?? suggest sn/pb ir reflow soldering profile condition: ?? suggest pb-free ir reflow soldering profile condition: drawing no. : ds-75-03-0003 date : 2009-11-23 page 10 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z cautions 1.application limitation : the led?s described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household application).consult para?s sales in advance for information on application in which exceptional quality and reliability are required, particularly when the failure or malfunction of the led?s may dire ctly jeopardize life or heal th (such as airplanes, automobiles, traffic control equipment, life support system and safety devices). 2.storage : before opening the package : the leds should be store kept at 5c to 30c or less and 85%rh or less. after opening the package : the leds should be kept at 5c to 30c or less and 70%rh or less. the leds should be soldered within 168 hours(7 days) af ter opening the package. please avoid rapid transitions in ambient temp erature in high humidity environments where condensation may occur. leds stored out of their original packaging for more than a w eek should be baked at 30c for at 24 hours before solder assembly. 3.soldering do not apply any stress to the lead frame during soldering while the led is at high temperature. recommended soldering condition. reflow soldering : pre-heat 120~150c, 120sec. max., peak temper ature : 240c max. solder ing time : 10 sec max. soldering iron : (not recommended) temperature 300c max., soldering time : 3 sec. max.(one time only), power dissipation of iron : 20w max. use sn60 solder of solder with silver content and don?t to touch led lens when soldering. wave soldering : pre-heat 100c max, pre-heat tim e 60 sec. max, solder wave 260c max, soldering time 5 sec. max. preformed consecutively cooling process is required between 1 st and 2 nd soldering processes. drawing no. : ds-75-03-0003 date : 2009-11-23 page 11 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 4. lead-free soldering for reflow soldering : 1 ?b pre-heat temp:150-180 j ,120sec.max. 2 ?b soldering temp:temperature of soldering pot over 230 j ,40sec.max. 3 ?b peak temperature:260 j?a 5sec. 4 ?b reflow repetition:2 times max. 5 ?b suggest solder paste formula 93.3 sn/3.1 ag/3.1 bi /0.5 cu for soldering iron (not recommended) : 1 ?b iron tip temp:350 j max. 2 ?b soldering iron:30w max. 3 ?b soldering time:3 sec. max. one time. for dip soldering : 1 ?b pre-heat temp:150 j max. 120 sec. max. 2 ?b bath temp:265 j max. 3 ?b dip time:5 sec. max. 5. drive method circuit model a circuit model b (a)recommended circuit. (b)the difference of brightness be tween led`s could be found due to the vf-if characteristics of led. drawing no. : ds-75-03-0003 date : 2009-11-23 page 12 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 6.reliability test classification test item test condition reference standard operation life ta= under room temperature as per data sheet maximum rating * test time= 1000hrs (-24hrs,+72hrs)*@20ma. mil-std-750d:1026 (1995) mil-std-883d:1005 (1991) jis c 7021:b-1 (1982) high temperature high humidity storage ir-reflow in-board, 2 times ta= 655 ?? ,rh= 90 ?? 95% *test time= 1000hrs2hrs mil-std-202f:103b(1980) jis c 7021:b-11(1982) high temperature storage ta= 1055 ?? test time= 1000hrs (-24hrs,72hrs) mil-std-883d:1008 (1991) jis c 7021:b-10 (1982) endurance test low temperature storage ta= -555 ?? * test time=1000hrs (-24hrs,72h rs) jis c 7021:b-12 (1982) temperature cycling 1055 ?? -555 ?? 10mins 10mins 100 cycles mil-std-202f:107d (1980) mil-std-750d:1051(1995) mil-std-883d:1010 (1991) jis c 7021:a-4(1982) thermal shock ir-reflow in-board, 2 times 1055 ?? -55 ?? 5 ?? 10mins 10mins 100 cycles mil-std-202f:107d(1980) mil-std-750d:1051(1995) mil-std-883d:1011 (1991) solder resistance tsol= 260 5 ?? dwell time= 10 1sec mil-std-202f:210a(1980) mil-std-750d:2031(1995) jis c 7021:a-1(1982) environmental test solder ability tsol= 235 5 j immersion time 20.5 sec immersion rate 252.5 mm/sec coverage ? 95% of the dipped surface mil-std-202f:208d(1980) mil-std-750d:2026(1995) mil-std-883d:2003(1991) iec 68 part 2-20 jis c 7021:a-2(1982) 7.others: the appearance and specifications of the product may be modified for improvement without notice. drawing no. : ds-75-03-0003 date : 2009-11-23 page 13 of 14 para-for-068
surface mount device led part no. : L-C192KFCT rev:b / 3 z part no. system : l ? c 1 9 2 x c x x - x x x x drawing no. : ds-75-03-0003 date : 2009-11-23 page 14 of 14 para-for-068 xxxx : special specification for customer t : taping for 7 inch reel tc : taping for 13 inch reel th : iv half binning tp : wavelength binning lens color c : water clear w : white diffused t : color transparent d : color diffused g : gap 570nm green y : gaasp 585 nm yellow e : gaasp 620 nm orange sr : gaalas 634 nm red kg : alingap 570nm super green ky : alingap 590nm super yellow kf : alingap 605nm super amber kr : alingap 630 nm super red lb : ingan 470nm blue lg : ingan 525nm green?? 0 : single chip 1/2 : super thin single chip 5/6 : dual chip f : three chip(full color) 150 : 1206 1.1t type 170 : 0805 0.8t type 191 : 0603 0.6t type 192 : 0603 0.4t type 110 : 1206 1.0t type c : top view type s : side view type


▲Up To Search▲   

 
Price & Availability of L-C192KFCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X