Part Number Hot Search : 
BFR520 P5KE22 MIC2950 KMOC30 MJ10020 1N461 BZT52C B20100
Product Description
Full Text Search
 

To Download KTC9015S-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2003. 3. 25 1/2 semiconductor technical data ktc9015s epitaxial planar pnp transistor revision no : 1 general purpose application. switching application. features h excellent h fe linearity : h fe (i c =-0.1ma)/h fe (i c =-2ma)=0.95(typ.). h low noise :nf=1db(typ.) at f=1khz. h complementary to ktc9014s. maximum rating (ta=25 ? ) dim millimeters sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.40+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 q 0.1 max 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p7 + _ q 1. emitter 2. base 3. collector electrical characteristics (ta=25 ? ) note : h fe classification b:100 q 300, c:200 q 600 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-50v, i e =0 - - -50 na emitter cut-off current i ebo v eb =-5v, i c =0 - - -100 na dc current gain h fe (note) v ce =-5v, i c =-1ma 100 - 600 collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma - -0.1 -0.3 v transition frequency f t v ce =-10v, i c =-1ma, f=100mhz 60 - - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 4.0 7.0 pf noise figure nf v ce =-6v, i c =-0.1ma, rg=10k ? , f=1khz - 1.0 10 db characteristic symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -150 ma emitter current i e 150 ma collector power dissipation p c * 350 mw junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? * p c : package mounted on 99.5% alumina (10 ? 8 ? 0.6 x ) h rank type name marking lot no. be fe
2003. 3. 25 2/2 ktc9015s revision no : 1 ce(sat) collector current i (ma) v - i collector-emitter saturation c i - v cce ce collector-emitter voltage v (v) 0 -1 -40 c 0 collector current i (ma) dc current gain h fe 1k 500 collector current i (ma) c c fe h - i -2 -3 -4 -5 -6 -80 -120 -160 -240 -200 i =-0.2ma 0 -0.5 -1.0 -1.5 -2.0 b common emitter ta=25 c -0.1 -0.3 -1 -3 -10 -300 -30 -100 30 50 100 300 common emitter ta =100 c ta =-25 c ta =25 c v =-6v ce ce v =-1v c voltage v (mv) ce(sat) ta =100 c ta =-25 c ta =25 c ta =100 c ta =-25 c ta =25 c ta =25 c transition frequency f (mhz) t 1k 500 emitter current i (ma) e e t f - i -0.1 -0.3 -1 -3 -10 -300 -30 -100 10 30 50 100 300 common emitter -500 -0.1 -0.3 -1 -3 -10 -300 -30 -100 -10 -30 -50 -100 -300 common emitter base current i ( a) b base-emitter voltage v (v) be i - v bbe common emitter v =-6v ce i /i =10 cb v =-10v ce collector power dissipation pc (mw) 0 0 ambient temperature ta ( c) pc - ta 25 50 75 100 125 150 175 100 200 300 400 500 mounted on 99.5% alumina 10 x 8 x 0.6mm ta=25 c 1 2 1 2 0 -0.3 -1 -3 -10 -30 -100 -300 -1k -0.2 -0.4 -0.6 -0.8 -1.0 -1.2


▲Up To Search▲   

 
Price & Availability of KTC9015S-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X