Part Number Hot Search : 
31A22 IL91214 DZ11B ULCE12 2N3109 FN2463 70400 RB751
Product Description
Full Text Search
 

To Download ISL98608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 datasheet to request the full datasheet, please visit www.intersil.com/products/ISL98608 high efficiency power supply for small size displays ISL98608 the ISL98608 is a high efficien cy power supply for small size displays, such as smart phones and tablets requiring supply rails. it integrates a boost regulator, ldo and inverting charge pump that are used to generate two output rails: +5.5v (default) and -5.5v (default). the 5.5v output voltages can be adjusted from 4.5v up to 7v with 50mv steps using the i 2 c interface. the device integrates synchronous rectification mosfets for the boost regulator and inverting charge pump, which maximizes conversion efficiency. ISL98608 integrates all co mpensation and feedback components, which minimizes bom count and reduces the solution pcb size to 18mm 2 . the input voltage range, high efficiency operation and also very low shutdown current make the device ideal for use in single cell li-ion battery operated applications. the ISL98608 is offered in a 1.744mm x1.744mm wlcsp package, and the device is specified for operation across the -40c to +85c ambient temperature range. features ?two outputs: - vp = +5.5v (default) - vn = -5.5v (default) ? 2.5v to 5v input voltage range ? 4.5 to 7v wide output range ? >89% efficiency with 12ma load between vp and vn ?18mm 2 solution pcb area ? fully integrated fets for synchronous rectification ? integrated compensation and feedback circuits ?i 2 c adjustable output voltages and settings ? integrated vp/vn discharge resistors ? 1a shutdown supply current ? programmable turn on and turn off sequencing ? 1.744mm x1.744mm, 4x4 array wlcsp with 0.4mm pitch applications ? tft-lcd smart phone displays ? small size/handheld displays figure 1. typical application circuit: tft-lcd smart phone display c in ISL98608 lxp agnd pgnd vin vbst cp vn scl sda enp l1 -5.5v negative supply cn vin 2.5v to 5v positive supply +5.5v vp enn vbstcp lcd panel processor c vbst c vn c cp c vp vsub december 23, 2014 fn8711.0 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | copyright intersil americas llc 2014. all rights reserved intersil (and design) is a trademark owned by intersil corporation or one of its subsidiaries. all other trademarks mentioned are the property of their respective owners.
ISL98608 2 intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description only. intersil corporat ion reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is believed to be accurate and reliable. however, no responsi bility is assumed by intersil or its subsid iaries for its use; nor for any infringem ents of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of i ntersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com fn8711.0 december 23, 2014 for additional products, see www.intersil.com/en/products.html submit document feedback


▲Up To Search▲   

 
Price & Availability of ISL98608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X