noise suppression components leaded ferrite bead inductors FBA04VA900VB-00 features item summary 90, 7a, leaded lifecycle stage mass production standard packaging quantity (minimum) taping 3000pcs products characteristics table external dimensions 9(0.5) 3.5(0.2)mm impedance (max) 90 impedance measuring frequency 100mhz rated current 7a dc resistance (max) 0.01 temperature range -25 to +85 resistance 1m min. rohs compliance yes soldering method wave external dimensions l 9mm 0.5 t 3.5mm 0.2 2015.06.01 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|