Part Number Hot Search : 
T0805BH AD7824 PBU407 2N6673 W91820N AD7824 MA3J745D A502RW
Product Description
Full Text Search
 

To Download F10-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p o w e r t r a n s f o r m e r p c m o u n t : split pack web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 f 10 - 20 0 0 description: the f 10 - 20 0 0 is a single primary and dual secondary, split bobbin design which operates with an input of 115 v. the output voltage will be either 1 0 .0 v with a center - tap under a 2.0 a load with the secondaries wired in series, or 5 .0 v under a 4.0 a load with the secondaries wired in parallel. the split bobbin design eliminates the need for costly electrostatic shielding. electrical specifications ( @25 c ) 1. maximum power: 20 .0 va 2. primary: 115 v 3 . secondary: se ries: 10 .0 v ct@ 2.0 a para llel: 5 .0 v @ 4.0 a 4 . voltage regulation: 25% typ @ full load to no load 5 . temperature rise: 25 c typ 6 . hipot tested 100% at 2500 vrms construction: three flange bobbin const ruction with primaries and secondaries wound side by sid e for low capacitive cou pling. agency file: ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, c ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, canadian use (csa 22.2, no.66.2 - 06) this model is also available in class 2, ul 5085 - 3 (15 85) version as f10 - 2 0 00 - c2 dimensions: units in inches. h w l a b c d e f 1.437 1.875 2.25 0. 3 0 0 0. 4 0 0 1. 60 0 0.041 0.020 0.234 weight: 0.80 lbs schematic : rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. as of april 7, 2008, ul standards 506 and 15 85 will be migrated to ul 5085 - 2 and 5085 - 3, respectively. * upon printing, this document is considered uncontrolled. please contact triad magnetics website for the most current version. board layout 1 4 8 7 6 5 115v 50/60hz 1 4 l h w e a b a c 0.06" diameter hole d f 1 5 8 4
class 2 transformer www.triadmagnetics.com phone: (951) 277-0757 fax: (951) 277-2757 460 harley knox blvd. perris, ca 92571 publish date: december 4, 2013 F10-2000-c2 description: the F10-2000-c2 is a single primary and dual secondary, split bobbin design which operates with an input of 115v. the secondaries are 5v @ 2.0a each. they can be used independently (up to 300v difference between them) or in series for double the voltage or in parallel for double the current. the split bobbin design eliminates the need for costly electrostatic shielding. electrical specifications (@25c) 1. maximum power: 20.0va 2. primary: 115v 3. secondaries: 10.0v @ 2.0a each 4. voltage regulation: 25% typ @ full load to no load 5. temperature rise: 25c typ 6. hipot tested 100% at 4200 vrms pri to sec 7. hipot tested 100% at 2160 vrms sec to sec 8. recommended fuse (fuse on primary): cooper/bussman, type mdl, rated 500ma, 250v construction: three flange bobbin construction with primaries and secondaries wound side by side for low capacitive coupling. ul class f insulation system (155c). agency file: ul: file e65390, ul 5085-1 & 3 (1585), class 2 transformer cul: file e65390, ul 5085-1 & 3 (1585) for canadian use (csa 22.2, no.66.3-06) dimensions: units in inches. h w l a b c d e f 1.437 1.875 2.25 0.300 0.400 1.600 0.041 0.020 0.234 weight: 0.80 lbs schematic: rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. note: order and shipping documentation may have a ?-b? suffix; this indicates bulk packaging but does not show on the actual part number marked on the transformer. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version. 1 4 l h w e a b a c 0.06" diameter hole d f 1 58 4 board layout 5 5v @ 2.0a 6 7 8 5v @ 2.0a 115v 50/60 hz 1 4


▲Up To Search▲   

 
Price & Availability of F10-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X