characteristic typical min/max ta= 25 oc ta = -55 oc to +85 oc frequency 5 - 1000 mhz 5 - 1000 mhz typical intermodulation performance at 25 o c second order harmonic intercept point........+38 dbm (typ.) second order two tone intercept point.........+32 dbm (typ.) third order two tone intercept point.............+27 dbm (typ.) legend + 25 oc + 85 oc - - - - - - -55 oc power vdc +15 +15 ma 70 75 max. rf amplifier model tm9106 available as: tm9106, 4 pin to-8 (t4) tn9106, 4 pin surface mount (sm3) fp9106, 4 pin flatpack (fp4) BX9106,connectorized housing (h1) features ! ! ! ! ! high output power: +19 dbm typical ! ! ! ! ! medium gain: +12 db typical ! ! ! ! ! operating temp. - 55 oc to +85 oc ! ! ! ! ! environmental screening available note: care should always be taken to effectively ground the case of each unit. *noise figure is 1 db higher above 900 mhz. noise figure* (db) 4.8 6.0 max. vswr in <1.75:1 2.0:1 max. out <1.5:1 2.0:1 max. reverse isolation (db) -14.5 -13.5 max. power @ 1 db comp. (dbm) +19 +16 min. gain (db) 12 10.5 min. specifications typical performance data maximum ratings ambient operating temperature ................ -55oc to +100 oc storage temperature ................................. -62oc to +125 oc case temperature .................................................. +125 oc dc voltage .......................................................... +18 volts continuous rf input power .................................. +13 dbm short term rf input power...... 50 milliwatts (1 minute max.) maximum peak power.................... 0.5 watt (3 sec max.) rev. 12/19/07 l inear s-parameters f req. ? ? ? ? s11? ? ? ? ? ? ? ? s21? ? ? ? ? ? ? ? s12? ? ? ? ? ? ? s22? ? ? ? m hz deg mag deg mag deg mag deg mag = ======================================================================================================= = 5 10 50 100 200 400 600 800 1 000 .27 .23 .22 .23 .22 .23 .25 .28 .32 -133 -156 -177 179 174 167 160 149 133 3.82 3.88 3.93 3.93 3.92 3.91 3.90 3.81 3.69 -164 -173 176 168 156 131 105 79 52 .14 .15 .15 .15 .15 .16 .17 .18 .20 16 8 2 1 1 0 -2 -5 -9 .30 .24 .22 .22 .21 .20 .20 .19 .19 153 163 168 165 153 131 110 90 72 spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave 2707 black lake place philadelphia, pennsylvania 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com
|