Part Number Hot Search : 
NYS240 150CT DRS201K 16800 BC858BR 47306 10310 0CTQ1
Product Description
Full Text Search
 

To Download BAV21W-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - fast switching device(t rr <50ns) - surface mount device type - moisture sensitivity level 1 - low reverse leakage - pb free and rohs compliant - case: bend lead sod-123 small outline plastic pac kage - polarity: indicated by cathode band - weight: 10.5 0.5 mg vv mw ma ma a o c/w o c unit vr=100v vr=150v vr=200v pf (note) ns document number: ds_s1404017 version: c14 value 500 400 note: test condition: i f = i r = 30ma , r l =100 ? , i rr =3ma t rr c j v r = 0 , f = 1.0 mhz 200 bav19w-g unit i f = 100 ma parameter symbol power dissipation non-repetitive peak forward surge current forward voltage v f @ tp=1.0ms; ta=25 bav20w-g BAV21W-G bav20w-g BAV21W-G v br junction and storage temperature range p d i f = 200 ma i r -- 2.5 parameter bav19w-g repetitive peak forward current i fm per mil-std-202, method 208 guaranteed - high temperature soldering guaranteed: 260c/10s maximum ratings and electrical characterstics (t a =25 unless otherwise noted) reverse voltage v r i o peak reverse voltage average rectified output current bav19w-g bav20w-g BAV21W-G 100 v i fsm -65 to +150 120 200 t j , t stg a reverse leakage current junction capacitance - i r =100 a reverse voltage symbol reverse recovery time bav19w-g/bav20w-g/BAV21W-G high voltage fast switching diode sod-123 - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code - terminal: matte tin plated, lead free, solderable small signal product 250 taiwan semiconductor features 150 200 - thermal resistance (junction to ambient) 250 v mechanical data - 0.1 -- -- 1.00 1.25 - 5.0 50 v rm 120 200 250 min max r ja
creat by art (ta=25 unless otherwise noted) document number: ds_s1404017 version: c14 ratings and characteristics curves bav19w-g/bav20w-g/BAV21W-G taiwan semiconductor small signal product
creat by art part no. part no. bav19w-g bav19w-g bav19w-g bav19w-g document number: ds_s1404017 a8 t2 t3 bav19w-g bav20w-g (note 2) rb g sod-123 version: c14 manufacture code packing code green compound code packing marking small signal product ordering information package BAV21W-G 3k / 7" reel green compound manufacture code description bav19w-g rb rb g green compound note: manufacture special control, if empty means n o special control requirement. example preferred p/n bav19w-g-n0 rb n0 packing code rb rb bav19w-g rbg bav19w-g-n0 rbg rb g n0 green compound bav19w-g/bav20w-g/BAV21W-G taiwan semiconductor
creat by art dimensions min max min max a 1.4 1.8 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.7 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.1 - 0.004 suggested pad layout a b cd document number: ds_s1404017 2.36 0.093 4.19 0.165 0.91 0.036 typ. typ. dim. unit (mm) unit (inch) 1.22 0.048 version: c14 dim. unit (mm) unit (inch) 0.5 ref 0.02 ref bav19w-g/bav20w-g/BAV21W-G taiwan semiconductor small signal product
creat by art notice document number: ds_s1404017 the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or seling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale. version: c14 specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by t his document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes n o liability whatsoever, and disclaims any express o r implied warranty, relating to sale and/or use of tsc produc ts including liability or warranties relating to fi tness for a particular purpose, merchantability, or infringemen t of any patent, copyright, or other intellectual p roperty right. bav19w-g/bav20w-g/BAV21W-G taiwan semiconductor small signal product


▲Up To Search▲   

 
Price & Availability of BAV21W-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X