Part Number Hot Search : 
HA17012 ADP321 AS5DC3 XWS1215 R16V2 FDG63 24010 AS5DC3
Product Description
Full Text Search
 

To Download BAS21C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 1/6 BAS21C2 c y s t ek product s pecification high voltage switching diode BAS21C2 description high voltage switching diode encapsulated in a sod-523 small plastic smd package. features ? fast switching speed ? low forward voltage drop ? small plastic smd package ? pb-free lead plating package mechanical data ? case: molded plastic, jedec sod-523. ? terminals: solder plated, solderable per mil-std-750 method 2026 ? polarity: indicated by cathode band. ? mounting position : any. symbol outline http://
cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 2/6 BAS21C2 c y s t ek product s pecification absolute maximum ratings (t a =25 , unless otherwise noted) parameters conditions symbol min typ max units repetitive peak reverse voltage v rrm 300 v rms voltage v rms 210 v continuous reverse voltage v r 300 v continuous forward current i f 250 ma repetitive peak forward current tp=1ms, duty 0.25 i frm 1 a non-repetitive peak forward current t=1 s i fsm 4.5 a t a =25c (n ote 1) 250 total device dissipation t sp 90 c ( n ote 2) p d 500 mw junction to ambient (note 1) r t ja 500 thermal resistance junction to soldering point (note3) r jsp 120 q c/w storage temperature range tstg -65 150 q c operating junction temperature range tj -55 150 q c note :1.parts mounted on fr-5 board with minimum pad, in free air. 2 . t s p is the s o lder point tem p eratur e at th e s o lder ing poin t of th e cathod e t a b. 3 . soldering point of cathode tab. characteristics (ta=25 q c) characteristic symbol condition min. max. unit reverse breakdown voltage v br i r =100 a 300 - v v f (1) i f =100ma - 1 v forward v o ltage (note) v f (2) i f =200ma - 1.25 v i r (1) v r =250v,tj=25 - 150 na reverse leakage current (note) i r (2) v r =250v,tj=150 100 a diode capacitance c d v r =0v, f=1mhz - 5 pf reverse recovery time t rr i f =i r =30ma rl=100 : measured at i r =3ma - 50 ns notes : pulse test, tp=300 s, duty cycle<2%. ordering information device package shipping BAS21C2-0-t5-g sod-523 (pb-free lead plating an d halogen-free package) 8000 pcs / tape & reel
cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 3/6 BAS21C2 c y s t ek product s pecification typical characteristics f o r w a r d c u rre n t v s f o rw a r d v o l t a g e 0.1 1 10 10 0 100 0 0 0 . 3 0 . 6 0 .9 1 .2 1 .5 f o rw a r d v o l t a g e ---v f (v ) i n s t a n t a n e o u s f orw a rd c u r re nt -- -if (ma ) pulse width=300s 25c 75c 100c 125c 150c r e v e r s e l ea k a g e c u r r e n t v s r e v e r s e v o lt ag e 0.001 0. 01 0. 1 1 10 10 0 0 50 100 150 20 0 250 r e v e rs e v o l t a g e ---v r (v ) r e v e r s e le ak ag e c u r r e n t - - - i r ( a ) 100 75 25 125 150c j unc t i on ca pa c i t a n c e vs r e ve r s e v ol t a ge 0.1 1 10 0 . 1 1 10 10 0 r e ve rs e v o l t a ge -- -v r (v ) j u nc t i on c a pa c i t a nc e - - - c j (p f ) tj=25, f=1.0mhz p o w e r d e r a t i n g c u rv e 0 50 100 150 200 250 300 0 2 5 50 75 1 00 12 5 15 0 175 t a , a m b i e n t te m p er at u r e ( ) p d , p o we r dis s i p a tio n ( m w ) recommended footprint
cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 4/6 BAS21C2 c y s t ek product s pecification reel dimension carrier tape dimension
cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 5/6 BAS21C2 c y s t ek product s pecification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cys tech electronics corp. s pec. no. : c335 c2 issued date : 20 13.02.05 revised date : page no. : 6/6 BAS21C2 c y s t ek product s pecification sod-523 dimension 1 2 style : pin 1. cathode 2. anode 2-lead sod-523 plastic package cystek packa g e code : c2 marking code : 1 2 js *: typical millimeters inches millimeters inches dim min. max. min. max. dim min. min. max. min. max. a 0.510 0.770 0.020 0.031 e 1.100 1.300 0.043 0.051 a1 0.500 0.700 0.020 0.028 e1 1.500 1.700 0.059 0.067 b 0.250 0.350 0.010 0.014 e2 0.200 ref 0.008 ref c 0.080 0.150 0.003 0.006 l 0.010 0.070 0.001 0.003 d 0.750 0.850 0.030 0.033 7 ref 7 ref notes: 1.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 2.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BAS21C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X