Part Number Hot Search : 
DT454P 2C10LI30 PJ120A 10C80 JCR1LB 825J250E BA80JC5T FDMB380
Product Description
Full Text Search
 

To Download 3199GH824M7P5APA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 with twice the capacitance of type 3191 capacitor, type 3199 extends output fltering performance into higher power, especially with cold temperature requirements. standard encasement is with the capacitor element compressed onto an aluminum peg in the can bottom and a phenolic peg in the top. optional rilled construction is available. with rilled construction the element is secured by rills, spoon shaped dimples in the side of the can. rilled construction ofers the industries highest vibration and shock withstanding capability and excellent heat transfer. specifcations temperature range C55 oc to +85 oc rated voltage range 7.5 vdc to 75 vdc capacitance range 3900 f to 1.2 f capacitance tolerance C10% +30% C10% +50% leakage current 6cv a (6 ma max.) at 5 minutes ripple current multipliers low temperature characteristics impedance ratio: z C20?c M z +25?c 8 (16C50 vdc) 4 (63C75vdc) endurance life test endurance, 5000 h at rated voltage and 85 oc capacitance: 10% esr 200% of limit dcl 100% of limit shelf life test storage, 500 h at 85 oc capacitance: 10% esr 175% of limit dcl 200% of limit vibration 10 to 500 hz, 0.75 mm or 10 g* if less, 3 directions, 2 h ea capacitance: 5% no visible damage or leakage *15 g if rilled construction rohs compliant 45 c 55 c 65 c 75 c 85 c 2.24 2.00 1.73 1.41 1.00 frequency 60 hz 120 hz 300 hz 1000 hz 10 khz 16 C 100 v 0.90 1.00 1.05 1.10 1.15 ambient temperature highlights - stud mount available - high current application - industrial applications - smoothing and fltering - audio power supplies type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering click here to see hardware and mounting options
d l h optional stud p + a 0.63 (16) cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 outline drawing terminal dimensions for case post diameter h max min full thread torque terminal style diameters code in mm in mm thread in mm in?lb n?m low post 1 3/8 to 3 b 0.314 8.0 0.094 2.4 10C32 0.218 5.5 25 2.82 high post 1 3/8 to 3 a 0.314 8.0 0.281 7.1 10C32 0.375 9.5 25 2.82 high current, low 2 1/2 & 3 d 0.684 17.4 0.125 3.2 ?C28 0.344 8.7 50 5.65 high current, high 2 1/2 & 3 k 0.684 17.4 0.281 7.1 ?C28 0.469 11.9 60 6.78 m5 high post 1 3/8 to 2 m 0.314 8.0 0.281 7.1 m5 0.375 9.5 25 2.82 m6 low post 2 1/2 & 3 j 0.684 17.4 0.125 3.2 m6 0.344 8.7 50 5.65 can dimensions insulation adders diameter (d) length (l) standing height (h) (in) (mm ) (in) (mm ) (in) (mm ) 0.008" pvc 0.02 0.51 0.032 0.81 0.024 0.61 part numbering system m terminal a=high post b=low post d=high current low post k=high current high post m=m5 high post j=m6 low post p insulation p = 0.008" pvc h = 0.012" pvc n = none with mounting bracket: r = 0.008" pvc j = 0.012" pvc x = none a1 construction * a1=compression r1=rilled s1=stud & compression t1=stud & rilled m tolerance m= 20% s= C10 +30% t= C10 +50% u= C10 +75% 7r5 voltage 7r5=7.5 vdc 020=20 vdc 393 capacitance 393=39000 f 125=1.2 f ba case code 3199 type * construction code is also a sequence number, e.g., a1, a2,---,a9, b1,b2,---, for customer specifcations. sequence number 1 in a1, r1, s1 and t1 denotes the standard catalog capacitor with no special requirements. case stud p 0.039 diam. thread (1.0 mm) 1.375 m8 0.470 (12.0) 1.750 m8 0.470 (12.0) 2.000 m12 0.630 (16.0) 2.500 m12 0.630 (16.0) 3.000 m12 0.630 (16.0) stud dimensions type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering insulation dimensions code clamp insulation dimension adders bracket type d l h dimensions in inches p no 0.008" pvc +0.02 +0.032 +0.024 h no 0.012" pvc +0.03 +0.062 +0.045 n no none C C C r yes 0.008" pvc +0.02 +0.032 +0.024 j yes 0.012" pvc +0.03 +0.062 +0.045 x yes none C C C
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 case dimensions, uninsulated bare can type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering case code diameter (d) length (l) pitch (p) plug (a) typical optional bracket part no. 0.031 (inches) 0.79 (mm) 0.062 (inches) 1.157 (mm) 0.014 (inches) 0.356 (mm) a (inches) a (mm) weight (oz) weight (g) ba 1.375 34.9 2.125 54.0 0.500 12.7 0.390 9.9 2.53 72 115058-06 bb 1.375 34.9 2.625 66.7 0.500 12.7 0.390 9.9 3.17 90 115058-06 bc 1.375 34.9 3.125 79.4 0.500 12.7 0.390 9.9 3.70 105 115058-06 bd 1.375 34.9 3.625 92.1 0.500 12.7 0.390 9.9 4.22 120 115058-06 be 1.375 34.9 4.125 104.8 0.500 12.7 0.390 9.9 4.75 135 115058-06 bf 1.375 34.9 4.625 117.5 0.500 12.7 0.390 9.9 5.98 170 115058-06 bg 1.375 34.9 5.125 130.2 0.500 12.7 0.390 9.9 7.74 220 115058-06 bh 1.375 34.9 5.625 142.9 0.500 12.7 0.390 9.9 9.50 270 115058-06 da 1.75 44.5 2.125 54.0 0.750 19.1 0.453 11.5 5.63 160 115058-15 db 1.75 44.5 2.625 66.7 0.750 19.1 0.453 11.5 6.16 175 115058-15 dc 1.75 44.5 3.125 79.4 0.750 19.1 0.453 11.5 6.34 180 115058-15 dd 1.75 44.5 3.625 92.1 0.750 19.1 0.453 11.5 7.22 205 115058-15 de 1.75 44.5 4.125 104.8 0.750 19.1 0.453 11.5 7.74 220 115058-15 df 1.75 44.5 4.625 117.5 0.750 19.1 0.453 11.5 8.27 235 115058-15 dg 1.75 44.5 5.125 130.2 0.750 19.1 0.453 11.5 8.80 250 115058-15 dh 1.75 44.5 5.625 142.9 0.750 19.1 0.453 11.5 9.50 270 115058-15 ea 2 50.8 2.125 54.0 0.875 22.2 0.500 12.7 5.98 170 115058-09 eb 2 50.8 2.625 66.7 0.875 22.2 0.500 12.7 6.34 180 115058-09 ec 2 50.8 3.125 79.4 0.875 22.2 0.500 12.7 6.69 190 115058-09 ed 2 50.8 3.625 92.1 0.875 22.2 0.500 12.7 7.74 220 115058-09 ee 2 50.8 4.125 104.8 0.875 22.2 0.500 12.7 8.98 255 115058-09 ef 2 50.8 4.625 117.5 0.875 22.2 0.500 12.7 10.21 290 115058-09 eg 2 50.8 5.125 130.2 0.875 22.2 0.500 12.7 11.26 320 115058-09 eh 2 50.8 5.625 142.9 0.875 22.2 0.500 12.7 8.80 250 115058-09 fb 2.5 63.5 2.625 66.7 1.125 28.6 0.625 15.9 10.56 300 115058-14 fc 2.5 63.5 3.125 79.4 1.125 28.6 0.625 15.9 13.02 370 115058-14 fd 2.5 63.5 3.625 92.1 1.125 28.6 0.625 15.9 14.08 400 115058-14 fe 2.5 63.5 4.125 104.8 1.125 28.6 0.625 15.9 15.66 445 115058-14 ff 2.5 63.5 4.625 117.5 1.125 28.6 0.625 15.9 21.12 600 115058-14 fg 2.5 63.5 5.125 130.2 1.125 28.6 0.625 15.9 22.88 650 115058-14 fh 2.5 63.5 5.625 142.9 1.125 28.6 0.625 15.9 21.12 600 115058-14 gc 3 76.2 3.125 79.4 1.250 31.8 0.750 19.1 18.30 520 115058-11 gd 3 76.2 3.625 92.1 1.250 31.8 0.750 19.1 20.06 570 115058-11 ge 3 76.2 4.125 104.8 1.250 31.8 0.750 19.1 21.12 600 115058-11 gf 3 76.2 4.625 117.5 1.250 31.8 0.750 19.1 25.34 720 115058-11 gg 3 76.2 5.125 130.2 1.250 31.8 0.750 19.1 29.92 850 115058-11 gh 3 76.2 5.625 142.9 1.250 31.8 0.750 19.1 34.14 970 115058-11 gj 3 76.2 5.875 149.2 1.250 31.8 0.750 19.1 36.96 1050 115058-11 gn 3 76.2 8.625 219.1 1.250 31.8 0.750 19.1 51.39 1460 115058-11
ratings cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering cap (f) catalog part number esr max 120 hz 25 oc (m) ripple max 120 hz 85 oc compress(a) rilled(a) case size dxl (in) 7.5 vdc (9 vdc surge) 39000 3199ba393m7p5apa1 9.4 8.1 8.8 1.375x2.125 47000 3199bb473m7p5apa1 9.6 8.8 9.5 1.375x2.625 56000 3199bc563m7p5apa1 7.9 10.4 11.2 1.375x3.125 68000 3199bd683m7p5apa1 6.8 11.8 12.7 1.375x3.625 82000 3199bd823m7p5apa1 6.0 12.7 13.7 1.375x3.625 100000 3199bf104m7p5apa1 5.2 15.1 16.3 1.375x4.625 120000 3199bg124m7p5apa1 4.4 17.1 18.5 1.375x4.125 150000 3199dd154m7p5apa1 4.6 16.6 18.1 1.75x3.625 180000 3199de184m7p5apa1 4.2 18.3 20.0 1.75x4.125 220000 3199dg224m7p5apa1 3.4 22.3 24.4 1.75x5.125 270000 3199ef274m7p5apa1 3.8 21.5 23.6 2.00x4.625 330000 3199eh334m7p5apa1 3.9 23.3 25.5 2.00x5.625 390000 3199fe394m7p5apa1 2.6 28.6 31.7 2.50x4.125 470000 3199fg474m7p5apa1 2.5 31.3 34.7 2.50x5.125 560000 3199fh564m7p5apa1 2.2 35.3 39.2 2.50x5.625 680000 3199gf684m7p5apa1 2.2 37.6 40.5 3.00x4.625 820000 3199GH824M7P5APA1 2.2 40.2 43.3 3.00x5.625 1200000 3199gn125m7p5apa1 1.9 46.4 50.0 3.00x8.625 10 vdc (13 vdc surge) 33000 3199ba333m010apa1 9.6 8.1 8.8 1.375x2.125 39000 3199bb393m010apa1 8.4 9.4 10.2 1.375x2.625 47000 3199bc473m010apa1 7.5 10.3 11.1 1.375x3.125 56000 3199bc563m010apa1 6.9 11.1 12.0 1.375x3.125 68000 3199bd683m010apa1 6.1 12.6 13.6 1.375x3.625 82000 3199be823m010apa1 5.5 4.7 5.1 1.375x4.125 100000 3199bg104m010apa1 4.5 17.1 18.5 1.375x5.125 120000 3199dd124m010apa1 4.6 16.5 18.0 1.75x3.625 150000 3199de154m010apa1 4.2 18.2 19.9 1.75x4.125 180000 3199dg184m010apa1 3.8 12.0 13.1 1.75x5.125 220000 3199dh224m010apa1 3.2 23.8 26.0 1.75x5.625 270000 3199eg274m010apa1 3.6 23.2 25.4 2.00x5.125 330000 3199fe334m010apa1 2.6 28.5 31.6 2.50x4.125 390000 3199ff394m010apa1 2.4 30.9 34.3 2.50x4.625 470000 3199fh474m010apa1 2.4 33.3 37.0 2.50x5.625 560000 3199gf564m010apa1 2.2 37.5 40.4 3.00x4.625 680000 3199gh684m010apa1 2.2 40.1 43.2 3.00x5.625 1200000 3199gn125m010apa1 1.7 46.4 50.0 3.00x8.625 16 vdc (20.8 vdc surge) 22000 3199ba223m016apa1 24.6 5.0 5.4 1.375x2.125 27000 3199bb273m016apa1 21.3 5.9 6.4 1.375x2.625 39000 3199bc393m016apa1 17.1 7.0 7.6 1.375x3.125 47000 3199bd473m016apa1 14.8 8.1 8.7 1.375x3.625 56000 3199be563m016apa1 13.3 9.0 9.7 1.375x4.125 68000 3199bg683m016apa1 10.3 11.2 12.1 1.375x5.125 82000 3199bh823m016apa1 9.8 12.0 13.0 1.375x5.625 100000 3199de104m016apa1 7.0 14.1 15.4 1.75x4.125 120000 3199df124m016apa1 5.8 16.2 17.7 1.75x4.625 150000 3199dh154m016apa1 5.2 18.7 20.4 1.75x5.625 180000 3199eg184m016apa1 3.7 23.0 25.2 2.00x5.125
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering cap (f) catalog part number esr max 120 hz 25 oc (m) ripple max 120 hz 85 oc compress(a) rilled(a) case size dxl (in) 7.5 vdc (9 vdc surge) 39000 3199ba393m7p5apa1 9.4 8.1 8.8 1.375x2.125 47000 3199bb473m7p5apa1 9.6 8.8 9.5 1.375x2.625 56000 3199bc563m7p5apa1 7.9 10.4 11.2 1.375x3.125 68000 3199bd683m7p5apa1 6.8 11.8 12.7 1.375x3.625 82000 3199bd823m7p5apa1 6.0 12.7 13.7 1.375x3.625 100000 3199bf104m7p5apa1 5.2 15.1 16.3 1.375x4.625 120000 3199bg124m7p5apa1 4.4 17.1 18.5 1.375x4.125 150000 3199dd154m7p5apa1 4.6 16.6 18.1 1.75x3.625 180000 3199de184m7p5apa1 4.2 18.3 20.0 1.75x4.125 220000 3199dg224m7p5apa1 3.4 22.3 24.4 1.75x5.125 270000 3199ef274m7p5apa1 3.8 21.5 23.6 2.00x4.625 330000 3199eh334m7p5apa1 3.9 23.3 25.5 2.00x5.625 390000 3199fe394m7p5apa1 2.6 28.6 31.7 2.50x4.125 470000 3199fg474m7p5apa1 2.5 31.3 34.7 2.50x5.125 560000 3199fh564m7p5apa1 2.2 35.3 39.2 2.50x5.625 680000 3199gf684m7p5apa1 2.2 37.6 40.5 3.00x4.625 820000 3199GH824M7P5APA1 2.2 40.2 43.3 3.00x5.625 1200000 3199gn125m7p5apa1 1.9 46.4 50.0 3.00x8.625 10 vdc (13 vdc surge) 33000 3199ba333m010apa1 9.6 8.1 8.8 1.375x2.125 39000 3199bb393m010apa1 8.4 9.4 10.2 1.375x2.625 47000 3199bc473m010apa1 7.5 10.3 11.1 1.375x3.125 56000 3199bc563m010apa1 6.9 11.1 12.0 1.375x3.125 68000 3199bd683m010apa1 6.1 12.6 13.6 1.375x3.625 82000 3199be823m010apa1 5.5 4.7 5.1 1.375x4.125 100000 3199bg104m010apa1 4.5 17.1 18.5 1.375x5.125 120000 3199dd124m010apa1 4.6 16.5 18.0 1.75x3.625 150000 3199de154m010apa1 4.2 18.2 19.9 1.75x4.125 180000 3199dg184m010apa1 3.8 12.0 13.1 1.75x5.125 220000 3199dh224m010apa1 3.2 23.8 26.0 1.75x5.625 270000 3199eg274m010apa1 3.6 23.2 25.4 2.00x5.125 330000 3199fe334m010apa1 2.6 28.5 31.6 2.50x4.125 390000 3199ff394m010apa1 2.4 30.9 34.3 2.50x4.625 470000 3199fh474m010apa1 2.4 33.3 37.0 2.50x5.625 560000 3199gf564m010apa1 2.2 37.5 40.4 3.00x4.625 680000 3199gh684m010apa1 2.2 40.1 43.2 3.00x5.625 1200000 3199gn125m010apa1 1.7 46.4 50.0 3.00x8.625 16 vdc (20.8 vdc surge) 22000 3199ba223m016apa1 24.6 5.0 5.4 1.375x2.125 27000 3199bb273m016apa1 21.3 5.9 6.4 1.375x2.625 39000 3199bc393m016apa1 17.1 7.0 7.6 1.375x3.125 47000 3199bd473m016apa1 14.8 8.1 8.7 1.375x3.625 56000 3199be563m016apa1 13.3 9.0 9.7 1.375x4.125 68000 3199bg683m016apa1 10.3 11.2 12.1 1.375x5.125 82000 3199bh823m016apa1 9.8 12.0 13.0 1.375x5.625 100000 3199de104m016apa1 7.0 14.1 15.4 1.75x4.125 120000 3199df124m016apa1 5.8 16.2 17.7 1.75x4.625 150000 3199dh154m016apa1 5.2 18.7 20.4 1.75x5.625 180000 3199eg184m016apa1 3.7 23.0 25.2 2.00x5.125 cap (f) catalog part number esr max 120 hz 25 oc (m) ripple max 120 hz 85 oc compress(a) rilled(a) case size dxl (in) 16 vdc (20.8 vdc surge) 220000 3199fe224m016apa1 3.5 24.4 27.1 2.50x4.125 270000 3199ff274m016apa1 3.2 26.7 29.6 2.50x4.625 330000 3199ge334m016apa1 3.1 30.2 32.5 3.00x4.125 390000 3199gf394m016apa1 2.8 32.9 35.5 3.00x4.625 470000 3199gh474m016apa1 2.5 37.7 40.6 3.00x5.625 820000 3199gn824m016apa1 2.2 46.4 50.0 3.00x8.625 25 vdc (32.5 vdc surge) 18000 3199ba183m025apa1 24.8 5.0 5.4 1.375x2.125 27000 3199bc273m025apa1 17.4 6.9 7.5 1.375x3.125 33000 3199bd333m025apa1 15.0 8.0 8.6 1.375x3.625 39000 3199be393m025apa1 13.5 8.9 9.6 1.375x4.125 47000 3199bg473m025apa1 10.5 11.1 12.0 1.375x5.125 56000 3199bh563m025apa1 9.9 2.7 2.9 1.375x5.625 68000 3199de683m025apa1 7.1 14.0 15.3 1.75x4.125 82000 3199df823m025apa1 5.9 16.0 17.5 1.75x4.625 100000 3199dg104m025apa1 5.5 17.4 19.0 1.75x5.125 120000 3199ef124m025apa1 4.0 21.3 23.3 2.00x4.625 150000 3199eh154m025apa1 3.5 24.4 26.7 2.00x5.625 180000 3199ff184m025apa1 3.3 26.4 29.3 2.50x4.625 220000 3199fg224m025apa1 3.0 28.5 31.6 2.50x5.125 270000 3199fg274m025apa1 2.8 31.7 35.2 2.50x5.125 330000 3199gg334m025apa1 2.6 35.3 38.0 3.00x5.125 560000 3199gn564m025apa1 2.2 46.4 50.0 3.00x8.625 40 vdc (50.2 vdc surge) 10000 3199ba103m040apa1 32.0 4.4 4.8 1.375x2.125 12000 3199bb123m040apa1 27.4 5.2 5.6 1.375x2.625 15000 3199bc153m040apa1 18.2 6.8 7.4 1.375x3.125 18000 3199bd183m040apa1 15.7 7.9 8.5 1.375x3.625 22000 3199be223m040apa1 14.0 8.7 9.4 1.375x4.125 27000 3199bf273m040apa1 13.5 9.3 10.1 1.375x4.625 33000 3199bh333m040apa1 11.8 10.9 11.8 1.375x5.625 39000 3199dd393m040apa1 9.4 11.5 12.6 1.75x3.625 47000 3199de473m040apa1 8.4 12.9 14.1 1.75x4.125 56000 3199dg563m040apa1 6.6 15.9 17.4 1.75x5.125 68000 3199dh683m040apa1 6.1 17.2 18.8 1.75x5.625 82000 3199eg823m040apa1 4.3 21.2 23.2 2.00x5.125 100000 3199fe104m040apa1 4.3 22.2 24.6 2.50x4.125 120000 3199ff124m040apa1 3.9 24.3 27.0 2.50x4.625 150000 3199fh154m040apa1 3.4 28.1 31.2 2.50x5.625 180000 3199gg184m040apa1 3.1 32.3 34.8 3.00x5.125 220000 3199gh224m040apa1 2.9 34.6 37.3 3.00x5.625 330000 3199gn334m040apa1 2.2 46.4 50.0 3.00x8.625 50 vdc (65 vdc surge) 8200 3199ba822m050apa1 41.0 3.9 4.2 1.375x2.125 10000 3199bb103m050apa1 34.9 4.6 5.0 1.375x2.625 12000 3199bc123m050apa1 27.6 5.6 6.0 1.375x3.125 15000 3199bd153m050apa1 23.2 6.4 6.9 1.375x3.625 18000 3199be183m050apa1 20.3 7.2 7.8 1.375x4.125 22000 3199bf223m050apa1 16.6 8.4 9.1 1.375x4.625
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3199 aluminum electrolytic, screw terminals screw terminal capacitors for power output filtering cap (f) catalog part number esr max 120 hz 25 oc (m) ripple max 120 hz 85 oc compress(a) rilled(a) case size dxl (in) 50 vdc (65 vdc surge) 27000 3199bh273m050apa1 14.2 9.9 10.7 1.375x5.625 33000 3199de333m050apa1 9.8 11.9 13.0 1.75x4.125 39000 3199df393m050apa1 8.2 13.6 14.9 1.75x4.625 47000 3199dg473m050apa1 7.5 14.9 16.3 1.75x5.125 56000 3199ef563m050apa1 9.6 13.6 14.9 2.00x4.625 68000 3199eh683m050apa1 8.1 16.1 17.6 2.00x5.625 82000 3199ff823m050apa1 6.6 18.6 20.6 2.50x4.625 100000 3199fh104m050apa1 5.6 21.7 24.1 2.50x5.625 120000 3199gf124m050apa1 5.3 23.8 25.7 3.00x4.625 150000 3199gh154m050apa1 4.5 27.9 30.1 3.00x5.625 220000 3199gn224m050apa1 3.5 37.7 40.6 3.00x8.625 63 vdc (81.9 vdc surge) 4700 3199ba472m063apa1 41.5 3.9 4.2 1.375x2.125 5600 3199bb562m063apa1 35.4 4.5 4.9 1.375x2.625 6800 3199bb682m063apa1 32.4 5.0 5.4 1.375x2.625 8200 3199bc822m063apa1 27.5 5.6 6.0 1.375x3.125 10000 3199bd103m063apa1 23.2 6.5 7.0 1.375x3.625 12000 3199be123m063apa1 20.3 7.3 7.9 1.375x4.125 15000 3199bg153m063apa1 15.5 9.2 9.9 1.375x5.125 18000 3199bh183m063apa1 14.3 9.9 10.7 1.375x5.625 22000 3199de223m063apa1 10.0 11.8 12.9 1.75x4.125 27000 3199dg273m063apa1 7.8 14.7 16.0 1.75x5.125 33000 3199dh333m063apa1 7.2 15.8 17.3 1.75x5.625 39000 3199eg393m063apa1 8.6 15.0 16.4 2.00x5.125 47000 3199fe473m063apa1 7.5 16.6 18.4 2.50x4.125 56000 3199ff563m063apa1 6.7 18.4 20.4 2.50x4.625 68000 3199fh683m063apa1 5.7 21.5 23.9 2.50x5.625 82000 3199gf823m063apa1 5.3 23.7 25.6 3.00x4.625 100000 3199gh104m063apa1 4.5 27.7 29.9 3.00x5.625 150000 3199gn154m063apa1 3.6 37.4 40.3 3.00x8.625 75 vdc (97.5 vdc surge) 3900 3199ba392m075apa1 42.5 3.8 4.1 1.375x2.125 4700 3199bb472m075apa1 36.2 4.5 4.9 1.375x2.625 5600 3199bb562m075apa1 32.6 5.0 5.4 1.375x2.625 6800 3199bc682m075apa1 28.1 5.5 5.9 1.375x3.125 8200 3199bd822m075apa1 23.7 6.4 6.9 1.375x3.625 10000 3199be103m075apa1 20.7 7.2 7.8 1.375x4.125 12000 3199bg123m075apa1 15.8 9.1 9.8 1.375x5.125 15000 3199dd153m075apa1 11.6 10.3 11.3 1.75x3.625 18000 3199de183m075apa1 10.2 11.6 12.7 1.75x4.125 22000 3199dg223m075apa1 8.0 14.5 15.8 1.75x5.125 27000 3199ef273m075apa1 9.6 13.6 14.9 2.00x4.625 33000 3199eh333m075apa1 8.2 16.0 17.5 2.00x5.625 39000 3199ff393m075apa1 6.9 18.1 20.1 2.50x4.625 47000 3199fg473m075apa1 6.3 19.7 21.9 2.50x5.125 56000 3199fh563m075apa1 5.8 21.3 23.7 2.50x5.625 68000 3199gg683m075apa1 5.0 25.5 27.5 3.00x5.125 82000 3199gh823m075apa1 4.6 27.6 29.7 3.00x5.625 120000 3199gn124m075apa1 3.6 37.2 40.1 3.00x8.625
cap (f) catalog part number esr max 120 hz 25 oc (m) ripple max 120 hz 85 oc compress(a) rilled(a) case size dxl (in) 50 vdc (65 vdc surge) 27000 3199bh273m050apa1 14.2 9.9 10.7 1.375x5.625 33000 3199de333m050apa1 9.8 11.9 13.0 1.75x4.125 39000 3199df393m050apa1 8.2 13.6 14.9 1.75x4.625 47000 3199dg473m050apa1 7.5 14.9 16.3 1.75x5.125 56000 3199ef563m050apa1 9.6 13.6 14.9 2.00x4.625 68000 3199eh683m050apa1 8.1 16.1 17.6 2.00x5.625 82000 3199ff823m050apa1 6.6 18.6 20.6 2.50x4.625 100000 3199fh104m050apa1 5.6 21.7 24.1 2.50x5.625 120000 3199gf124m050apa1 5.3 23.8 25.7 3.00x4.625 150000 3199gh154m050apa1 4.5 27.9 30.1 3.00x5.625 220000 3199gn224m050apa1 3.5 37.7 40.6 3.00x8.625 63 vdc (81.9 vdc surge) 4700 3199ba472m063apa1 41.5 3.9 4.2 1.375x2.125 5600 3199bb562m063apa1 35.4 4.5 4.9 1.375x2.625 6800 3199bb682m063apa1 32.4 5.0 5.4 1.375x2.625 8200 3199bc822m063apa1 27.5 5.6 6.0 1.375x3.125 10000 3199bd103m063apa1 23.2 6.5 7.0 1.375x3.625 12000 3199be123m063apa1 20.3 7.3 7.9 1.375x4.125 15000 3199bg153m063apa1 15.5 9.2 9.9 1.375x5.125 18000 3199bh183m063apa1 14.3 9.9 10.7 1.375x5.625 22000 3199de223m063apa1 10.0 11.8 12.9 1.75x4.125 27000 3199dg273m063apa1 7.8 14.7 16.0 1.75x5.125 33000 3199dh333m063apa1 7.2 15.8 17.3 1.75x5.625 39000 3199eg393m063apa1 8.6 15.0 16.4 2.00x5.125 47000 3199fe473m063apa1 7.5 16.6 18.4 2.50x4.125 56000 3199ff563m063apa1 6.7 18.4 20.4 2.50x4.625 68000 3199fh683m063apa1 5.7 21.5 23.9 2.50x5.625 82000 3199gf823m063apa1 5.3 23.7 25.6 3.00x4.625 100000 3199gh104m063apa1 4.5 27.7 29.9 3.00x5.625 150000 3199gn154m063apa1 3.6 37.4 40.3 3.00x8.625 75 vdc (97.5 vdc surge) 3900 3199ba392m075apa1 42.5 3.8 4.1 1.375x2.125 4700 3199bb472m075apa1 36.2 4.5 4.9 1.375x2.625 5600 3199bb562m075apa1 32.6 5.0 5.4 1.375x2.625 6800 3199bc682m075apa1 28.1 5.5 5.9 1.375x3.125 8200 3199bd822m075apa1 23.7 6.4 6.9 1.375x3.625 10000 3199be103m075apa1 20.7 7.2 7.8 1.375x4.125 12000 3199bg123m075apa1 15.8 9.1 9.8 1.375x5.125 15000 3199dd153m075apa1 11.6 10.3 11.3 1.75x3.625 18000 3199de183m075apa1 10.2 11.6 12.7 1.75x4.125 22000 3199dg223m075apa1 8.0 14.5 15.8 1.75x5.125 27000 3199ef273m075apa1 9.6 13.6 14.9 2.00x4.625 33000 3199eh333m075apa1 8.2 16.0 17.5 2.00x5.625 39000 3199ff393m075apa1 6.9 18.1 20.1 2.50x4.625 47000 3199fg473m075apa1 6.3 19.7 21.9 2.50x5.125 56000 3199fh563m075apa1 5.8 21.3 23.7 2.50x5.625 68000 3199gg683m075apa1 5.0 25.5 27.5 3.00x5.125 82000 3199gh823m075apa1 4.6 27.6 29.7 3.00x5.625 120000 3199gn124m075apa1 3.6 37.2 40.1 3.00x8.625 notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of 3199GH824M7P5APA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X