Part Number Hot Search : 
5821BCB HAF2017 AON6508 1117B 00144 A5800335 1117B FMB3904
Product Description
Full Text Search
 

To Download 2N3902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 stern ave. springfield. new jersey 07081 u.sa telephone (973) 376-2922 (212)227-6006 fax: (973) 376-8960 npn high power silicon transistor devices 2N3902 2n5157 maximum ratings ratings collector-emitter voltage emitter-base voltage collector-base voltage base current collector current total power dissipation (2> ta = +25c (1) @ tc = +75c (2) operating & storage temperature range symbol vceo vebo vcbo ib ic pt tj, tstg 2N3902 400 5.0 2n5157 500 6.0 700 2.0 3.5 5.0 100 -65 to +200 unit vdc vdc vdc adc adc w w c thermal characteristics characteristics thermal resistance, junction-to-case symbol rejc max. 1.25 unit c/w 1) derate linearly 29 mw/c for ta > +25c 2) derate linearly 0.8 w/c for tc > +75c electrical characteristics to-3 (to-204aa)* *see appendix a for package outline characteristics symbol miii. max. unit off characteristics collector-emitter cutoff current vce = 325 vdc 2N3902 vce = 400vdc 2n5157 collector-emitter cutoff current vbe = 1.5 vdc; vce = 700 vdc emitter-base cutoff current veb = 5.0 vdc 2N3902 veb = 6.0vdc 2n5157 iceo icex iebo 250 250 500 200 200 (jadc (jadc joadc on characteristics^ base-emitter saturation voltage ic= 1.0 adc; ib = 0.1 adc ic = 3.5 adc; ib = 0.7 adc collector-emitter saturation voltage ic= 1.0 adc; ib = 0.1 adc ic = 3. 5 adc: ib = 0.7 adc vbe(sat) vce(sat) 1.5 2.0 0.8 2.5 vdc vdc .nj semi-ccinltictors reserves the right to change lest conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is helieved to he hoth accurate and reliable at the time ot"going to press. however nj seim-c'iinductiirs assumes no rcspunsihility tor any errors or omissions discovered in its use. n.i .semi-conductor1; enc tnstomeri to verirv 'h;it datasheets lire current helore placing orders.
electrical characteristics (con't) characteristics symbol min. max. unit on characteristics^ (con't) forward-current transfer ratio ic = 0.5 adc; vce = 5.0 vdc ic= 1.0 adc; vce = 5.0 vdc ic = 2.5 adc; vce = 5.0 vdc ic = 3.5 adc; vce = 5.0 vdc collector-emitter sustaining voltage ic = 100 madc 2N3902 2n5157 b* v?_ 25 30 10 5 325 400 90 " vdc dynamic characteristics small-signal short-circuit forward current transfer ratio ic = 0.2 adc; vce = 10 vdc, f = 1 mhz output capacitance vcb = 10 vdc; ie = 0, 100 khz < f < 1.0 mhz ihfel c.bo 2.5 25 250 pf switching characteristics turn-on time vcc = 125 vdc; ic = 1.0 adc; ibi= 0.1 adc turn -off time vcc = 125 vdc; ic = 1.0 adc; im = 0.1 adc; -ib2 = 0.50 adc t on 'off 0.8 1.7 ^ us safe operating area dc tests (continuous) tc = +25c; t > 1.0 s (see figure 3 of mil-prf-19500/371) test 1 vce = 28.6 vdc, ic = 3.5 adc test! vce = 70 vdc, ic = 1.43 adc test3 vce = 325 vdc, ic = 55 madc 2N3902 vce = 400 vdc, ic = 35 madc 2n5157 switching tests load condition c (undamped inductive load) tc= 25c; duty cycle < 10%; rs = 0.1 q (see figure 4 of mil-prf-19500/371) test 1 tp = approximately 3 ms (vary to obtain iq; rbbi = 20 q; vbbi = 10 vdc; reb2 = 3 kq; vbb: = 1.5 vdc; vcc = 50 vdc; ic = 3.5 adc; l = 60 mh; r = 3 q; rl < 14q. test2 tp= approximately 3 ms (vary to obtain iq; rbbi = 100 q; vbbi = 10 vdc, rbb2 = 3 kq; vbb2 = 1.5 vdc; ic = 0.6 adc vcc = 50 vdc; l = 200 mh; r = 8 q; rl < 83q. switching tests load condition (clamped inductive load) tc= +25c; duty cycle < 10%. (see figure 5 of mil-prf-19500/371) testl tp= approximately 30 ms (vary to obtain iq; rs = 0.1 q; rbb1 = 20 q; vbbi = 10 vdc; rbb2 = 100 q; vbb2 = 1.5 vdc; vcc = 50 vdc; ic = 3.5 adc; l = 60 mh; r = 3 q; rl > oq. (a suitable clamping circuit or diode can be used.) clamp voltage = 400 +0, -5 vdc 2N3902 clamp voltage = 500 +0, -5 vdc 2n5157 (clamped voltage must be reached) 3.) pulse test: pulse width = 300(js, duty cycle < 2.0%.


▲Up To Search▲   

 
Price & Availability of 2N3902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X