UNO2184G1401E-T intel ? core? i3 automation computer with 2 x gbe, 2 x com ports, dvi-i/hmdi i/o interfaces ? serial ports 2 x rs-232/422/485 with db9 connectors; automatic rs-485 data fow control ? serial port speed rs-232: 50 ~ 115.2 kbps rs-422/485: 50 ~ 115.2 kbps (max.) ? lan 2 x 10/100/1000base-t rj-45 ports supports wake on lan and built-in boot rom in fash bios ? usb ports 6 x usb 2.0 environment ? humidity 95% @ 40c (non-condensing) ? operating temperature -10 ~ 60c (14 ~ 149f) @ 5 ~ 85% rh. (with air fow) ? shock protection iec 60068-2-27 compactflash: 50 g @ wall mount, half sine, 11 ms hdd: 20 g @ wall mount, half sine, 11 ms ? vibration protection iec 60068-2-64 (random 1 oct./min, 1hr/axis.) compactflash: 2 grms @ 5 ~ 500 hz, hdd: 1 grms @ 5 ~ 500 hz ordering information ? UNO2184G1401E-T intel core i3-3217ue 1.60ghz, 2g ram automation computer accessories ? uno-fpm21-ae uno-2000 series vesa mount kit ? pcls-diagaw10 advantech remote monitoring & diagnosis utility ? uno-2184hd-ae 2nd hdd kit for uno-2184g ? onboard intel core i3-3217ue, 1.60ghz processor ? 2 x rs-232/422/485 ports with automatic fow control ? 2 x 10/100/1000base-t ethernet ? dvi-i, hdmi support 2 independent display ? 6 x usb 2.0 ports ? audio with line-in, mic-in, line out ? 1x mini pcie socket ? windows ? wes 2009, wes 7 ready solution ? external accessible cfast slot ? onboard system status led indicators ? supports wake on lan and boot from lan function ? isolation between chassis and power ground ? ip40 ingress protection specifcations general ? certifcation ce, ul, ccc, fcc class a, bsmi ? dimension (w x d x h) 255 x 152 x 69 mm (10" x 6.0" x 2.7") ? enclosure aluminum ? mounting din-rail, wallmount, vesa ? power consumption 40 w (typical) ? power requirements 9 ~ 36 v dc (e.g +24v @ 3a) (min. 72w), at/atx ? weight 3.0 kg ? os support windows xp/7, wes7, wes-2009 ? system design fanless with no internal cabling ? remote management built-in advantech diaganywhere agent on wes2009 / wes7 system hardware ? cpu intel core i3-3217ue 1.60ghz (3m cache) ? memory 2 gb ddr3 sdram built-in ? indicators leds for power, battery, lan (active, status) and serial port (tx, rx) ? keyboard/mouse 1 x ps/2 ? storage cf: 1 x cfast slot hdd: one built-in 2.5" sata hdd bracket (2 x hdd by project support) ? display 1x dvi-i, 1x hdmi display ? watchdog timer programmable 256 levels timer interval, from 1 to 255 sec ? mini pcie expansion 1x mini pcie socket introduction UNO2184G1401E-T is high-performance intel 3rd generation core i3-3217ue grade controller that support dvi-i/hdmi display, 2 x gbe, 2 x serial ports, 1 x cfast and 6 x usb ports. it is also compatible with windows7. the 2 x gigabit lans on the UNO2184G1401E-T support teaming function with fault tolerance, link aggregation and load balance features. new embedded automation computers features
|