Part Number Hot Search : 
45F2R0 D3305 AD7760 DS1012 LQFP208 IC16F1 C100B D1027
Product Description
Full Text Search
 

To Download TSR3-2450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 dc/dc converters tsr-3 series, 3 a features high performance 3 amp. switching regulator suitable for positive & negative output circuit high effciency up to 95 % adjustable output voltages wide input voltage ranges 2.5C5.5, 4.5C14 and 10C30 vdc over-temperature protection short circuit protection remote on/off input low output ripple & noise 3-year product warranty the tsr 3 models are non isolated step down switching regulators. since production may 2013 they can also be operated with negative output voltage. they come in a very compact open frame package of 15.5 x 9.4 x 6.2mm. the high effciency of up to 95% admits a full load operation up to 50c and up to 85c with 50% current reduction. a low standby current, a very wider input range and no requirement for heatsink give these switching regulators a signifcant advantage over linear regulators. togther with a remote on/off input and protection against short circuit and over temperature the tsr 3 series models are ideal point of load regulators for high reli - able and energy critical applications. order code * input voltage range output voltage adjustable 6) output current max. effciency typ. positive output circuit tsr 3-0533 2.5 C 5,5 vdc 1) 0.6 C 3.3 vdc 95 % at 2.5 vdc tsr 3-1250 4.5 C 14 vdc 2) 0.59 C 6.0 vdc 93 % at 3.3 vdc tsr 3-2450 10 C 30 vdc 3) 3.0 C 6.0 vdc 3 a 91 % at 5.0 vdc tsr 3-24150 10 C 30 vdc 3) 5.0 C 15 vdc 95 % at 12 vdc negative output circuit tsr 3-1250 4.7 C 13 vdc 4) -0.59 C -6.0 vdc 1.5 a at |vout| >3.3 vdc 2.2 a at |vout| <3.3 vdc 90 % at -3.3 vdc tsr 3-2450 10 C 27 vdc 5) -3.0 C -6.0 vdc 2.2 a 90 % at -5.0 vdc tsr 3-24150 10 C 25 vdc 5) -5.0 C -15 vdc 1.2 a 91 % at -12 vdc models * suffx a for models with angular pins (see dimensions), availability on demand, no stocking item. 1) input voltage must be at least 0.5 v higher than output voltage 2) input voltage must be at least 2.0 v higher than output voltage, max. 9 vdc if output is <0.9 vdc 3) input voltage must be at least 3.0 v higher than output voltage 4) max. input voltage = 14-|vout| 5) max. input voltage = 30-|vout| 6) open trim input = min. output voltage http://www.tracopower.com
input specifications maximum input current (@ vin min. and 3 a output current) tsr 3-0533: 3.0 a tsr 3-1250: 2.6 a tsr 3-2450: 2.2 a tsr 3-24150: 3.0 a no load input current C positive output circuit 25 ma typ. C negative output circuit 35 ma typ., 60 ma typ. for tsr 3-24150 reflected ripple current C positive output circuit tsr 3-0533 and tsr 3-1250: 30 ma typ. tsr 3-2450 & tsr 3-24150: 30 ma typ. with ext. filter, see fig. 1 page 3 C negative output circuit all models: 30 ma typ. with ext. filter, see fig. 2 page 3 input filter internal capacitors output specifications voltage set accuracy 2 % (at full load) output voltage adjustment see application note page 3 regulation C input variation >2.5 vout: 0.2 %, <2.5 vout: 5 mv C load variation 0 C 100 % >2.5 vout: 0.8 %, <2.5 vout: 20 mv C load variation 10 C 90 % >2.5 vout: 0.6 %, <2.5 vout: 15 mv temperature coefficient 0.015 %/c max. overshoot startup voltage 1.0 % max. minimum load not required ripple and noise (20 mhz bandwidth) tsr 3-0533: 30 mvp-p tsr 3-1250: 60 mvp-p tsr 3-2450: 75 mvp-p tsr 3-24150: 150 mvp-p dynamic load response 50 % load change (upper half) 150 mv max. peak variation (250 mv max. for tsr 3-24150) 250 s max. response time startup rise time 10 % to 90 % vout tsr 3-0533 & tsr 3-1250: 7 ms tsr 3-2450 & tsr 3-24150: 10 ms short circuit protection indefinite, automatic recovery current limitation tsr 3-0533: 280 % typ. other models: 220 % typ. capacitive load C esr > 1 mohm tsr 3-24150: 500 f max. other models: 1000 f max. C esr > 10 mohm tsr 3-24150: 1200 f max. other models: 3000 f max. general specifications temperature ranges C operating C40c to +85c C storage C55c to +125c derating 1.5 %/k above +50c thermal shock acc. mil-std-810f humidity (non condensing) 95 % rel h max. reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) >1630000 h i/o isolation voltage none switching frequency tsr 3-0533 & tsr 3-1250: 600 khz typ. tsr 3-2450 & tsr 3-24150: 300 khz typ. remote on/off C on tsr 3-0533: open or vin (pin 1 ref. to gnd) other models: open or 1 to 12 vdc C off 0 to 0.3 vdc C off idle current: tsr 3-0533 & tsr 3-1250: 1.5 ma typ. tsr 3-2450 & tsr 3-24150: 6 ma typ. environmental compliance C reach www.tracopower.com/products/tsr3-reach.pdf C rohs rohs directive 2011/65/eu dc/dc converters tsr-3 series 3 a all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 2 of 3 http://www.tracopower.com
outline dimensions dc/dc converters tsr-3 series 3 a rev. february 14. 2014 pin-out positive negative 1 remote on/off 2 +vin (vcc) 3 gnd Cvout 4 +vout gnd 5 trim page 3 of 3 dimensions in [mm], () = inch pin pitch tolerances: 0.25 (0.01) pin profile tolerance: 0.1 (0.004) other tolerances: 0.5 (0.02) applications notes input filter to reduce reflected ripple current c1 = 220 f, esr <0.1 ohm c2 = 150 f l1 = 1 h output voltage adjustment (for negative and positive circuit) 4 x 1.70 3.7 6.0 3.3 h (4 x 0.06) (0.14) (0.24) (0.13) 1 5s quare pins 0.64 x 0.64 (0.025 x 0.025) w tsr 3-0533 & tsr 3-1250: w=9.4 (0.37) h=15.5 (0.61) tsr 3-2450 & tsr 3-24150: w=10.4 (0.41) h=16.5 (0.65) 5.1 6.2 (0.20) (0.25) c1 input tsr 3 c2 l1 gnd 24 3 gnd + + output load 4 3 tsr 3 rtrim 5 model r trim [kohm] 1/16 w tsr 3-0533 1.2/(|vout| -0.6)-0.01 tsr 3-1250 1.18/(|vo u t| - 0.59 ) tsr 3-2450 11. 2 /(|vo u t| -3 ) tsr 3-24150 8.4/(|vout| -5) weight tsr 3-0533 & tsr 3-1250: 1.7 g tsr 3-2450 & tsr 3-24150: 2.1 g c2 24 3 input tsr 3 c1 + gnd gnd outpu t positive output circuit negative output circuit c1, c2 =10 f, mlcc fig. 1 fig. 2 angular pin version (optional) standard version (|vout| = absolute value) sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TSR3-2450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X