Part Number Hot Search : 
HAF1009 TSH95 A105K 29LV160B SD200 IRF40B C4927 ST7812R
Product Description
Full Text Search
 

To Download SMART1050-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 1.05kva 705w line-interactive ups, tower, 120v, usb port model number: smart1050 description tripp lite's smart 1050 intelligent, line interactive ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 23 minutes half load runtime and 8 minutes at full load during power failures. 1050va/705 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of multiple network workstations. includes a total of 6 ups supported outlets. supports remote monitoring of ups and site power conditions via built-in usb monitoring port. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. wall mountable with upswm wallmount bracket. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. attractive, small-footprint tower housing uses less than 53 square inches of floor or desktop space. features 1050va/705 watt power handling capability supports a variety of networking, telecom and various other application types built-in voltage regulation and battery support prevents equipment damage, data loss and downtime large internal batteries offer 23 minutes half load runtime and 8 minutes at full load during power failures automatic voltage regulation (avr) circuits with two boost and one voltage reduction level maintains usable 120v nominal output over an input voltage range of 75-147v includes a total of 6 nema5-15r outlets includes 1 usb communications port for remote monitoring of ups status and site power conditions communications port enables safe unattended shutdown without data loss during extended power failures communications port supports messaging of ups and line power status, including on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity communications port supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment poweralert ups monitoring and unattended shutdown software with complete cabling included supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked computers by automatically switching ups power off and back on again notification of system status via 5 leds and multi-function audible alarms wall mountable with upswm wallmount bracket highlights 1.05kva / 1050va line interactive tower ups system 120v output, corrects brownouts and overvoltages from 75v to 147v front panel status leds with load and battery capacity level display enhanced usb port, hot-swappable batteries nema 5-15p input, 6 nema 5-15r outlets package includes smart 1050 ups system usb monitoring cable poweralert unattended shutdown and ups/power monitoring software 1 / 5
wall mountable with upswm wallmount bracket attractive small footprint beige tower housing uses less than 53 square inches hot-swappable/user replaceable batteries allow on-site battery replacement cold start capability enables ups turn-on in battery mode during blackout conditions specifications output output volt amp capacity (va) 1050 output kva capacity (kva) 1 output watt capacity (watts) 705 power factor 0.7 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) +/- 5% output receptacles (6) 5-15r output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 6.7a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 12a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 input phase single-phase battery full load runtime (min.) 8 min. (705w) half load runtime (min.) 23 min. (355w) 2 / 5
dc system voltage (vdc) 18 battery recharge rate (included batteries) less than 4 hours from 10% to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc52 (quantity 3) battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes ac suppression joule rating 480 ac suppression response time instantaneous physical installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 11.8 x 7.2 x 7.2 ups power module dimensions (hwd, cm) 29.8 x 18.4 x 18.4 ups power module weight (lbs.) 29 ups power module weight (kg) 13.2 ups shipping dimensions (hwd / in.) 15 x 10.8 x 11.2 3 / 5
ups shipping dimensions (hwd / cm) 38.1 x 27.3 x 28.6 shipping weight (lbs.) 31 shipping weight (kg) 14.1 ups housing material polycarbonate environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 99.9 battery mode btu / hr. (full load) 326.9 ac mode efficiency rating (100% load) 96% communications communications interface usb network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty 4 / 5
product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART1050-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X