Part Number Hot Search : 
TC426 25N120 FDS3572 KER340UL 4LS37 C2003 MTZJ10B D0303
Product Description
Full Text Search
 

To Download SMART1000LCD-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro lcd 120v 1kva 500w line-interactive ups, tower, lcd display, usb, tel/dsl/coax protection model number: smart1000lcd description tripp lite's smart1000lcd line-interactive digital ups system offers voltage regulation, surge suppression and long-lasting battery support for personal computers, network workstations, home entertainment systems and media centers. internal ups circuits support entry-level pcs for up to 60 minutes or individual dvr components for as long as 3 hours during power failures. prevents data loss, viewing interruptions, lost recordings and loss of component programming. automatic voltage regulation (avr) circuits regulate brownouts as low as 89 volts back to usable levels without using battery power. offers complete power protection in an attractive black tower configuration. includes 4 battery-supported outlets, plus 4 additional surge suppression-only outlets for items not requiring battery support. space saving right angle 5-15p input plug. usb port enables optional unattended system shutdown without data loss in the case of extended power failure, usb cable included. poweralert software available via free download from www.tripplite.com. hid-compliant usb interface enables full integration with built-in power management and auto shutdown features of windows and mac os x. full load efficiency rating of 97% offers energy-savings and cool operating temperatures. built-in single-line rj-11 phone suppression jacks protect modem, satellite receiver or other peripherals with a standard dialup/dsl phone connection. set of 2.2 ghz coaxial jacks protect against surges entering on catv, satellite or broadcast antenna connections. built-in audible alarm and large lcd front panel voltage display indicates line power status, battery power status, battery low/replace status and voltage boost operation. the lcd display includes a dimmer switch and can be rotated for easy viewing in upright tower or horizontal shelf-mount position. 1000va/500w power-handling ability supports entry-level pcs, home entertainment systems, network workstations, audio/video components. features lcd display with dimmer switch indicates input voltage, battery capacity and a variety of operating conditions. display is rotatable for easy viewing whether ups is in vertical or horizontal position smart1000lcd digital uninterruptible power supply offers voltage regulation, surge suppression and long lasting battery support during blackouts full load efficiency rating of 97% offers energy-savings and cool operating temperatures supports entry level pcs up to 60 minutes or single dvr components for up to 3 hours during blackouts regulates brownouts as low as 89 volts back to usable levels without using battery power highlights 1000va / 1kva tower 120v line interactive ups with lcd display corrects brownouts as low as 89v without using battery power lcd screen reports input voltage, battery charge and ups status usb port, tel/dsl/coax protection, surge-only outlets, 97% efficiency nema 5-15p input plug and 8 nema 5-15r outlets package includes smart1000lcd digital ups system usb cable phone cord owner's manual 1 / 5
4 ups battery supported outlets, plus 4 additional surge suppression-only outlets space saving right angle 5-15p input plug usb port and cable enables unattended shutdown in the case of extended power failure hid-compliant usb port enables full integration with built-in power management and auto shutdown features of windows and mac os x poweralert software available via free download from www.tripplite.com single-line phone suppression protects standard dialup/dsl phone connection 1000va/500 watt power handling ability supports a variety of sensitive computer, home theater and other equipment 3 minutes full load runtime (1000va/500 watts), 10 minutes half load runtime (500va/250 watts) cabinet adapts to tower format or rackmount shelf format. rackmount (2u) format requires an optional shelf, available separately supports battery replacement via built-in access panel optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment $250,000 connected equipment insurance (usa, canada & puerto rico only) specifications output output volt amp capacity (va) 1000 output watt capacity (watts) 500 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (8) 5-15r ups output receptacles (surge suppression only) 4 ups outlets, 4 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 12a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery 2 / 5
full load runtime (min.) 3 min. (500w) half load runtime (min.) 10 min. (250w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 16 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with input voltage as low as 89 undervoltage correction input voltages between 89 and 104 are boosted by 14% user interface, alerts & controls front panel lcd display backlighted lcd screen indicates input voltage, 5-bar battery charge level, overload, avr, on battery and replace battery status; lcd screen rotates for rack/tower viewing switches 2 switches control off/on power status and alarm-cancel/self-test operation; dimmer switch controls lcd brightness alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using poweralert software led indicators front panel lcd display surge / noise suppression ups ac suppression joule rating 1038 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); coax jacks (1 set) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower primary form factor tower ups power module dimensions (hwd, in.) 11.84 x 3.66 x 7.24 ups power module dimensions (hwd, cm) 30.1 x 9.3 x 18.4 ups power module weight (lbs.) 15.55 ups power module weight (kg) 7.1 3 / 5
ups shipping dimensions (hwd / in.) 10.43 x 15.55 x 4.8 ups shipping dimensions (hwd / cm) 26.5 x 39.5 x 12.2 shipping weight (lbs.) 16.2 shipping weight (kg) 7.4 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 61 ac mode efficiency rating (100% load) 97% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 3 milliseconds low voltage transfer to battery power (setpoint) 89 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty 4 / 5
product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART1000LCD-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X