Part Number Hot Search : 
MMJT9410 ECH8631 MBT440 ST7787 HCT1G125 ST7787 05M05 SDZ24V
Product Description
Full Text Search
 

To Download SMAB13-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012. 7. 24 1/2 semiconductor technical data smab13 schottky barrier type diode revision no : 6 switching type power supply applications. features h low profile surface mount package. h low power loss, high efficiency. h for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. application h switching power supply. h dc/dc converter. h home appliances, office equipment. h telecommunication. maximum rating (ta=25 ? ) sma dim millimeters a b c d e f g 4.5 0.2 2.6 0.2 1.5 0.2 5.0 0.3 1.2 0.3 2.0 0.2 0 ~ 0.15 h r 0.5 a b c h d e e 1 2 f i g + _ + _ + _ + _ + _ i 1.0 0.1 + _ + _ 1. anode 2. cathode electrical characteristics (ta=25 ? ) type name marking b 1 3 lot no. characteristic symbol test condition min. typ. max. unit peak forward voltage v fm i fm =1.0a - - 0.42 v repetitive peak reverse current i rrm v rrm =rated - - 1.0 ma thermal resistance r th(j-1) junction to lead - - 23 ? /w r th(j-a) junction to ambient (on alumina substrate) - - 108 characteristic symbol rating unit maximum repetitive peak reverse voltage v rrm 30 v average output rectitifed current i o 1 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 40 a junction temperature t j -55 q 150 ? storage temperature range t stg -55 q 150 ?
2012. 7. 24 2/2 smab13 revision no : 6 i - v f f f forward voltage v (v) f forward current i (a) number of cycles at 60hz peak surge forward current i (a) 1 0 10 20 60 50 40 30 fsm 10 330 550 surge forward current (non - repetitive) 100 t =25 c f=60hz p - i f(av) f(av) f(av) average forward current i (a) 0 0 0.06 0.12 0.18 0.24 0.30 0.36 0.42 f(av) average forward power dissipation p (w) 0.2 0.4 0.6 0.8 1.0 1.2 rectangular waveform 180 360 ta - i f(av) f(av) average forward current i (a) 0 0 20 40 60 80 100 120 140 maximum allowable temperature ta max ( c) 0.2 0.4 0.6 0.8 1.0 1.2 rectangular waveform 180 360 0 0.1 0.3 0.5 0.7 0.2 0.4 0.6 0.8 10 0.1 0.3 0.5 1 3 5 t =125 c 25 c j j reverse voltage v r (v) reverse current ir (ma) 0 0.001 0.01 0.1 100 10 1 15 5 202530 10 35 i r - v r 40 100 c 75 c 50 c 25 c t j =150 c (typ) 125 c pulse measurement


▲Up To Search▲   

 
Price & Availability of SMAB13-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X