Part Number Hot Search : 
T940015 AN4164 P4KE510 05325 A143E 2SD1484 CJQ7328 H78L09AM
Product Description
Full Text Search
 

To Download SM4001PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0 am pere silion rectifier 50 to 1000 volts features low leakage current operating temperature(tj): -65  to +175  storage temperature(t stg ): -65  to +175  typical thermal resistance(r thja ): 50  /w electrical characteristics @ 25  unless otherwise specified average forward current i f(av) 1.0 peak forward surge current i fsm 25a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v - maximum dc reverse current at rated dc blocking voltage i r 5.0 a t a = 25  maximum full load reverse current typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v  
 omp onents 20736 marilla street chatsworth       
     mcc sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note tm micro commercial components 50ua ----- t a =100 average ,full cycle 9.5mm lead length t l =75 a b e c d h g a - t a =75  - t a = 25  - -  -  30ua i r mcc part number device marking maximum recurrent peak maximum rms voltage maximum dc blocking voltage SM4001PL a1 50v 35v 50v sm4002pl a2 100v 70v 100v sm4003pl a3 200v 140v 200v sm4004pl a4 400v 280v 400v sm4005pl a5 600v 420v 600v sm4006pl a6 800v 560v 800v sm 4001 pl thru sm4007pl www. mccsemi .com 1 of 4 - - - - - reverse - - - - - voltage sm4007pl a7 1000v 700v 1000v i f =1a revision: d 2013/01/01 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. a .140 .152 3.55 3.85 b.100.122 2.553.10 c.055.075 1.401.90 d.035 .0530.90 1.35 e.020.041 0.50 1.05 g .010 ----- 0.25 ----- h-----.010 ----.25 maximum ratings ? halogen free available upon request by adding suffix "-hf" glass passivated junction epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
micro commercial components mcc tm SM4001PL thru sm4007pl junction capacitance - pf versus eversees seusrrurreeres versus seusrres ure rrrerss s s ure ue s vererreeurreeres versus eeerure ure rrerurve eseve essveruve s se revision: d 2013/01/01
1 100 4 0 10 20 30 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 61020 60 80 40 40 50 60 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 revision: d 2013/01/01
mcc tm micro commercial components . mccsemi .com 4 of 4 eision 20130101 3 device packing part number-tp tape&reel: 2.5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SM4001PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X