Part Number Hot Search : 
B040P105 1N5333 FST10145 APOLYFT8 AT88S 2SA473 R1610 0M832
Product Description
Full Text Search
 

To Download SM4001A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm4001a ~ sm4007a voltage 50 ~ 1000 v 1.0amp surface mount silicon rectifiers 31-jul-2013 rev. e page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a b e g d f c h rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? rohs compliant product ? ideal for surface mount applications ? easy pick and place ? built-in strain relief ? high surge current capability mechanical data ? case: do-214ac (sma) ? case material: molded plastic. ul flammability classification rating 94v-0 ? terminals: lead free plating (tin finish) solderable per mil-std-202, method 208 ? polarity: cathode band ? weight: 0.062 grams (approximately) package information package mpq leader size sma 5k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%) part number parameter symbol sm 4001a sm 4002a sm 4003a sm 4004a sm 4005a sm 4006a sm 4007a unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current i f 1 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.1 v t j =25c 5 maximum dc reverse current at rated dc blocking voltage t j =100c i r 50 a typical junction capacitance 1 c j 15 pf typical thermal resistance r ja 50 typical thermal resistance r jl 30 c/w operating & storage temperature t j ,t stg -55~150 c note: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc sma millimete r millimete r ref. min. max. ref. min. max. a 1.24 1.65 e - 0.203 b 3.99 4.60 f 4.80 5.28 c 2.40 2.90 g 0.76 1.52 d 1.90 2.44 h 0.15 0.305
elektronische bauelemente sm4001a ~ sm4007a voltage 50 ~ 1000 v 1.0amp surface mount silicon rectifiers 31-jul-2013 rev. e page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM4001A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X