Part Number Hot Search : 
18628137 M67769C 560MA MSK3002 KTA1036 D203I CXL5507M MA3D760
Product Description
Full Text Search
 

To Download SKY13434-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 201835c ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? september 11 , 2012 1 data sheet sky13434 - 002 : 0. 1 C 6 .0 ghz sp3 t /spdt wire - bondable gaas die applications ? 802.11 a/ b/g/ n /ac wlan network s ? embedded modules features ? sp3t (2.5 ghz) and spdt (5.0 ghz) switches with bluetooth ? capability ? positive voltage control: 2.7 to 3.6 v ? low insertion loss ? high isolation ? ip1db: +33 dbm typical @ 2.4 ghz and 3 v ? small gaas die (60 micron square bond pads, 80 micron minimum pitch), 875 x 500 x 12 7 m figure 2. sky13434 - 002 pinout ( top view) figure 1. sky13434 - 002 block diagram description the sky13434 - 002 is a gaas phemt wire - bondable die. the device includes a single - pole, triple - throw (sp3t) antenna switch for 2 .5 ghz transmit, receive, and bluetooth operations, and a single - pole, double - throw (spdt) antenna switch for 5 ghz transmit and receive operation. any of the rf ports can be used for any rf function regardless of the pad/signal name. both of the antenna switches are fabricated on the same substrate. the active path is selected using five positive voltage control lines : two control lines set the 5 ghz switch states and three control lines set the 2.5 ghz switch states . the switch requires external dc blocking capacitors on all rf paths . the sky13434 - 002 is provided as a bare die in an ultra - compact 875 x 500 x 12 7 m design. bond pad openings are 60 microns with a minimum pad pitch of 80 microns. a functional block diagram is shown in figure 1. the pin configuration and package are show n in figure 2. signal pin assignments and functional pin descriptions are provided in table 1. www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3 t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 2 september 11 , 2012 ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? 201835c table 1. sky13434 - 002 signal descriptions pin # name description pin # name description 1 vc3 switch logic control 3 (see table 4) 8 tx5 5.0 ghz transmit por t 2 vc2 switch logic control 2 (see table 4) 9 vc5 switch logic control 5 (see table 4) 3 bt bluetooth rf port 10 vc4 switch logic control 4 (see table 4) 4 vc1 switch logic control 1 (see table 4) 11 ant5 5.0 ghz antenna port 5 rx2 2. 5 ghz receive por t 12 tx2 2. 5 ghz transmit port 6 rx5 5.0 ghz receive port 13 ant2 2. 5 ghz antenna port 7 gnd ground table 2. sky13434 - 002 absolute maximum ratings parameter symbol minimum maximum units digital control voltage @ room temperature, normal operating pow er v ctl C 0.5 +5.0 v rf input power, 2.5 ghz sp3t switch, ofdm modulated p in _2 g +33 dbm rf input power, 5.0 ghz sp d t switch, ofdm modulated p in _5 g +29 dbm rf input power, 5.0 ghz spdt switch, cw, 1/8 duty cycle p in _5 g _ cw +30 dbm storage temperature t stg C 5 5 +150 c note: exposure to maximum rating conditions for extended periods may reduce device reliability. there is no damage to device with o nly one parameter set at the limit and all other parameters set at or below their nominal value. exceeding a ny of the limits listed here may result in permanent damage to the device. caution : although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this devi ce must be protected at all times from esd. s tatic charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry - standard esd precautio ns should be used at all times. electrical and mechanical specifications the absolute maximum ratings of the sky13434 - 002 are provided in table 2. e lectrical specifications are provided in table 3 . the state of the sky13434 - 002 is determined by t he logic provided in table 4 . www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 201835c ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? september 11 , 2012 3 table 3. sky13434 - 002 electrical specifications (note 1) ( v ctl = 3 v, t op = +25 c, characteristic impedance [z o ] = 50 , unless otherwise noted) parameter symbol test condition min typical max units dc specifications con trol voltage: low high v ctl C 0.2 2.7 0 3.0 +0.4 3.6 v v current leakage i leak 1 10 a rf specifications, 2 ghz sp3t insertion loss il 2.4 to 2.5 ghz, ant2 to rx2, tx2, and bt pads 0.6 0.8 db return loss (insertion loss state) rl 2.4 to 2.5 gh z, ant2 to rx2, tx2, and bt pads 15 18 db isolation iso 2.4 to 2.5 ghz, ant2 to rx2, tx2, and bt pads, one path closed 20 24 db antenna isolation antiso ant2 to ant5 pads: one 2 ghz path closed, 2.4 to 2.5 ghz tx2 path closed, 4.8 to 5.0 ghz 38 27 40 30 db db switching speed 50% control to 90/10% rf steady state power 100 ns 2 nd and 3 rd harmonics 2fo, 3fo p in = +20 dbm, cw signal C 50 C 48 dbm 0.5 db input compression point ip0.5db @ 2.5 ghz +28 +30 dbm rf specifications, 5 ghz spdt insertion loss il 4.9 to 5.9 ghz, ant5 to rx5, and tx5 pads 0.7 1.0 db return loss (insertion loss state) rl 4.9 to 5.9 ghz, ant 5 to rx2, tx2, and bt pads 15 18 db isolation iso 4.9 to 5.9 ghz, ant5 to rx5 pads or ant2 to tx5 pads, one path closed 20 2 4 db antenna isolation antiso 4.8 to 5.9 ghz, ant 2 to ant5 pads, one 5 ghz path closed 27 30 db switching speed 50% control to 90/10% rf steady state power 100 ns 2 nd and 3 rd harmonics 2fo, 3fo p in = +20 dbm, cw signal C 50 C 48 dbm 0.5 db input co mpression point ip0.5db @ 2.5 ghz +2 6 + 28 dbm note 1: performance is guaranteed only under the conditions listed in this table. www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3 t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 4 september 11 , 2012 ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? 201835c table 4. sky13434 - 002 truth table state function vc1 (pad 4) vc2 (pad 2) vc3 (pad 1) vc4 (pad 10) vc5 (pad 9) ant2 to bt ant2 to tx2 ant2 to rx2 ant5 to rx5 ant5 to tx5 1 ant2 to bt 1 0 0 0 0 insertion loss isolation isolation isolation isolation 2 ant2 to tx2 0 1 0 0 0 isolation insertion loss isolation isolation isolation 3 ant2 to rx2 0 0 1 0 0 isolation isolation insertion loss isolation isolation 4 ant5 to rx5 0 0 0 1 0 isolation isolation isolation insertion loss isolation 5 ant5 to tx5 0 0 0 0 1 isolation isolation isolation isolation insertion loss 6 ant2 to bt ant5 to rx5 1 0 0 1 0 insertion loss isolation isolation insertion loss isolation 7 ant2 to bt ant5 to tx5 1 0 0 0 1 insertion loss isolation isolation isolation insertion loss 8 ant2 to tx2 ant5 to rx5 0 1 0 1 0 isolation insertion loss isolation insertion loss isolation 9 ant2 to tx2 ant5 to tx5 0 1 0 0 1 isolation insertion loss isolation isolation insertion loss 10 ant2 to rx2 ant5 to rx5 0 0 1 1 0 isolation isolation insertion l oss insertion loss isolation 11 ant2 to rx2 ant5 to tx5 0 0 1 0 1 isolation isolation insertion loss isolation insertion loss note : 1 = 2.7 v to 3.6 v. 0 = C 0.2 v to +0.4 v. any state other than described in this table places the switch into an undef ined state. an undefined state does not damage the device. package dimensions package dimensions for the sky13434 - 002 die are shown in figure 3 . the sky13434 - 002 is shipped on a grip ring as illustrated in figure 4 . package and handling informatio n instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder ass embly. the sky13434 - 002 has no backside metal and must be attached using conductive or non - conductive epoxy. www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 201835c ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? september 11 , 2012 5 figure 3. sky13434 - 002 die dimensions www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3 t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 6 september 11 , 2012 ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? 201835c figure 4. sky13434 - 002 grip ring dimensions www.datasheet.net/ datasheet pdf - http://www..co.kr/
data sheet ? sky13434 - 002 sp3t switch skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376 - 3100 ? sales@skyworks inc.com ? www.skyworksinc.com 201835c ? skyworks proprietary i nformation ? products and product informatio n are subject to change without notice ? september 11 , 2012 7 ordering information model name manufacturing part number sky13434 - 002 0.1 - 6 .0 g hz sp3t/spdt wire - bondable gaas die sky13434 - 002 copyright ? 201 2 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyworks solutions, inc. (skyworks) products or services. these materials, including the information contained herein, are provided by skyworks as a service to its customers and may be used for informational purposes only by the customer. skyworks assumes no r esponsibility for errors or omissions in the se materials or the information contained herein. skyworks may change its documentation, products, services, specifications or product descriptio ns at any time, without notice. skyworks makes no commitment to update the materials or information and shall h ave no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. no license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this docume nt. skywo rks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of skyworks products, information or ma terials, except as may be provided in skyworks terms and conditions of sale . the materials, products and information are provided as is without warranty of any kind, whether express, implied, statutor y, or otherwise, including fitness for a particular purpose or use, merchantability, performance, quality or non - infringement of any intellectual property right; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, graphics or other items containe d within these materials. skyworks shall not be liable fo r any damages, including but not limited to any special, indirect, incidental, statutory, or consequential damages, including without limitation, lost revenues or lost profits that may result from the use of the materials or information, whether or not the recipient of materials has been advised of the possibility of such damage. skyworks products are not intended for use in medical, lifesaving or life - sustaining applications, or other equipment in which the failure of the skyworks products could lead to pe rsonal injury, death, physical or environmental damage. skyworks customers using or selling skyworks products for use in such applications d o so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sal e. customers are responsible for their products and applications using skyworks products, which may deviate from published speci fications as a result of design defects, errors, or operation of products outside of published parameters or design specificatio ns. customers should include design and operating safeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of skyworks products outs i de of stated published specifications or parameters. skyworks, the skyworks symbol, and breakthrough simplicity are trademarks or registered trademarks of skyworks solutions, i nc., in the united states and other countries. third - party brands and names ar e for identification purposes only, and are the property of their respective owners. additional information, including releva nt terms and conditions, posted at www.skyworksinc.com, are incorporated by reference. www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of SKY13434-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X