Part Number Hot Search : 
ADUM1286 FDR8702H MTB001 H5N2901 MPC536 MAX5453 G1812 ON2624
Product Description
Full Text Search
 

To Download SK510L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk52l thru SK510L 5 amp schottky rectifier 20 to 100 volts features ? high current capability ? for surface mount applications ? higher temp soldering : 2 6 0 for 10 seconds at terminals ? available on tape and reel mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sk52l sk52 20v 14v 20v sk53l sk53 30v 21v 30v sk54 l sk54 40v 28v 40v sk5 5 l sk5 55 0v 35 v 5 0v sk5 6 l sk5 660 v 42 v 60 v sk5 8 l sk5 88 0v 56 v 80 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 5.0a t a = 120 c peak forward surge current i fsm 100a 8.3ms, half sine maximum instantaneous forward voltage v f .55v .75v i fm = 5.0a; t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 1.0ma 20ma t j = 25 c t j = 100 c typical junction capacitance c j 200pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 200 sec, duty cycle 2% sk58l~ 510l .85v sk52l~54l sk55l~56l 0.070 0.190 0.125 suggested solder pad layout do-214ab (smc) ( lead frame) a b d c e f g h dimensions inches mm dim min max min max note a .260 .280 6.60 7.11 b .220 .245 5.59 6.22 c .006 .012 0.15 0.31 d. .030 .060 0.76 1 .. 52 e .305 .320 7.75 8.13 f .079 .103 2.00 2.62 g .108 .128 2.75 3.25 h .002 .008 0.050 0.203 c mcc  
 omp onents 20736 marilla street chatsworth       
     ? operating temperature: -55 o c to +150 o c ? storage temperature: -55 o c to +150 o c ? maximum thermal resistance; 1 6 o c/w junction to lead 55 c/w junction to ambient SK510L sk510 100v 70v 100v tm micro commercial components www. mccsemi .com 1 of 4 revision: b 2013/01/01 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating maximum ratings moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 60 80 120 140 160 180 0 1 2 3 single phase, half wave 60hz resistive or inductive load am p s c 100 4 5 6 figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 10 20 60 100 200 100 pf volts 600 400 40 400 1000 t j =25 c figure 1 typical forward characteristics instantaneous forward current - amperes versus instantaneous forward voltage - volts volts 40 60 200 100 amps .2 1.2 .4 .6 .8 1.0 .1 .2 .4 .6 1 2 4 6 10 20 25 c 400 600 1000 1.4 sk52l~sk54l sk5 5 l~56l mcc sk52l thru SK510L junction capacitance - pf versus reverse voltage - volts sk58l~SK510L tm micro commercial components www. mccsemi .com 2 of 4 revision: b 2013/0 1/01
figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts .4 .6 2 1 mamps 20 120 40 60 80 100 .001 .002 .004 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 1 100 4 0 50 75 8 figure 5 peak forward surge current peak forward surge cu rrent - amperes versus number of cycles at 60hz - cycles amps cycles 2 61020 60 80 40 100 150 mcc sk52l thru SK510L 25 c 75 c 100 c 125 25 tm micro commercial components www. mccsemi .com 3 of 4 revision: b 2013 /01/01
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: b 2013 /01/01 device packing part number-tp tape&reel: 3 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SK510L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X