Part Number Hot Search : 
C51CC01U AS300DA KIA7727P PC1313HA DDZX9714 ICS8521 MOG2388C TA7280P
Product Description
Full Text Search
 

To Download SBAS40-06LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 november, 2011 ? rev. 8 1 publication order number: bas40 ? 06lt1/d bas40-06lt1g, SBAS40-06LT1G common anode schottky barrier diodes these schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. extremely low forward voltage reduces conduction loss. miniature surface mount package is excellent for hand held and portable applications where space is limited. features ? extremely fast switching speed ? low forward voltage ? aec qualified and ppap capable ? s prefix for automotive and other applications requiring unique site and control change requirements ? these devices are pb ? free, halogen free/bfr free and are rohs compliant* maximum ratings rating symbol value unit reverse voltage v r 40 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. thermal characteristics characteristic symbol max unit forward power dissipation @ t a = 25 ? c derate above 25 ? c p f 225 1.8 mw mw/ ? c operating junction and storage temperature range t j , t stg ? 55 to +150 ? c forward continuous current i fm 120 ma single forward current t  1 s t  10 ms i fsm 200 600 ma thermal resistance (note 1) junction ? to ? ambient (note 2) r  ja 508 311 ? c/w 1. fr ? 4 @ minimum pad. 2. fr ? 4 @ 1.0 x 1.0 in pad. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. 40 volts schottky barrier diode device package shipping ? ordering information anode 3 cathode 1 2 cathode http://onsemi.com sot ? 23 (to ? 236) case 318 style 12 marking diagram l2 m   l2 = specific device code m = date code*  = pb ? free package ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d. bas40 ? 06lt1g sot ? 23 (pb ? free) 3,000 / tape & reel (note: microdot may be in either location) *date code orientation and/or overbar may vary depending upon manufacturing location. sbas40 ? 06lt1g sot ? 23 (pb ? free) 3,000 / tape & reel
bas40 ? 06lt1g, sbas40 ? 06lt1g http://onsemi.com 2 electrical characteristics (t a = 25 ? c unless otherwise noted) characteristic symbol min max unit reverse breakdown voltage (i r = 10  a) v (br)r 40 ? v total capacitance (v r = 1.0 v, f = 1.0 mhz) c t ? 5.0 pf reverse leakage (v r = 25 v) i r ? 1.0  adc forward v oltage (i f = 1.0 madc) v f ? 380 mvdc forward v oltage (i f = 10 madc) v f ? 500 mvdc forward v oltage (i f = 40 madc) v f ? 1.0 vdc 100 0 0.1 v f , forward voltage (volts) 0.2 0.3 0.4 0.5 10 1.0 0.1 85 ? c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 5.0 10 15 20 25 3.5 0 v r , reverse voltage (volts) 3.0 1.0 0.5 0 c t , capacitance (pf) 5.0 10 15 40 i f , forward current (ma) figure 1. typical forward voltage figure 2. reverse current versus reverse voltage figure 3. typical capacitance -40 ? c 25 ? c t a = 150 ? c 25 ? c i r , reverse current ( ? a) 0.8 -55 ? c 125 ? c 150 ? c 100 25 20 1.5 2.0 2.5 0.6 0.7 125 ? c 85 ? c 30 35
bas40 ? 06lt1g, sbas40 ? 06lt1g http://onsemi.com 3 package dimensions sot ? 23 (to ? 236) case 318 ? 08 issue ap d a1 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs.  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 soldering footprint view c l 0.25 l1  e e e b a see view c dim a min nom max min millimeters 0.89 1.00 1.11 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.37 0.44 0.50 0.015 c 0.09 0.13 0.18 0.003 d 2.80 2.90 3.04 0.110 e 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 l 0.10 0.20 0.30 0.004 0.040 0.044 0.002 0.004 0.018 0.020 0.005 0.007 0.114 0.120 0.051 0.055 0.075 0.081 0.008 0.012 nom max l1 h 2.10 2.40 2.64 0.083 0.094 0.104 h e 0.35 0.54 0.69 0.014 0.021 0.029 c 0 ??? 10 0 ??? 10  ? ? ? ? style 12: pin 1. cathode 2. cathode 3. anode on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 bas40 ? 06lt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc a sales representative


▲Up To Search▲   

 
Price & Availability of SBAS40-06LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X