Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download SAS9217-8I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8-port sas hba provides high performance for internal storage connections overview lsi sas 9217-8i host bus adapter provides high performance for internal drive connectivity in 1u/2u servers and workstations. the lsi SAS9217-8I provides 8 lanes of 6gb/s sas and is matched with 8 lanes of pci express 3.0, 8gb/s performance to eliminate any performance bottlenecks. performance is based on the lsisas2308 6gb/s sas io controller that highly integrates the latest enhancements in pci express and sas technology. the lsi sas 9217-8i has two (x4) internal mini-sas connectors (sff8087) and provides sas and sata data transfer rates of 1.5, 3, and 6gb/s per lane. the lsi sas 9217-8i offers integrated raid (r0,1,10,1e) support. due to simplifying the configuration options and offering a ir firmware support for its 6gb/s sas host adapters, the lsi integrated raid solution provides a low cost solution for the server or workstation market that requires the extra performance, storage capacity, and/or redundancy of a raid configuration. the lsi integrated raid solution includes the following raid features: ? the integrated mirroring solution, which provides features of raid 1 ? the integrated mirroring + striping solution, which provides features of raid 10 ? the integrated mirroring enhanced solution, which provides features of raid 1 ? enhanced (raid 1e) ? the integrated striping solution, which provides features of raid 0 sas leadership lsi offers the broadest sas product portfolio in the industry with true end-to-end solutions including controllers, expanders, active-active multiplexers, rocs, host bus adapters, raid solutions, and external storage. lsis proven sas core has completed extensive stress and interoperability testing resulting in the industrys most robust, interoperable solution. lsi has supplied leading edge serial technology to systems throughout the world for over seven generations, making lsi the most experienced enabler of serial interconnect for storage in the world. integrators can be assured that their lsi adapter is providing the most advanced and robust serial technology available. fusion mpt architecture the lsi sas host bus adapters are based on the fusion mpt? architected sas controllers, which implements lsis fusion-mpt (message passing technology) architecture. each controller features embedded powerpc? processors that deliver maximum host cpu offload. the built-in intelligence enables lsi to publish a single binary os driver to operate any fusion mpt controller or adapter. the architecture enables high performance, reduced software development, and faster time to market. key features: n 8 internal 6gb/s sas+sata ports n 8 lanes, pci express 3.0 n low profle form factor design n two x4 internal mini-sas connectors (sff8087) n lsisas2308 6gb/s sas+sata controller n supports up to 256 sas or sata end devices n supports ssds, hdds and tape drives n ofers integrated raid (0, 1, 1e and 10) key advantages: n provides internal connectivity in a low profle form factor n 8 lanes of pci express 3.0 provides fast signaling for high-bandwidth applications n high performance with 6gb/s data transfer rates lsi SAS9217-8I lsi sas 9217-8i 8-port, 6gb/s sas+sata to pci express host bus adapter product brief
lsi sas 9217-8 i host bus adapter io controller lsi sas2308/ fusion mpt 2.0 storage connectivity data transfer rates 8 ports, 6gb/s sas 2.1 compliant sas bandwidth half duplex 600 mb/s per lane port confgurations 8 ea, x1 ports (individual drives) 2 ea, x4 wide port host bus x8 lane, pci express 3.0 compliant pci data burst transfer rates half duplex x8, pcie, 8000 mb/s physical dimensions low profle (2.6 x 6.6) connectors two mini-sas internal connectors (sff8087) brackets full height and low profle cable support passive copper pci card type 3.3 v add-in card operating voltage +12v +/-8%; 3.3v +/-9% pci power (nominal) 9.8w device support 256 non-raid devices integrated raid (ir) 14 spread across 2 volumes raid 0 10 per volume raid 1 2 per volume plus hot spare raid 1e 10 per volume raid 10 10 per volume environmental operating 0 o c to 55 o c 5 to 90% non-condensing storage -45c to 105c 5 to 90% non-condensing mtbf >2,000,000 regulatory certifcations emc: class b-us (cfr 47, p15b); canada (ices-003); japan (v-3/02.04); europe (en55022/en55024); australia/new zealand (as/nzs 3548); korea (n-b 2-0001-404); safety: en60950; rohs; weee os support microsoft windows, linux (suse , red hat), solaris, vmware, freebsd see http://www.lsi.com/channel/channeldownloads for details on versions warranty 3 years; with advanced replacement option free technical support at http://www.lsi.com/channel/support for more information and sales ofce locations, please visit the lsi website at: www.lsi.com lsi, lsi and design logo and fusion-mpt are trademarks or registered trademarks of lsi corporation. all other brand and product names may be trademarks of their respective companies. lsi corporation reserves the right to make changes to any products and services herein at any time without notice. lsi does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by lsi; nor does the purchase, lease, or use of a product or service from lsi convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual property rights of lsi or of third parties. copyright ?2013 by lsi corporation. all rights reserved. > 0213 north american headquarters milpitas, ca t: +1.866.574.5741 (within u.s.) t: +1.408.954.3108 (outside u.s.) lsi europe ltd. european headquarters united kingdom t: [+44] 1344.413200 lsi kk headquarters tokyo, japan tel: [+81] 3.5463.7165 product brief


▲Up To Search▲   

 
Price & Availability of SAS9217-8I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X