8-port sas hba provides high performance for internal and external storage connections overview the avago sas 9212-4i4e host bus adapter provides high performance for internal and external storage connections. the sas 9212-4i4e provides 8 lanes of 6gb/s sas and is matched with 8 lanes of pci express (pcie) 2.0 5gb/s performance to eliminate bottlenecks. performance is based on the sas 2008 io controller that highly integrates the latest enhancements in pcie and sas technology. the sas 9212-4i4e has four x1 internal sata connectors and one x4 mini-sas external connector (sff8088) enabling a low profle solution which provide sas and sata data transfer rates of 1.5, 3 and 6gb/s per lane through automatic speed negotiation that can achieve over 320,000 iops. enhanced features include t-10 protection information model for early detection of and recovery from data corruption, and spread spectrum clocking (ssc) for minimal emi. storage by lsi ? avago technologies products serve four primary target markets: wireless communications, wired infrastructure, enterprise storage, and industrial. avago storage by lsi ofers the industrys broadest portfolio of storage solutions, backed by decades of experience and trusted by the worlds leading server and storage suppliers. avago provides the building blocks for storage solutions that help customers understand, prioritize, store and protect critical data. the avago sas portfolio includes megaraid ? controller cards, host bus adapters (hbas), advanced software options, syncro ? shared das solutions and sas storage ics, including raid- on-chip (rocs), i/o controllers and expanders. fusion-mpt ? architecture fusion-mpt architecture marks the next generation of i/o architecture designed to deliver the highest performance available today while reducing time to market, integration, and certifcation time. fusion-mpt devices are high performance, cost-efective protocol controllers that represent the newest system- level integration technology in intelligent i/o processors from avago. key features 4 internal and 4 external 6gb/s sas+sata ports 8 lanes, pcie 2.0 low profle form factor design four x1 internal sata connectors one x4 mini-sas external connector (sff8088) lsisas2008 6gb/s sas+sata controller supports up to 256 sas or sata end devices supports ssds, hdds and tape drives ofers integrated raid (0, 1, 1e and 10) key advantages provides state of the art connectivity for servers and appliances with internal storage and the ability to add external storage 8 lanes of pcie 2.0 provides fast signaling for high-bandwidth applications high performance with 6gb/s data transfer rates avago sas 9212-4i4e 8-port, 6gb/s sas+sata to pci express host bus adapter product brief
sas 9212-4i4e host bus adapter io controller sas2008/ fusion mpt 2.0 storage connectivity ; data transfer rates 8 ports, 6gb/s sas 2.0 compliant sas bandwidth half duplex 600 mb/s per lane port confgurations 4 ea, x1 internal ports (individual drives) 4 ea, x1 external ports 1ea, x4 external wide port host bus x8 lane, pci express 2.0 compliant pci data burst transfer rates half duplex x8, pcie, 4000 mb/s physical dimensions low profle (2.6 x 6.6) connectors four x1 internal sata , one x4 external mini-sas (sff8088) brackets full height and low profle cable support passive copper host bus type x8 lane, pci express 2.0 pci card type 3.3 v add-in card operating voltage +12v +/-8%; 3.3v +/-8% pci power (nominal) 9w typical (airfow min 200 lfm) device support 256 non-raid sas/sata devices integrated raid (ir) raid 0 raid 1 raid 1e raid 10 14 spread across 2 volumes 10 per volume 2 per volume plus hot spare 10 per volume 10 per volume environmental operating 0 o c to 55 o c 5 to 90% non-condensing storage -45c to 105c 5 to 90% non-condensing mtbf >2,000,000 hours regulatory certifcations emc: class b-us (cfr 47, p15b); canada (ices-003); japan (v-3/02.04); europe (en55022/en55024); australia/new zealand (as/nzs 3548); safety: en60950; rohs; weee os support microsoft windows, linux (suse , red hat), solaris, vmware see http://www.lsi.com/support/pages/download-search.aspx for details on versions warranty 3 years; with advanced replacement option free technical support at http://www.lsi.com/support visit the avago storage by lsi website at: lsi.com avago, avago technologies, megaraid, syncro, fusion-mpt, and the storage by lsi logo are trademarks of avago technologies. all other trademarks are the property of their respective owners. copyright ?2014 avago technologies. all rights reserved. > 10.28.14 pb0106.en product brief
|