Part Number Hot Search : 
KS57C LM640 41000 4VHC1G SMA5J22A MM74H KBU8005 MCL10
Product Description
Full Text Search
 

To Download SAS9207-8E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8-port sas hba provides high performance for external jbod and external raid enclosures overview the avago sas 9207-8e host bus adapter provides high performance for 1u/2u mid to high- end servers that connect to large scale storage enclosures. the sas 9207-8e provides 8 lanes of 6gb/s sas matched with 8 lanes of pci express (pcie) 3.0, 8gb/s performance. performance is based on the sas 2308 6gb/s sas io controller that highly integrates the latest enhancements in pcie and sas technology. the sas 9207-8e has two (x4) external mini-sas connectors (sff8088) and provides sas and sata data transfer rates of 1.5, 3, and 6gb/s per lane and can achieve over 650k iops. storage by lsi ? avago technologies products serve four primary target markets: wireless communications, wired infrastructure, enterprise storage, and industrial. avago storage by lsi ofers the industrys broadest portfolio of storage solutions, backed by decades of experience and trusted by the worlds leading server and storage suppliers. avago provides the building blocks for storage solutions that help customers understand, prioritize, store and protect critical data. the avago sas portfolio includes megaraid ? controller cards, host bus adapters (hbas), advanced software options, syncro ? shared das solutions and sas storage ics, including raid- on-chip (rocs), i/o controllers and expanders. fusion-mpt ? architecture fusion-mpt architecture marks the next generation of i/o architecture designed to deliver the highest performance available today while reducing time to market, integration, and certifcation time. fusion-mpt devices are high performance, cost-efective protocol controllers that represent the newest system- level integration technology in intelligent i/o processors from avago. key features 8 external 6gb/s sas+sata ports 8 lanes, pcie 3.0 low profle form factor design two, x4 external mini-sas connectors (sff8088) sas 2308 6gb/s sas+sata controller supports up to 1024 sas or sata end devices supports ssds, hdds and tape drives key advantages maximum connectivity and performance in a low profle form factor 8 lanes of pcie 3.0 provides fast signaling for high-bandwidth applications and broad compatibility with latest motherboards high performance with 6gb/s data transfer rates avago sas 9207-8e 8-port, 6gb/s sas+sata to pcie host bus adapter product brief
sas 9207-8e host bus adapter io controller sas 2308, fusion mpt 2.0 storage connectivity data transfer rates 8 ports, 6gb/s sas 2.1 compliant sas bandwidth half duplex 600 mb/s per lane port confgurations 8 ea, x1 ports (individual drives) 2 ea, x4 wide ports host bus x8 lane, pci express 3.0 pci data burst transfer rates half duplex x8, pcie, 8000 mb/s physical dimensions low profle (2.7 x 6.6) connectors two mini-sas external connectors (sff8088) brackets full height and low profle cable support passive copper, active copper pci card type 3.3 v add-in card operating voltage +12v +/-8%; 3.3v +/-9% pci power (nominal) 9.8w device support 1024 non-raid sas/sata devices environmental operating 0 o c to 55 o c 5 to 90% non-condensing storage -45c to 105c 5 to 90% non-condensing mtbf >2,000,000 hrs regulatory certifcations emc: class b-us (cfr 47, p15b); canada (ices-003); japan (v-3/02.04); europe (en55022/en55024); australia/new zealand (as/nzs 3548); korea (n-b 2-0001-404); safety: en60950; rohs; weee os support microsoft windows, linux (suse , red hat), solaris, vmware, free bsd see http://www.lsi.com/support/pages/download-search.aspx for details on versions warranty 3 years; with advanced replacement option free technical support at http://www.lsi.com/support visit the avago storage by lsi website at: lsi.com avago, avago technologies, megaraid, syncro, fusion-mpt and the storage by lsi logo are trademarks of avago technologies. all other trademarks are the property of their respective owners. copyright ?2014 avago technologies. all rights reserved. > 10.28.14 pb0104.en product brief


▲Up To Search▲   

 
Price & Availability of SAS9207-8E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X