lsi SAS9201-16E lsi SAS9201-16E 16-port, 6gb/s sas+sata to pci express host bus adapter typical uses key features n 16 external 6gb/s sas+sata ports n 8 lanes, pci express 2.0 n standard height form factor n four x4 external mini-sas connectors (sff8088) n lsisas2116 6gb/s sas+sata controller n supports up to 512 sas or sata end devices n supports ssds, hdds and tape drives key advantages n maximum external connectivity and performance in a standard height form factor n 8 lanes of pci express 2.0 provides fast signaling for high-bandwidth applications and broad compatibility with latest motherboards n high performance with 6gb/s data transfer rates overview the lsi SAS9201-16E, quad port, host bus adapter provides maximum connectivity and performance for external jbod and external raid enclosures. the lsi sas920 1 -16e provides 16 lanes of 6gb/s sas connectivity to 8 lanes of pci express 2.0. performance is based on the lsisas2116 io controller that highly integrates the latest enhancements in pci express and sas technology. the hba supports up to 512 sas or sata devices. the lsi SAS9201-16E has four (x4) external mini -sas connectors (sff8088) enabling a solution which provide sas and sata data transfer rates of 1.5, 3 and 6gb/s per lane through automatic speed negotiation that can achieve over 430,000 iops. enhanced features include t-10 protection information model for early detection of and recovery from data corruption, and spread spectrum clocking (ssc) for minimal emi. sas leadership lsi offers the broadest sas product portfolio in the industry with true end-to-end solutions including controllers, expanders, active-active multiplexers, rocs, host bus adapters, raid solutions, and external storage. lsis proven sas core has completed extensive stress and interoperability testing resulting in the industrys most robust, interoperable solution. lsi has supplied leading edge serial technology to systems throughout the world for over seven generations, making lsi the most experienced enabler of serial interconnect for storage in the world. integrators can be assured that their lsi adapter is providing the most advanced and robust serial technology available. fusion mpt architecture the lsi sas host bus adapters are based on the fusion mpt? architected sas controllers, which implements lsis fusion-mpt (message passing technology) architecture. each controller features embedded powerpc? processors that deliver maximum host cpu offload. the built- in intelligence enables lsi to publish a single binary os driver to operate any fusion mpt controller or adapter. the architecture enables high performance, reduced software develop - ment, and faster time to market. product brief database file storage storage appliance email video surveillance video-on-demand lsi SAS9201-16E 16-port sas hba provides maximum connectivity and performance for external jbod and external raid enclosures
for more information and sales ofce locations, please visit the lsi web sites at: lsi.com lsi.com/channel lsi, lsi and design logo and fusion-mpt are trademarks or registered trademarks of lsi corporation. all other brand and product names may be trademarks of their respective companies. lsi corporation reserves the right to make changes to any products and services herein at any time without notice. lsi does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by lsi; nor does the purchase, lease, or use of a product or service from lsi convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual property rights of lsi or of third parties. copyright ?201 2 by lsi corporation. all rights reserved. july 2012 lsi sas9201-16 e host bus adapter io controller lsisas2116, fusion mpt 2.0 storage connectivity data transfer rates 16 ports; 6gb/s sas 2.0 compliant sas bandwidth half duplex 600 mb/s per lane port confgurations 16 ea, x1 ports (individual drives) 4 ea, x4 wide ports host bus x16 lane, pci express 2.0 compliant pci data burst transfer rates half duplex x8, pcie, 4000 mb/s 3.3 v add-in card physical dimensions full height (4.2 x 6.6) connectors four mini-sas external connectors (sff8088) brackets full height cable support passive, active copper pci card type 3.3 v add-in card operating voltage +12v +/-8%; 3.3v +/-8% pci power (nominal) 17w typical (airfow min 200 lfm) device support 512 non-raid sas/sata devices environmental operating 0 o c to 55 o c 5 to 90% non-condensing storage -45c to 105c 5 to 90% non-condensing mtbf >2,000,000 hours regulatory certifcations emc: class b-us (cfr 47, p15b); canada (ices-003); japan (v-3/02.04); europe (en55022/en55024); australia/ new zealand (as/nzs 3548); safety: en60950; rohs 6 of 6; weee os support microsoft windows, linux (suse , red hat), solaris, vmware see http://www.lsi.com/channel/channeldownloads for details on versions warranty 3 years; with advanced replacement option free technical support at http://www.lsi.com/channel/support
|