Part Number Hot Search : 
ZMY16G B8806 S1NBB 00GAL125 222E3 RM800B PD7507GC AC244
Product Description
Full Text Search
 

To Download SAS-9300-16P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for applications demanding high levels of storage connectivity and performance, 16-port 12gb/s sas hbas connect servers and appliances to internal and external storage, achieving close to 2 million iops. overview the avago sas 9300 16-port, 12gb/s sas hba family provides increased connectivity and maximum performance for high-end servers and appliances within internal storage, or connecting to large scale storage enclosures. the sas 9300 16-port hba family is based on the sas 3008 io controller, integrating the latest enhancements in sas and pci express ? (pcie) technology. the sas 9300-16e and sas 9300-16i support 16 sas ports operating at 12gb/s data transfer rates, and can reach close to 2 million iops. the 16-port adapter family supports 8 pcie lanes that comply with the latest pcie 3.0 specifcations. in addition, these adapters are backwards compatible with previous sas and pcie generations through automatic negotiation, and provide sas data transfer rates of 12, 6, and 3 gb/s per lane, and sata data transfer rates of 6 and 3gb/s per lane. avago technologies provides a broad suite of industry standard operating system drivers. avago storage by lsi ? avago technologies products serve four primary target markets: wireless communications, wired infrastructure, enterprise storage, and industrial. avago storage by lsi ofers the industrys broadest portfolio of storage solutions, backed by decades of experience and trusted by the worlds leading server and storage suppliers. avago provides the building blocks for storage solutions that help customers understand, prioritize, store and protect critical data. the avago 12gb/s sas portfolio includes megaraid ? controller cards, hbas, advanced software options, syncro ? shared das solutions and sas storage ics, including raid-on-chip (rocs), i/o controllers and expanders. fusion-mpt ? architecture the avago sas hbas are based on the fusion-mpt architected sas controllers, which implements the fusion-mpt (message passing technology) architecture. each controller features embedded powerpc ? processors that help deliver maximum host cpu ofoad. the built-in intelligence enables avago to publish a single binary os driver to operate any fusion-mpt controller or adapter. this architecture helps enable high performance, reduced software development, and faster time to market. key features n 16 external or internal 12gb/s sas + sata ports n 8 lanes, pcie 3.0 n 2 sas 3008 12gb/s sas + sata controllers n supports ssds, hdds, and tape drives key advantages n high performance with 12gb/s data transfer rates with full size form factor n 8 lanes of pcie 3.0 provides fast signaling for high bandwidth applications avago technologies sas 9300 16-port 12gb/s sas host bus adapter (hba) family product brief
avago 9300 16-port hbas sas 9300-16i sas 9300-16e io controller two, sas 3008/ fusion mpt 2.5 two, sas 3008/ fusion mpt 2.5 port count 16-port, internal 16-port, external connectors mini-sas hd sff8643 four (x4) mini-sas hd sff8644 four (x4) storage connectivity data transfer rates 12gb/s sas 3.0 compliant 12gb/s sas 3.0 compliant sas bandwidth half duplex (x16 wide bus) 19200 mb/s half duplex (x16 wide bus) 19200 mb/s port confgurations 16 ea, x1 ports (individual drives) 4ea, x4 wide ports 2 ea, x8 wide ports 16 ea, x1 ports (individual drives) 4ea, x4 wide ports 2 ea, x8 wide ports host bus x8 lane, pcie 3.0 x8 lane, pcie 3.0 pci data burst transfer rates half duplex x8, pcie 3.0, 8000 mb/s half duplex x8, pcie 3.0, 8000 mb/s form factor full height full height physical dimensions 4.4 x 6.1 4.4 x 6.6 brackets full height full height cable support passive copper, active optical passive copper, active copper led management reference sff-8485 (sgpio) compliant operating voltage +12v +/-8%; 3.3v +/-9% +12v +/-8%; 3.3v +/-9% pci power (nominal) 27w 28.6w *no active cable support device support 1024 non-raid devices 1024 non-raid devices environmental operating: 0c to 55c storage: -45c to 105c 5 to 90% non-condensing airfow: 200 lfm operating: 0c to 55c storage: -45c to 105c 5 to 90% non-condensing airfow: 200 lfm mtbf >2,500,000 hours >2,500,000 hours regulatory certifcations usa (fcc 47 cfr part 15 subpart b, class b); canada (ices -003, class b); taiwan (cns 13438) ;japan (vcci v-3) ; australia/new zealand (as/nzs cispr 22);korea (rra no 2013-24 & 25); europe (en55022/en55024); safety: en/iec/ ul 60950; rohs; weee os support microsoft windows, linux (suse , red hat), solaris, vmware, freebsd see http://www.lsi.com/support for details on versions * the hba supports solaris 10 and oracle ? provides a built in driver; installation of an avago driver is not required. for more informa - tion on the oracle solaris 10 driver and installation, sign in at the following oracle link: https://support.oracle.com/ contact oracle support for oracle driver or software support. warranty 3 years; with advanced replacement option free technical support at http://www.lsi.com/support ordering part number 9300-16i single lsi00447 9300-16e single lsi00342 visit the avago storage by lsi website at: lsi.com avago, avago technologies, megaraid, syncro, fusion-mpt and the storage by lsi logo are trademarks of avago technologies. all other trademarks are the property of their respective owners. copyright ?2014 avago technologies. all rights reserved. > 10.28.14 pb0073.en product brief


▲Up To Search▲   

 
Price & Availability of SAS-9300-16P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X