Part Number Hot Search : 
S4805 BZX84C18 2SC2983 IRFP460 11001 SF602 FR205 MDAG03
Product Description
Full Text Search
 

To Download RJR24FX502P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4.83 (.190) 2 3 1 2 3 1 2.41 (.095) 2 3 1 8.26 .64 (.325 .025 ) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.41 (.095) 10.64 (.419) 45 3 152.4 (6.00) min. length wire size: 30awg 9.53 .38 (.375 .015) 9.53 .38 (.375 .015) 3.81 + .25/-.13* (.150 +.010/-.005) 1.02 (.040) 1.57 (.062) min. adj. slot 1.52 (.060) .51 (.020) .64 (.025) wide x x deep dia. 1.27 0.1 (.050 .004) 4.83 .13 (.190 .005 ) 9.53 (.375) 1.27 0.1 (.050 .004) 10.03 (.395) 1.52 (.060) .38 (.015) 6.40 1.32 (.252 .052) .51 .03 (.020 .001 ) 2.54 (.100) 2.54 (.100) min. dia. adj. slot 2.19 (.086) .56 (.022) .76 (.030) wide x x deep dia. features multiturn / cermet / industrial / sealed standoffs listed on the qpl per mil-prf-22097 and high-rel mil-prf-39035 for trimmer applications/processing guidelines, click here rj24/rjr24 - 3/8 ? square trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ?trimpot? is a registered trademark of bourns, inc. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. electrical characteristics standard resistance range ........................ 10 ohms to 1 megohm (see standard resistance table) resistance tolerance ............ ?0 % std. absolute minimum resistance rj24 ..................2 % or 20 ohms max. (whichever is greater) rjr24 .................2 % or 2 ohms max. (whichever is greater) contact resistance variation .........................3.0 % or 3 ohms max. (whichever is greater) adjustability voltage ...................................?.01 % resistance .............................?.05 % resolution.................................... in nite insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level ............................ 1,000 vac 80,000 feet ............................ 400 vac effective travel .................25 turns nom. environmental characteristics power rating (300 volts max.) 85 ? ...................................... 0.5 watt 150 ? ....................................... 0 watt temperature range ................................-55 ? to +150 ? temperature coef cient .......................................?00 ppm/? seal test ...................... 85 ? fluorinert* humidity........ mil-std-202 method 106 rj24 ......................................96 hours (1 % tr, 10 megohms ir) rjr24 ...................................96 hours (1 % tr, 100 megohms ir) vibration ....... 20 g (1 % tr; 1 % vr) shock.......... 100 g (1 % tr; 1 % vr) load life rj24 ....1,000 hours 0.5 watt @ 85 ? (2 % tr; 10% vr) rjr24 . 10,000 hours 0.5 watt @ 85 ? (3 % tr) rotational life...... 200 cycles (2 % tr) physical characteristics torque............................. 5.0 oz-in. max. mechanical stops ................. wiper idles terminals .........mil-std 202, method 208 weight ..................................... 0.025 oz. marking ................ mil-spec part number, date code wiper ............... 50 % (actual tr) ?0 % flammability ..........................u.l. 94v-0 standard packaging ..... 50 pcs. per tube adjustment tool .............................. h-90 product dimensions how to order rj24 f l 202 model characteristic f = ?00 ppm/? temp. coeff. max. terminal style resistance code rev. 04/14 tolerances: 0.25 except where noted (.010) rj24fl dimensions: mm (inches) mil-prf-22097 standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 common dimensions rj24fp/rjr24fp how to order rjr24 f w 502 r model characteristic f = ?00 ppm/? temp. coeff. max. terminal style resistance code failure rate m = 1.0 % p = 0.1 % r = 0.01 % mil-prf-39035 rj24fx/rjr24fx rj24fw/rjr24fw 1 3 green cw clockwise yellow ccw 2 wiper red available through distribution


▲Up To Search▲   

 
Price & Availability of RJR24FX502P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X