Part Number Hot Search : 
6EDK3 LVA477A PZU24DDG FZT788B R471G R471G LM5164 MPB031
Product Description
Full Text Search
 

To Download R5019ANX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R5019ANX ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) low input capacitance. 3) high esd. ? application switching ? packaging specifications ? inner circuit package bulk code - basic ordering unit (pieces) 500 R5019ANX ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v continuous i d ? 19 a i dp ? 76 a continuous i s 19 a i sp 76 a avalanche current i as 9.5 a avalanche energy e as 24.3 mj power dissipation p d 50 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25 ? c *3 limited only by maximum temperature allowed. *4 t c =25 ? c ? thermal resistance symbol limits unit channel to case r th (ch-c) 2.5 ? c / w pulsed parameter type source current (body diode) drain current parameter pulsed (1) gate (2) drain (3) source ? 1 body diode *4 *2 *2 *3 *1 *3 *1 to-220fm 4.5 2.8 0.75 3.2 ( 2 )( 3 )( 1 ) 0.8 2.54 2.6 2.54 1.3 1.2 14.0 12.0 8.02.5 10.0 15.0 (1) (3) (2) ?1 (1) gate (2) drain (3) source 1/5 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R5019ANX ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 500 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =500v, v gs =0v gate threshold voltage v gs (th) 2.5 - 4.5 v v ds =10v, i d =1ma forward transfer admittance l y fs l 6.5 - - s v ds =10v, i d =9.5a input capacitance c iss - 2050 - pf v ds =25v output capacitance c oss - 1200 - pf v gs =0v reverse transfer capacitance c rss - 50 - pf f=1mhz turn-on delay time t d(on) - 40 - ns v dd 250v, i d =9.5a rise time t r - 115 - ns v gs =10v turn-off delay time t d(off) - 165 - ns r l =26.3 ? fall time t f - 100 - ns r g =10 ? total gate charge q g - 55 - nc v dd 250v gate-source charge q gs - 10 - nc i d =19a gate-drain charge q gd - 24 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =19a, v gs =0v *pulsed 0.18 0.24 parameter conditions conditions ? parameter static drain-source on-state resistance r ds (on) i d =9.5a, v gs =10v - * * * * * * * * * * 2/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5019ANX ? electrical characteristic curves 0.01 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v gs = 0v pulsed t a =125 t a = 75 t a = 25 t a = - 25 0.01 0.1 1 10 0.1 1 10 100 v gs = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10v i d = 1ma 0 1 2 3 4 5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =5.0v v gs =4.5v v gs =10.0v v gs =6.0v v gs = 7.0v v gs =8.0v v gs =6.5v t a =25 pulsed 0 2 4 6 8 10 12 14 16 18 0 1 2 3 4 5 6 7 8 9 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =10.0v v gs =7.0v v gs =6.5v v gs =5.0v v gs =4.5v v gs =8.0v v gs =6.0v t a =25 pulsed 0.001 0.01 0.1 1 10 100 0 1 2 3 4 5 6 7 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.3 typical transfer characteristics gate - source voltage : v gs (v) drain current : i d (a) fig.4 gate threshold voltage vs. channel temperature channel temperature: t ch ( ) gate threshold voltage: v gs(th) (v) fig.5 static drain - source on - state resistance vs. drain current drain current : i d (a) static drain - source on - state resistance : r ds(on) ( ) 0 0.1 0.2 0.3 0.4 0.5 0 2 4 6 8 10 12 14 16 18 20 static drain - source on - state resistance r ds(on) [ ] gate - source voltage : v gs [v] fig.6 static drain - source on - state resistance vs. gate - source voltage i d =19a i d =9.5a t a =25 pulsed channel temperature: t ch ( ) static drain - source on - state resistance : r ds(on) ( ) 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.8 forward transfer admittance vs. drain current drain current : i d (a) forward transfer admittance : |yfs| (s) fig.9 source current vs. sourse - drain voltage source - drain voltage : v sd (v) source current : i s (a) 0 0.1 0.2 0.3 0.4 0.5 -50 -25 0 25 50 75 100 125 150 fig.7 static drain - source on - state resistance vs. channel temperature v gs = 10v pulsed i d = 9.5a i d = 19.0a 3/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5019ANX 10 100 1000 10000 0 1 10 100 fig.12 reverse recovery time vs. source current ta= 25 di / dt= 100a / s v gs = 0v pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 c iss c oss c rss ta= 25 f= 1mhz v gs = 0v fig.10 typical capacitance vs. drain - source voltage drain - source voltage : v ds (v) capacitance : c (pf) 0 5 10 15 0 10 20 30 40 50 60 70 ta= 25 v dd = 250v i d = 19a r g = 10 pulsed fig.11 dynamic input characteristics total gate charge : q g (nc) gate - source voltage : v gs (v) source current : i s (a) reverse recovery time: t rr (ns) fig.13 switching characteristics drain current : i d (a) switching time : t (ns) 1 10 100 1000 10000 0.01 0.1 1 10 100 v dd P 250v v gs =10v r g =10 w t a =25 pulsed t r t f t d(off) t d(on) 4/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5019ANX ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 f ig.2-1 gate charge measurement circuit v gs i g(const.) r g v d s d.u.t. i d r l v dd 5/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R5019ANX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X