Part Number Hot Search : 
SAA71 TESDE24V LC7823N 0603C AN802 225006 215DH 225006
Product Description
Full Text Search
 

To Download R4000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  fast switching  low leakage  high surge capability  high current capability  high temperature soldering guaranteed: at 5lbs. (2.3kg) tension. mechanical data  case: transfer molded plastic  epoxy: ul94v - 0 rate flame retardant  polarity: color band denotes cathode end.  lead: plated slug, solderable per mil - std 202 e method 208c  mounting position: any  weight: 0.012 ounce, 0.33grams (do-41) 0.014 ounce, 0.39 grams (do-15) maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% symbols r 1200 f r 1500 f r 1800 f r 2000 f r 2500 f r 3000 f r 4000 f r 5000 f unit maximum repetitive peak reverse voltage v rrm 1200        volts maximum rms voltage v rms 840  
        volts maximum dc blocking voltage v dc 1200        volts maximum average forward rectified current, 0.375" (9.5mm) lead length at t a = 50  peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) maximum instantaneous forward voltage drop at 0.5a / 0.2a maximum dc reverse current at rated dc blocking voltage ta = 25  maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length at t a = 55  maximum reverse recovery time (note 1)` t rr ns operating and storage temperature range t j , t stg  notes: 1. test condition : i f = 0.5a, i r = 1.0a, i rr = 0.25a high voltage silicon rectifier (-65 to +150) i r i (av)    amps 260  /10 seconds. 0.375" (9.5mm) lead length ma (r1200f - r20 0 a
   volts voltage range 1200 to 5000 volts current 0.2 - 0.5 amperes (r2500f - r5000f ) i r(av)  500  v f  
 30 i fsm r1200f-r5000f http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
10 inductive noninductive fig.4-test circuit diagram and 1 megohm. 22pf 2.rise time=10ns max. source impedance= notes: 1.rise time =7ns max. input impedance= reverse recovery time characteristic fig.3-typical reverse reverse voltage,(%) 40 percent of rated peak ambient temperature, ( c) 0 instantaneous reverse current, 0.01 (a) 1.0 0.1 10 25 0 120 80 50 ohms t =25 c j characteristics 100 75 50 150 125 non 1 d.u.t. 50 25 vdc (approx.) (+) (-) noninductive 175 derating curve fig.1-typical forward current average forward current, (ma) 500 200 0 inductive load 0.375"(9.5mm) lead length resistive or r2500f-r 5000f half wave 60hz single phase r1 20 0f -r 20 00 f current, (a) peak forward surge set time base for 50/100ns/cm number of cycles at 60 hz pulse generatior (note 2) (note 1) oscilloscope +0.5a 0 -0.25a -1.0a (-) (+) 2 1 0 6 8 10 4 trr 1cm 40 60 20 100 (jedec method) =t forward surge current 8.3ms single half sine-wave fig.2-maximum non-repetitive peak 1 cycle 20 30 10 t j j max r1200f-r5000f http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of R4000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X