Part Number Hot Search : 
LA743 DTC143Z TB0400A VM800B UFS160G KBU601 SB280 N4800
Product Description
Full Text Search
 

To Download R4000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R4000F thru r5000f 200 m illiamp high voltage silicon rectifier 4000 to 5000 volts features ? low cost ? low leakage ? low forward voltage drop ? high voltage dimensions inches mm dim min max min max note a .230 .300 5.80 7.60 b .104 .140 2.60 3.60 c .026 .034 .70 .90 d 1.000 --- 25.40 --- maximum ratings ? operating temperature: -65 c to +150 c ? storage temperature: -65 c to +150 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage R4000F R4000F 4000v 2800v 4000v r5000f r5000f 5000v 3500v 5000v do-15 a b c d d cathode mark  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 2011/01/01 electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 200ma t a = 50  peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 6.5v i fm = 0.2a; t a = 50  maximum dc reverse current at rated dc blocking voltage i r 5.0 a 40 a t a = 25  t a = 100  maximum full load reverse current, full cycle average 9.5mm lead length at t l =75  i r(av) 30 a maximum reverse recovery time t rr 500ns tm micro commercial components www. mccsemi .com 1 of 2 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. a epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mcc tm micro commercial components www. mccsemi .com 2 of 2 revision: a 2011/01/01 4 device packing part number-tp tape&reel: 4kpcs/reel part number-ap ammo packing: 3kpcs/ammo box part number-bp bulk: 25kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of R4000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X