Part Number Hot Search : 
M215QGN BCX71 THN6501E APW1175 XJXXX SMZJ3790 NSPW570 EM78P1
Product Description
Full Text Search
 

To Download R1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1200 thru r2000 500 m illiamp high voltage silicon rectifier 1200 to 2000 volts features ? low cost ? high current capability ? high voltage maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage r1200 r1200 1200v 840v 1200v R1500 R1500 1500v 1050v 1500v r1800 r1800 1800v 1260v 1800v r2000 r2000 2000v 1400v 2000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 500ma t a = 50 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage r1200-r1800 r2000 v f 2.0v 3.0v i fm = 0.5a; t a = 50 c maximum dc reverse current at rated dc blocking voltage i r 5.0 a 50 a t a = 25 c t a = 100 c typical junction capacitance c j 30pf measured at 1.0mhz, v r =4.0v do-41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
r1200 - r2000 1 100 4 0 5 10 15 8 figure 3 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 instantaneous reverse current - micro amps versus percent of rated peak reverse voltage - volts figure 1 typical reverse characteristics 0 120 20 40 60 80 .01 .02 .04 .06 t j = 25 c a volts 100 .08 .1 .2 .4 .6 .8 1 2 4 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 150 25 50 75 100 0 100 200 300 single phase, half wave 60hz resistive or inductive load ma c 125 400 500 600 mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of R1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X