Part Number Hot Search : 
74F51PC C450M1 C1206 83905 C2001 SSTX4930 MAX334 47100
Product Description
Full Text Search
 

To Download PESD5V0F5UF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description femtofarad capacitance unidirectional electr ostatic discharge (esd) protection diode array designed to protect up to five signal lines from the damage caused by esd and other transients. the device is encapsulated in a leadless ultra small dfn1410-6 (sot886) surface-mounted device (smd) plastic package. the combination of extremely low capacitance, high esd maximum rating and ultra small package makes the device ideal for high- speed data line protection and antenna protection applications. 1.2 features and benefits 1.3 applications 1.4 quick reference data pesd5v0f5uf femtofarad unidirectional fi vefold esd protection array rev. 1 ? 17 july 2012 product data sheet xson6 ? esd protection of up to 5 lines ? iec 61000-4-2; level 4 (esd) ? low diode capacitance c d =0.55pf ? iec 61000-4-5 (surge); i ppm =2a ? ultra low leakage current i rm <1na ? aec-q101 qualified ? esd protection up to 8 kv ? computers and peripherals ? communication systems ? audio and video equipment ? portable electronics ? cellular handsets and accessories ? sim card protection ? 10/100/1000 mbit/s ethernet ? high-speed data lines table 1. quick reference data t amb =25 ? c unless otherwise specified. symbol parameter conditions min typ max unit v rwm reverse standoff voltage - - 5 v c d diode capacitance f = 1 mhz; v r = 0 v - 0.55 0.7 pf
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 2 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 2. pinning information 3. ordering information 4. marking table 2. pinning pin description simplified outline graphic symbol 1 cathode 2 common anode 3 cathode 4 cathode 5 cathode 6 cathode transparent top view 456 321 6 1 5 2 4 3 006aaa159 table 3. ordering information type number package name description version pesd5v0f5uf dfn1410-6 plastic extremel y thin small outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 table 4. marking codes type number marking code pesd5v0f5uf ut
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 3 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 5. limiting values [1] device stressed with 8/20 ? s exponential decay waveform according to iec 61000-4-5 and iec 61643-321. [2] measured from pin 1, 3, 4, 5 or 6 to pin 2. [1] device stressed with ten non-repetitive esd pulses. [2] measured from pin 1, 3, 4, 5 or 6 to pin 2. table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit i ppm rated peak pulse current t p =8/20 ? s [1] [2] -2a t j junction temperature - 150 ?c t amb ambient temperature ? 55 +150 ?c t stg storage temperature ? 65 +150 ?c table 6. esd maximum ratings t amb =25 ? c unless otherwise specified. symbol parameter conditions min max unit v esd electrostatic discharge voltage iec 61000-4-2 (contact discharge) [1] [2] -8kv iec 61000-4-2 (air discharge) [1] [2] -8kv machine model [2] - 400 v mil-std-883 (human body model) - 10 kv table 7. esd standards compliance standard conditions iec 61000-4-2; level 4 (esd) > 8 kv (contact) mil-std-883; class 3b (human body model) > 8 kv
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 4 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 6. characteristics [1] device stressed with 8/20 ? s exponential decay waveform according to iec 61000-4-5 and iec 61643-321. [2] measured from pin 1, 3, 4, 5 or 6 to pin 2. [3] non-repetitive current pulse, transmission line pulse (tlp) t p = 100 ns; square pulse; ans/iesd stm5-1-2008. fig 1. 8/20 ? s pulse waveform according to iec 61000-4-5 and iec 61643-321 fig 2. esd pulse waveform according to iec 61000-4-2 t (s) 040 30 10 20 001aaa630 40 80 120 i pp (%) 0 e ?t 100 % i pp ; 8 s 50 % i pp ; 20 s 001aaa631 i pp 100 % 90 % t 30 ns 60 ns 10 % t r = 0.7 ns to 1 ns table 8. characteristics t amb =25 ? c unless otherwise specified. symbol parameter conditions min typ max unit v rwm reverse standoff voltage --5v i rm reverse leakage current v rwm =5v - <1 10 na v br breakdown voltage i r =10ma 7.5 8.8 10 v c d diode capacitance f = 1 mhz; v r = 0 v - 0.55 0.7 pf v cl clamping voltage i pp =1a [1] [2] --13v i ppm =2a [1] [2] --15v r dyn dynamic resistance i r =10a [3] -1.1- ?
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 5 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array t amb =25 ? c fig 3. diode capacitance as a function of reverse voltage; typical values fig 4. crosstalk; typical values fig 5. v-i characteristics for a unid irectional esd protection diode    
          
     
   
  006aab324 ?v cl ?v br ?v rwm ?i rm ?i r ?i pp v i p-n ? + ?i ppm
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 6 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array fig 6. esd clamping test setup fig 7. clamped +8 kv pulse waveform (iec 61000-4-2 network) fig 8. clamped ? 8 kv pulse waveform (iec 61000-4-2 network)        ! "     #
$ %&'(    !   
)*+,&-.   / 0  /  #!#!12 3!22334 ( 1 "13 5)%6'7*89. 56*,':*&-7 !   
)*+,&-.  
  . 
+)   ;  9 
      5)%6'7*9. 56*,':*&-7 !   
)*+,&-. 9 

 .   +)   ;    
    +)   ;       9
  2    +)   ;    
  9    2  

pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 7 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 7. application information the device is designed for the protection of up to five unidirectional data or signal lines from surge pulses and esd damage. circuit board layout and pr otection device placement circuit board layout is critic al for the suppression of esd, electrical fast transient (eft) and surge transients. the following guidelines are recommended: 1. place the device as close to the in put terminal or connector as possible. 2. minimize the path length betwee n the device and the protected line. 3. keep parallel signal paths to a minimum. 4. avoid running protected conductors in parallel with unprotected conductors. 5. minimize all printed-circuit board (pcb) conductive loops including power and ground loops. 6. minimize the length of the transient return path to ground. 7. avoid using shared transient return paths to a common ground point. 8. use ground planes whenever possible. for multilayer pcbs, use ground vias. 8. test information 8.1 quality information this product has been qualified in accordance with the automotive electronics council (aec) standard q101 - stress test qualificat ion for discrete semiconductors , and is suitable for use in automotive applications. fig 9. typical application for unidirectional application of five lines fig 10. typical application for bidirectional application of four lines  -&+*%+<&)<&* #" =<>=**'+'6<)*  -&+*%+<&)<&* #" =<>=**'+'6<)*
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 8 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 9. package outline 10. packing information [1] for further information and the avai lability of packing methods, see section 14 . [2] t1: normal taping. [3] t4: 90 rotated reverse taping. fig 11. package outline dfn1410-6 (sot886) 04-07-22 dimensions in mm 0.25 0.17 0.40 0.32 0.35 0.27 0.5 0.6 1.05 0.95 1.5 1.4 0.5 0.50 max 0.04 max 3 2 1 4 5 6 table 9. packing methods the indicated -xxx are the last thre e digits of the 12nc ordering code. [1] type number package description packing quantity 5000 pesd5v0f5uf dfn1410-6 (sot886) 4 mm pitch, 8 mm tape and reel; t1 [2] -115 4 mm pitch, 8 mm tape and reel; t4 [3] -132
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 9 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 11. soldering fig 12. reflow soldering footprint dfn1410-6 (sot886) sot886_fr solder resist occupied area solder paste = solderland dimensions in mm 0.425 (6) 1.250 0.675 1.700 0.325 (6) 0.270 (6) 0.370 (6) 0.500 0.500
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 10 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 12. revision history table 10. revision history document id release date data sheet status change notice supersedes pesd5v0f5uf v.1 20120717 product data sheet - -
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 11 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 13.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
pesd5v0f5uf all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 17 july 2012 12 of 13 nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors pesd5v0f5uf femtofarad unidirectional fivefold esd protection array ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 17 july 2012 document identifier: pesd5v0f5uf please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 application information. . . . . . . . . . . . . . . . . . . 7 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 7 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 7 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 10 packing information . . . . . . . . . . . . . . . . . . . . . 8 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 11 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 contact information. . . . . . . . . . . . . . . . . . . . . 12 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of PESD5V0F5UF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X